PART |
Description |
Maker |
LC72720YV LC72720Y |
FMSS (DARC) and RDS Devices: RDS/RBDS single-chip signal processing Single-Chip RDS Signal-Processing System IC CMOS IC
|
Sanyo
|
LC72720NM LC72720N |
Single-Chip RDS Signal-Processing System LSI(?????嚎?垫???郴缁?俊?峰???SI锛?ぇ瑙?ā????佃矾锛? CMOS IC
|
Sanyo Electric Co.,Ltd. Sanyo Semicon Device
|
TDA7331 4971 TDA7331D |
SINGLE CHIP RDS DEMODULATOR FILTER SINGLE CHIP RDS DEMODULATOR FILTER From old datasheet system
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
TDA7331DTR |
SINGLE CHIP RDS DEMODULATOR FILTER
|
ST Microelectronics
|
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
AMS431L AMS431LA AMS431LAL AMS431LAM AMS431LAM1 AM |
MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:40V; Continuous Drain Current, Id:30A; On-Resistance, Rds(on):0.014ohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-252; Leaded Process Compatible:No .2V并联稳压 MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:150V; Continuous Drain Current, Id:25A; On-Resistance, Rds(on):0.06ohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-252; Leaded Process Compatible:Yes .2V并联稳压 MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:150V; Continuous Drain Current, Id:25A; On-Resistance, Rds(on):0.06ohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-252; Leaded Process Compatible:No RoHS Compliant: No .2V并联稳压 MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:60V; Continuous Drain Current, Id:25A; On-Resistance, Rds(on):0.045ohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-252; Leaded Process Compatible:No RoHS Compliant: No 1.2V SHUNT REGULATOR
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems]
|
AM29LV017D-120WCI AM29LV017D-120EC AM29LV017D-120W |
MOSFET; Drain Source Voltage, Vds:20V; Continuous Drain Current, Id:93A; On Resistance, Rds(on):5.7mohm; Rds(on) Test Voltage, Vgs:10V; Leaded Process Compatible:No; Package/Case:DPAK; Peak Reflow Compatible (260 C):No RoHS Compliant: No MOSFET; Drain Source Voltage, Vds:20V; Continuous Drain Current, Id:93A; On-Resistance, Rds(on):5.7mohm; Rds(on) Test Voltage, Vgs:10V; Continuous Drain Current - 100 Deg C:66A; Continuous Drain Current - 25 Deg C:93A RoHS Compliant: Yes x8 Flash EEPROM 20V Single N-Channel HEXFET Power MOSFET in a I-Pak package 20V Single N-Channel HEXFET Power MOSFET in a D-Pak package x8闪存EEPROM
|
Advanced Linear Devices, Inc.
|
M38023E7 M38022E3 M38021E2 M38025M2 M38025M1 M3802 |
RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer 1-Ch. 10-Bit 1.25 MSPS ADC 8-Ch., DSP/SPI, Hardware Configurable, Low Power 24-SOIC -40 to 85 TRANS PREBIASED NPN 200MW SOT-23 Screwless Socket Brdg.(50 pk) 8-BIT SINGLE-CHIP MICROCOMPUTER R1 单芯位CMOS微机 Single Output LDO, 500mA, Fixed(2.5V), Tight Output Accuracy of 2%, Thermal Overload Protection 20-TSSOP 0 to 125 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Sem... http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
TEA5766UK |
The TEA5766UK is a single chip electronically tuned FM stereo radio with Radio Data System (RDS) and
|
Philips Semiconductors
|
BU1920 BU1920FS BU1920F |
Audio LSIs > High frequency signal processing > Decoder for RBDS (RDS) RDS / RBDS DECODER
|
ROHM[Rohm]
|
M38067MC-453GP M38063M6-181GP M38067MC-204FP M3806 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer 3806 Series Microcontrollers: General Purpose, Large On-Chip Memory RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|