PART |
Description |
Maker |
IRHG563110 IRHG567110 IRHG563110P IRHG567110P IRHG |
-100V 100kRad Hi-Rel Dual 2N and 2P -Channel TID Hardened MOSFET in a MO-036AB package 100V Dual 2N- and 2P- Channel MOSFET in a MO-036AB package -100V 300kRad Hi-Rel Dual 2N and 2P -Channel TID Hardened MOSFET in a MO-036AB package RADIATION HARDENED POWER MOSFET THRU-HOLE 100V, Combination 2N-2P-CHANNEL
|
IRF[International Rectifier]
|
FDMQ8203 |
100V Dual N-Channel and Dual P-Channel PowerTrenchMOSFET, GreenBridgeSeries of High-Efficiency Bridge Rectifiers GreenBridgeTM Series of High-Efficiency Bridge Rectifiers Dual N-Channel and Dual P-Channel PowerTrench? MOSFET N-Channel: 100 V, 6 A, 110 mΩ P-Channel: -80 V, -6 A, 190 mΩ
|
Fairchild Semiconductor
|
IRFG5110 IRFG5110P IRFG5110N IRFG5110-15 |
Simple Drive Requirements 100V, Combination 2N-2P-CHANNEL -100V Single P-Channel Hi-Rel MOSFET in a MO-036AB package 100V Dual 2N- and 2P- Channel MOSFET in a MO-036AB package 100V Single N-Channel Hi-Rel MOSFET in a MO-036AB package
|
International Rectifier
|
FQP90N10V2 FQPF90N10V2 |
100V N-Channel Advanced QFET V2 series 100V N-Channel MOSFET 90 A, 100 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
AO4886 |
100V Dual N-Channel MOSFET
|
Alpha & Omega Semiconductor...
|
IRF140 |
Repetitive Avalanche Ratings TRANSISTORS N-CHANNEL(Vdss=100V/ Rds(on)=0.077ohm/ Id=28A) TRANSISTORS N-CHANNEL(Vdss=100V, Rds(on)=0.077ohm, Id=28A) 100V Single N-Channel Hi-Rel MOSFET in a TO-204AE package
|
International Rectifier
|
IRF5Y3710CM |
POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.035ohm, Id=18A*) 功率MOSFET N沟道(减振钢板基本\u003d 100V的,的Rds(on)\u003d 0.035ohm,身份证\u003d 18A POWER MOSFET N-CHANNEL(Vdss=100V Rds(on)=0.035ohm Id=18A*) THRU-HOLE (TO-257AA) 100V, N-CHANNEL 100V Single N-Channel Hi-Rel MOSFET in a TO-257AA package
|
International Rectifier, Corp. IRF[International Rectifier]
|
FDS3912 |
100V Dual N-Channel PowerTrench MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
IRF5Y540CM |
100V Single N-Channel Hi-Rel MOSFET in a TO-257AA package THRU-HOLE (TO-257AA) 100V, N-CHANNEL POWER MOSFET N-CHANNEL(Vdss=100V Rds(on)=0.058ohm Id=18A*) POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.058ohm, Id=18A*)
|
IRF[International Rectifier]
|
HUFA75631SK8 HUFA75631SK8T |
5.5A, 100V, 0.039 Ohm, N-Channel, UltraFETPower MOSFET 5.5A, 100V, 0.039 Ohm, N-Channel, UltraFET Power MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 100V V(BR)DSS | 5.5A I(D) | SO
|
Fairchild Semiconductor Corporation
|
IRF5N3710 |
100V Single N-Channel Hi-Rel MOSFET in a SMD-1 package POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.028ohm, Id=45A)
|
IRF[International Rectifier]
|
IRF5M5210 IRF5M5210D IRF5M5210UPBF IRF5M5210-15 |
-100V Single P-Channel Hi-Rel MOSFET in a TO-254AA package 34 A, 100 V, 0.07 ohm, P-CHANNEL, Si, POWER, MOSFET POWER MOSFET P-CHANNEL(Vdss=-100V, Rds(on)=0.07ohm, Id=-34A) Avalanche Energy Ratings
|
IRF[International Rectifier]
|