PART |
Description |
Maker |
IDT74FCT521ASO IDT74FCT521ASOB IDT74FCT521B IDT74F |
FAST CMOS 8-BIT IDENTITY COMPARATOR
|
IDT[Integrated Device Technology]
|
PI74FCT162240T PI74FCT16240T PI74FCT162H240T PI74F |
Fast CMOS address/clock driver Fast CMOS 16-Bit Buffer /Line Drivers
|
Pericom Technology PERICOM[Pericom Semiconductor Corporation] Pericom Semiconductor Corpo...
|
BL-R313G BL-R513G BL-BX113G BL-BX113C BL-BX139 BL- |
BIGGER SIZE LED LAMPS (ROUND TYPES) 较大尺寸的LED节能灯(圆形类型 MBL /-5V/200MV RED 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-SOIC -55 to 125 High Speed CMOS Logic Phase-Locked Loop with VCO and Lock Detector 16-PDIP -55 to 125 High Speed CMOS Logic 8-Bit Shift Register with Input Storage 16-SOIC -55 to 125 High Speed CMOS Logic 4-by-4 Register File 16-SOIC -55 to 125 High Speed CMOS Logic Octal Transparent Latches with 3-State Outputs 20-SOIC -55 to 125 High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrators 16-PDIP -55 to 125
|
?╁??′唤?????? Yellow Stone, Corp. 早安股份有限公司
|
IDT74FCT162H272CTPA IDT74FCT162H272CTPAB IDT74FCT1 |
FAST CMOS 12-BIT SYNCHRONOUS BUS EXCHANGER FCT SERIES, 12-BIT EXCHANGER, TRUE OUTPUT, CDFP56 FAST CMOS 12-BIT SYNCHRONOUS BUS EXCHANGER FCT SERIES, 12-BIT EXCHANGER, TRUE OUTPUT, PDSO56 FAST CMOS 12-BIT SYNCHRONOUS BUS EXCHANGER 快速CMOS 12位同步总线交换 CAP 47UF 6V 10% TANT SMD-7343-31 TR-7-PL SN100% LOWESR-220 CAP 4.7UF 35V 20% TANT SMD-7343-31 TR-7-PL SN/PB5% LOWESR-700
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
GM71C17800C GM71C17800C-5 GM71C17800C-7 GM71C17800 |
x8 Fast Page Mode DRAM 2M X 8 FAST PAGE DRAM, 60 ns, PDSO28 x8 Fast Page Mode DRAM 2M X 8 FAST PAGE DRAM, 50 ns, PDSO28 2,097,152 WORDS x 8 BIT CMOS DYNAMIC RAM 2M X 8 FAST PAGE DRAM, 50 ns, PDSO28 x8 Fast Page Mode DRAM 2M X 8 FAST PAGE DRAM, 70 ns, PDSO28 2Mx8|5V|2K|5/6|FP/EDO DRAM - 16M IC LOGIC 1G125 SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUTS -40 85C SOT-23-5 3000/REEL 2/097/152 WORDS x 8 BIT CMOS DYNAMIC RAM
|
Hynix Semiconductor, Inc. Hynix Semiconductor Inc.
|
PIC18F242 PIC18F252 PIC18C242 PIC18 PIC18F8720 PIC |
Microcontroller The PIC18F6520 is the natural extension of the PIC18F452 device, providing more RAM, more I/Os, a second serial communication port (as well as more timers and CCP modules)on top of the same peripheral set. It is also upwards software compa The PIC18F8520 is the natural extension of the PIC18F452 device, providing more RAM, more I/Os, a second serial communication port (as well as more timers and CCP modules)on top of the same peripheral set. It is also upwards software compa
|
http:// MICROCHIP[Microchip Technology]
|
MB8116160A-70 |
CMOS 1 M ×16 BIT
Fast Page Mode DRAM(CMOS 1 M ×16 位快速页面存取模式动态RAM) CMOS 1 M ?16 BIT Fast Page Mode DRAM(CMOS 1 M ?16 浣?揩??〉?㈠???ā寮????AM)
|
Fujitsu Limited
|
MB8116400A-70 MB8116400A-50 MB8116400A-60 |
CMOS 4 M ×4 BIT
Fast Page Mode DRAM(CMOS 4 M ×4 位快速页面存取模式动态RAM) CMOS 4 M ?4 BIT Fast Page Mode DRAM(CMOS 4 M ?4 浣?揩??〉?㈠???ā寮????AM)
|
Fujitsu Limited
|
MC54F521J |
8-BIT IDENTITY COMPARATOR
|
Motorola
|
74AC520PC 74ACT520PC |
8-Bit Identity Comparator
|
Fairchild Semiconductor
|