PART |
Description |
Maker |
GS84032AB-100 GS84032AB-100I GS84032AB-150 GS84032 |
100MHz 12ns 128K x 32 4Mb sync burst SRAM 150MHz 10ns 128K x 32 4Mb sync burst SRAM 166MHz 8.5ns 128K x 32 4Mb sync burst SRAM
|
GSI Technology
|
LTC1876 |
High Efficiency, 2-Phase, Synchr., Dual, Step-Down Sw. Contr. W/ Step-Up Reg.
|
Linear
|
IS61VPS12836A-250B3I |
128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM 128K X 36 CACHE SRAM, 2.6 ns, PBGA165
|
Integrated Silicon Solution, Inc.
|
28C011TRT1FS 28C011TRPFS 28C011TRPFS-20 28C011TRPF |
1 Megabit (128K x 8-Bit) EEPROM 1兆位128K的8位)的EEPROM 1 Megabit (128K x 8-Bit) EEPROM 1兆位28K的8位)的EEPROM 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 5V, 200 ns, DFP32 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 5V, 120 ns, DFP32 CONNECTOR ACCESSORY POT 100K OHM THUMBWHEEL CERM ST
|
http:// NXP Semiconductors N.V. Maxwell Technologies, Inc
|
CY7C1350F CY7C1350F-100AC CY7C1350F-100AI CY7C1350 |
4-Mb (128K x 36) Pipelined SRAM with Nobl Architecture 128K X 36 ZBT SRAM, 2.8 ns, PBGA119 4-Mb (128K x 36) Pipelined SRAM with Nobl Architecture 128K X 36 ZBT SRAM, 4.5 ns, PQFP100 4-Mb (128K x 36) Pipelined SRAM with Nobl Architecture 128K X 36 ZBT SRAM, 2.6 ns, PBGA119 4-Mb (128K x 36) Pipelined SRAM with Nobl Architecture 128K X 36 ZBT SRAM, 2.6 ns, PQFP100 CABLE ASSEMBLY; LEAD-FREE SOLDER; SMA MALE TO SMA MALE; 50 OHM, PE-SR047FL (.047" RE-SHAPABLE) 128K X 36 ZBT SRAM, 3.5 ns, PQFP100 4-Mb (128K x 36) Pipelined SRAM with Nobl Architecture 128K X 36 ZBT SRAM, 2.8 ns, PQFP100 4-Mb (128K x 36) Pipelined SRAM with Nobl(TM) Architecture
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
AT27C010-15DI AT27C010-45TIT/R AT27C010-90KM AT27C |
128K X 8 UVPROM, 150 ns, CDIP32 128K X 8 OTPROM, 45 ns, PDSO32 128K X 8 UVPROM, 90 ns, CQCC32 128K X 8 UVPROM, 55 ns, CDIP32
|
ATMEL CORP
|
AS7C33128FT32_36B AS7C33128FT36B-80TQIN AS7C33128F |
3.3V 128K x 32/36 Flow Through Synchronous SRAM 3.3 128K的x 32/36流通过同步SRAM 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 36 STANDARD SRAM, 8 ns, PQFP100 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 32 STANDARD SRAM, 10 ns, PQFP100 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 32 STANDARD SRAM, 7.5 ns, PQFP100 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 32 STANDARD SRAM, 6.5 ns, PQFP100 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 36 STANDARD SRAM, 6.5 ns, PQFP100 128K X 32 STANDARD SRAM, 10 ns, PQFP100 14 X 20 MM, TQFP-100 LM3876 Overture™ Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute; Package: ISOLATED TO220; No of Pins: 11; Qty per Container: 20; Container: Rail LM3880/LM3880Q Power Sequencer; Package: SOT-23; No of Pins: 6; Qty per Container: 3000; Container: Reel LM3880/LM3880Q Power Sequencer; Package: SOT-23; No of Pins: 6; Qty per Container: 1000; Container: Reel Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. Integrated Silicon Solution, Inc. ALSC[Alliance Semiconductor Corporation]
|
28C010TRTDI-15 28C010TRPFB-15 28C010TRT2DI-12 28C0 |
1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 5V, 200 ns, DIP32 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 5V, 200 ns, DFP32 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 5V, 150 ns, DIP32 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 5V, 150 ns, DFP32 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 5V, 120 ns, DFP32 POT 200K OHM THUMBWHEEL CERM ST 128K X 8 EEPROM 5V, 200 ns, DFP32 150 x 32 pixel format, LED Backlight available 128K X 8 EEPROM 5V, 120 ns, DIP32 Low Profile Power Inductor; Inductor Type:Power; Inductance:1uH; Inductance Tolerance: /- 20 %; Series:HC2LP; Core Material:Ferrite; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes CONNECTOR ACCESSORY Film Capacitor; Voltage Rating:400VDC; Capacitor Dielectric Material:Polyester; Capacitance:0.068uF; Capacitance Tolerance: /- 10%; Lead Pitch:15mm; Leaded Process Compatible:No; Package/Case:F; Peak Reflow Compatible (260 C):No RoHS Compliant: No
|
http:// Maxwell Technologies, Inc
|
AT49F2048 AT49F2048-12RC AT49F2048-12RI AT49F2048- |
2-Megabit 128K x 16 5-volt Only CMOS Flash Memory 128K X 16 FLASH 5V PROM, 120 ns, PDSO44 Serial-To-Parallel Interface 20-TSSOP -40 to 85 128K X 16 FLASH 5V PROM, 70 ns, PDSO44 Dual 16-Bit Binary Counters with 3-State Output Registers 20-PDIP -40 to 85
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
GS840E18 GS840E36B-166I GS840E18B-166I GS840E32T-1 |
256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs 256K X 18 CACHE SRAM, 8.5 ns, PBGA119 256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs 128K X 36 CACHE SRAM, 8.5 ns, PBGA119 4Mb56K x 18Bit) Synchronous Burst SRAM(4M位(256K x 18位)同步静态RAM(带2位脉冲地址计数器))
|
http:// GSI Technology, Inc.
|
AS7C33128NTF32_36B AS7C33128NTF36B-80TQIN AS7C3312 |
3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD 128K X 36 ZBT SRAM, 8 ns, PQFP100 3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD 128K X 32 ZBT SRAM, 7.5 ns, PQFP100 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 128K X 36 ZBT SRAM, 10 ns, PQFP100 3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD 128K X 36 ZBT SRAM, 10 ns, PQFP100 3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD 128K X 36 ZBT SRAM, 7.5 ns, PQFP100 3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD 128K X 32 ZBT SRAM, 10 ns, PQFP100 LM194/LM394 Supermatch Pair; Package: TO-99; No of Pins: 6; Qty per Container: 500; Container: Box 128K X 36 ZBT SRAM, 7.5 ns, PQFP100 LM195/LM395 Ultra Reliable Power Transistors; Package: TO-220; No of Pins: 3; Qty per Container: 45; Container: Rail LM392 Low Power Operational Amplifier/Voltage Comparator; Package: SOIC NARROW; No of Pins: 8; Qty per Container: 95; Container: Rail 3.3V 128K × 32/36 Flowthrough Synchronous SRAM with NTDTM LM3916 Dot/Bar Display Driver; Package: MDIP; No of Pins: 18; Qty per Container: 20; Container: Rail LM392 Low Power Operational Amplifier/Voltage Comparator; Package: MDIP; No of Pins: 8; Qty per Container: 40; Container: Rail NTD? Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
|