PART |
Description |
Maker |
AZF-60S051 AZF-60C AZF-60S12 AZF-60S15 AZF-60S24 A |
60 Watts Universal Input Range AC/DC Power Modules
|
Minmax Technology Co., Ltd.
|
CCH74H3 CCH74C3 CCH74D3 |
75 Watt Modular Power Supply Universal AC Input Range
|
Lineage Power Corporati...
|
TSC3824 TSC3827 TSC3828 TSC3829 TSC1220 TSC1222 TS |
Input voltage range:80-160V output voltage 220V (0.8A) DC/DC converter Input voltage range:93-138V/185-264V, 50/60Hz, output voltage 48V (15A) DC/DC converter Input voltage range:160-320V output voltage 220V (10A) DC/DC converter Input voltage range:160-320V output voltage 110V (4A) DC/DC converter Input voltage range:80-160V output voltage 220V (1A) DC/DC converter Input voltage range:36-75V output voltage 5V (30A) DC/DC converter Input voltage range:36-75V output voltage 12V (15A) DC/DC converter Input voltage range:36-75V output voltage 220V (0.8A) DC/DC converter Input voltage range:36-75V output voltage 110V (1.5A) DC/DC converter Input voltage range:36-75V output voltage 24V (7.5A) DC/DC converter Input voltage range:36-75V output voltage 48V (3.6A) DC/DC converter Input voltage range:160-320V output voltage 24V (100A) DC/DC converter Input voltage range:160-320V output voltage 48V (45A) DC/DC converter Input voltage range:93-138V/185-264V, 50/60Hz, output voltage 220V (10A) DC/DC converter
|
TRACOPOWER[TRACO Electronic AG] TRACO[Traco Electronic AG]
|
TVL05-1220 TVL05-1225 TVL05-1516 TVL05-1520 TYL05- |
DC/DC Converter Multiconductor Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes SERVSWITCH USER CABLE FOR PS2 STYLE 50 FT Input voltage range:4.75-6V, output voltage /-12V ( /-200mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-12V ( /-250/125mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-165mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-200/100mA) DC/DC converter
|
TRACOPOWER[TRACO Electronic AG] TRACO ELECTRONIC AG.
|
DRM-24V120W1PN |
Universal AC input voltage range
|
Delta Electronics, Inc.
|
DRM-24V240W1PN |
Universal AC input voltage range
|
Delta Electronics, Inc.
|
EHA2-2602/883B EHA7-2602-2 EHA7-2602/883B EHA7-262 |
39µA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps; Temperature Range: Full-Range; Package: 6-SOT-23 T&R Single and Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp; Temperature Range: Full-Range Ind; Package: 10-uTQFN T&R Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp; Temperature Range: Full-Range Ind; Package: 16-QSOP Quad Precision Micropower Single Supply Rail-to-Rail Input and Output Precision Op Amps; Temperature Range: Full-Range Ind; Package: 16-QSOP Voltage-Feedback Operational Amplifier 电压反馈运算放大
|
TE Connectivity, Ltd.
|
ISL28268FUZ |
34µA Micro-power Single and Dual Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps; Temperature Range: Full-Range Ind; Package: 8-MSOP DUAL OP-AMP, 2600 uV OFFSET-MAX, 0.2 MHz BAND WIDTH, PDSO8
|
Intersil, Corp.
|
AEPDH1M8LB-85 AEPDS1M8LB-85N AEPDS1M8LB-85P AEPDS1 |
Low Power, Low Noise, Quad Universal Filter Building Block; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C Low Power, Low Noise, Quad Universal Filter Building Block; Package: SO; No of Pins: 24; Temperature Range: 0°C to 70°C Low Power, Low Noise, Quad Universal Filter Building Block; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C x8内存,未定义建筑 x8 DRAM ModuleUndefined Architecture x8内存,未定义建筑 x8 Page Mode DRAM Module x8页面模式内存模块 x8 Static Column Mode DRAM Module x8静态列模式DRAM模块 x8 Nibble Mode DRAM Module x8半字节模式记忆体模组
|
Lin Engineering, Inc. Unisonic Technologies Co., Ltd. Sullins Connector Solutions, Inc. Cypress Semiconductor, Corp.
|
LTC2321-12-15 |
Dual, 12-Bit Sign, 2Msps Differential Input ADC with Wide Input Common Mode Range
|
Linear Technology
|
LTC2323-12-15 |
Dual, 12-Bit Sign, 5Msps Differential Input ADC with Wide Input Common Mode Range
|
Linear Technology
|