PART |
Description |
Maker |
BS616LV1016 |
Asynchronous 1M(64Kx16) bits Static RAM
|
Brilliance Semiconductor
|
BS616LV8013 |
Asynchronous 8M(512Kx16) bits Static RAM From old datasheet system
|
BSI
|
BS62LV2000 |
Asynchronous 2M(256Kx8) bits Static RAM From old datasheet system
|
BSI
|
BS62LV2565 |
Asynchronous 256K(32Kx8) bits Static RAM From old datasheet system
|
BSI
|
LC35W1000BTS-70U LC35W1000B LC35W1000BTS-10U LC35W |
Asynchronous Silicon Gate 1M (131,072 words x 8 bits) SRAM Asynchronous Silicon Gate 1M (131,072 words x8 bits) SRAM
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
BS616LV4018 BS616LV4018EI BS616LV4018AC BS616LV401 |
Very Low Power/Voltage CMOS SRAM 256K X 16 bit 非常低功电压CMOS SRAM56 × 16 Asynchronous 4M(256Kx16) bits Static RAM From old datasheet system
|
Electronic Theatre Controls, Inc. Brilliance Semiconductor BSI ETC[ETC] List of Unclassifed Manufacturers
|
BS62LV4008 BS62LV4008TI BS62LV4008TC BS62LV4008STC |
From old datasheet system Asynchronous 4M(512Kx8) bits Static RAM Very Low Power/Voltage CMOS SRAM 512K X 8 bit 非常低功电压CMOS SRAM的为512k × 8
|
BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC. Brilliance Semiconducto...
|
IDT72T51333L5BB IDT72T51353L6BBI IDT72T51333 IDT72 |
2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION 589,824 bits, 1,179,648 bits and 2,359,296 bits
|
IDT[Integrated Device Technology]
|
IDT72T51236L5BB IDT72T51236L5BBI IDT72T51256L6BBI |
2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION 589,824 bits, 1,179,648 bits and 2,359,296 bits
|
IDT[Integrated Device Technology]
|
TC58FVT160AXB-70 TC58FVB160AXB-70 TC58FVB160AFT-70 |
TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 16-MBIT (2M 8 BITS / 1M 16 BITS) CMOS FLASH MEMORY 16-MBIT (2Mx8 BITS/1Mx16 BITS) CMOS FLASH MEMORY
|
Toshiba Corporation
|
IDT7203L20J IDT7203L20JB IDT7204L20J IDT7204L20JB |
CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 CMOS ASYNCHRONOUS FIFO 2048 x 9 4096 x 9 8192 x 9 and 16384 x 9 RES,SMD,100,1%,0.063W,0603 High-speed double diode - Cd max.: 1.5 pF; Configuration: dual c.c. ; IF max: 215 mA; IFSM max: 4 A; IR max: 500@VR=80V nA; IFRM: 500 mA; trr max: 4 ns; VFmax: 1@IF=50mA mV; VR max: 80 V Schottky barrier diode - Cd max.: 100@VR=4V pF; Configuration: single ; IF: 1 A; IFSM max: 25 A; IR max: 1@VR=25V mA; VFmax: 450@IF=1A mV; VR: 25 V CMOS ASYNCHRONOUS FIFO 2048 x 9/ 4096 x 9/ 8192 x 9 and 16384 x 9 Trenchmos (tm) logic level FET - Configuration: Single N-channel ; I<sub>D</sub> DC: 0.34 A; R<sub>DS(on)</sub>: 3900@10V5300@4.5V mOhm; V<sub>DS</sub>max: 60 V 异步FIFO的CMOS 2048 × 9096 × 9192 × 96384 × 9 INSERT, COAX FEMALE STRAIGHTINSERT, COAX FEMALE STRAIGHT; Impedance:50R; Coaxial cable type:RG174AU/RG188AU/RG316AU 16K X 9 OTHER FIFO, 50 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 30 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 异步FIFO的CMOS 2048 × 9096 × 9192 × 96384 × 9 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 16K X 9 OTHER FIFO, 50 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 16K X 9 OTHER FIFO, 50 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 16K X 9 OTHER FIFO, 50 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 20 ns, PQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 8K X 9 OTHER FIFO, 50 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 80 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 80 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 25 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 8K X 9 OTHER FIFO, 20 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 20 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 8K X 9 OTHER FIFO, 50 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 20 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 20 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 65 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 65 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 50 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 50 ns, PQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 25 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 50 ns, PQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 65 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 65 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 65 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 80 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 80 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 80 ns, CDIP28
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc. Air Cost Control INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Techn...
|
|