PART |
Description |
Maker |
S5J1118 |
1A Positive Low Dropout Fixed-Mode Regulato r With EN Function
|
SeCoS Halbleitertechnologie GmbH
|
NCP565D2T NCP565D2T12 NCP565 NCP565D2TR4G NCP565D2 |
1.5 A Low Dropout Linear Regulator 1.2 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 1.5A Adjustable Low Dropout Linear Regulator with Fast Transient Response
|
ONSEMI[ON Semiconductor]
|
7205ERPDC-30 7205ERPDS-30 7205ERPDE-30 7205ERPDP-2 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout x9 Asynchronous FIFO 150mA, Low-Dropout Linear Regulator with Power OK Output X9热卖异步FIFO
|
Ohmite Mfg. Co.
|
TC1189 TC1188 TC-1188 TC-1189 TC1188QECTTR TC1188R |
Delivering up to 120mA, the TC1188 and TC1189 are fixed output, low-dropout linear regulators that operate from a 2.5V to 6.0V ... Delivering up to 120mA, the TC1188 and TC1189 are fixed output, low-dropout linear regulators that operate from a 2.5V to 6.0V input range. The 50A supply current remains independent of load, making these devices ideal for battery-opera MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
|
MICROCHIP[Microchip Technology]
|
ADP3303 ADP3303AR-27 ADP3303AR-3 ADP3303AR-32 ADP3 |
High Accuracy anyCAP?200 mA Low Dropout Linear Regulator High Accuracy anyCAP® 200 mA Low Dropout Linear Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO8 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 2.7 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO8 RECTIFIER SCHOTTKY DUAL 40A 30V 375A-ifsm 0.58V-vf 1mA-ir TO-3P 30/TUBE RECTIFIER SCHOTTKY SINGLE 5A 30V 175A-ifsm 0.55V-vf 0.5mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY DUAL 40A 50V 375A-ifsm 0.7V-vf 1mA-ir TO-3P 30/TUBE High Accuracy anyCAP® 200 mA Low Dropout Linear Regulator High Accuracy anyCAP 200 mA Low Dropout Linear Regulator High Accuracy anyCAP⑩ 200 mA Low Dropout Linear Regulator High Accuracy anyCAP?/a> 200 mA Low Dropout Linear Regulator
|
Analog Devices, Inc. AD[Analog Devices]
|
CS8129YT5G CS8129YTVA5G CS8129 CS8129YDW16 CS8129Y |
5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold 5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold(5.0 V, 750 mA带较低复位(RESET)门限的低压差线性稳压器) 5V, 750mA Low Dropout Linear Regulator with Lower RESETbar Threshold; Package: SO-16 WB; No of Pins: 16; Container: Tape and Reel; Qty per Container: 1000 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO16
|
ONSEMI[ON Semiconductor]
|
NCP565D2T33G NCP565ST12T3G NCP565D2T12G NCP565D2T3 |
1.5 A Low Dropout Linear Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 1.5 A Low Dropout Linear Regulator 1.2 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO4 1.5 A Low Dropout Linear Regulator 1.2 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 1.5 A Low Dropout Linear Regulator 0.9 V-7.7 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO5
|
ON Semiconductor
|
MAX8875 MAX8875EUK25 MAX8875EUK25-T MAX8875EUK27 M |
150mA / Low-Dropout Linear Regulator with Power-OK Output 150mA, Low-Dropout Linear Regulator with Power-OK Output 2.5 V FIXED POSITIVE LDO REGULATOR, 0.22 V DROPOUT, PDSO5
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX8530 MAX8531 MAX8530ETT MAX8531ETT MAX8530EBT M |
Dual Low-Dropout Linear Regulator with RESET-bar or Low-Noise Output in UCSP or QFN Dual Low-Dropout Linear Regulators with RESETor Low-Noise Output in UCSP or QFN
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
NX1117C33Z NX1117CE285Z NX1117C19Z NX1117CE12Z NX1 |
Low-dropout linear regulators 3.3 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PDSO4 Low-dropout linear regulators 2.85 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PDSO4 Low-dropout linear regulators 低压差线性稳压器 Low-dropout linear regulators 5 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PDSO4
|
NXP Semiconductors N.V.
|
AZ1086D-1.8E1 AZ1086D-1.5E1 AZ1086T-1.5E1 AZ1086T- |
1.5A LOW DROPOUT LINEAR REGULATOR 1.8 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 1.5A LOW DROPOUT LINEAR REGULATOR 1.5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 1.5A LOW DROPOUT LINEAR REGULATOR 1.5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, SFM3 3.3 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, SFM3 GREEN, TO-220, 3 PIN 5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO3 GREEN, TO-263, 3 PIN 1.5A LOW DROPOUT LINEAR REGULATOR 1.8 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, SFM3 3.3 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO3 GREEN, TO-263, 3 PIN 3.3 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 GREEN, TO-252, 3 PIN 5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 GREEN, TO-252, 3 PIN 1.5A LOW DROPOUT LINEAR REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 1.5A LOW DROPOUT LINEAR REGULATOR 5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 1.5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO3 1.8 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PDSO3 1.5A LOW DROPOUT LINEAR REGULATOR
|
BCD Semiconductor Manufacturing, Ltd. BCD Semiconductor Manufacturing Limited BCD SEMICONDUCTOR MANUFACTURING LTD BCD Semiconductor Manuf...
|
AP7335 AP7335-08SNG-7 AP7335-08WG-7 AP7335-10SNG-7 |
1.2 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO6 300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
|
http:// Diodes Incorporated
|