PART |
Description |
Maker |
ATMEGA329P ATMEGA329P_06 ATMEGA3290P ATMEGA3290PV |
8-bit Microcontroller with 32K Bytes In-System Programmable Flash 32-Kbyte self-programming Flash Program Memory, 2-Kbyte SRAM, 1-KByte EEPROM, 8 Channel 10-bit A/D-c
|
ATMEL[ATMEL Corporation]
|
ATMEGA8515 ATMEGA8515L |
8-Kbyte self-programming Flash Program Memory, 544 Byte internal up to 64 Kbyte external SRAM, 512 Byte EEPROM. Up to 16 MIPS throughput at 16 Mhz. 8-Kbyte self-programming Flash Program Memory, 544 Byte internal up to 64 Kbyte external SRAM, 512 Byte EEPROM. Up to 8 MIPS throughput at 8 Mhz. 3 Volt Operation
|
Atmel
|
AT89C51AC3 |
8-bit microcontroller with A/D converter and 64-Kbyte Flash. 2-Kbyte RAM, 2-Kbyte EEPROM, SPI. Power Fail Detect (no need for external ...
|
Atmel
|
ATMEGA8535 ATMEGA8535L |
8-Kbyte self-programming Flash Program Memory, 544 Byte SRAM, 512 Byte EEPROM, 8-channel 10-bit A/D Converter. Up to 16 MIPS throughput at 16 MHz. 8-Kbyte self-programming Flash Program Memory, 544 Byte SRAM, 512 Byte EEPROM, 8-channel 10-bit A/D Converter. Up to 8 MIPS throughput at 8 MHz. 3 Volt Operation
|
Atmel
|
ST10F272M-4QR3 ST10F272M-4Q3 ST10F272M-4T3 ST10F27 |
16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
|
STMicroelectronics
|
ST10F276Z5 ST10F276Z507 |
16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
|
STMicroelectronics
|
ST10F27606 |
16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
|
STMicroelectronics
|
AM29030 |
RISC Microprocessors with 8-Kbyte/4-Kbyte Instruction Cache
|
AMD
|
SPI_SLE66CL160S_06_99 SLE66CL160S |
Dual Interface 16-bit Security Controller with 32-Kbyte ROM, 1280 bytes RAM and 16-Kbyte EEPROM(双接6位安全控制器(B>32-K字节ROM,1280字节RAM6-K字节EEPROM)) From old datasheet system
|
SIEMENS AG
|
AN1179 |
ST7 - PROGRAMMING ST7 FLASH MICROCONTROLLERS IN REMOTE ISP MODE (IN-SITU PROGRAMMING)
|
SGS Thomson Microelectronics
|