PART |
Description |
Maker |
CAT28F020 CAT28F020-12 CAT28F020-70 CAT28F020-90 C |
150 x 32 pixel format, LED Backlight available 128 x 64 pixel format, White LED backlight 128 x 64 pixel format, White and Yellow-Green backlight 2 Megabit CMOS Flash Memory 2兆位闪存的CMOS High Speed CMOS Logic 8-Stage Shift-and-Store Bus Register with 3-Stage Outputs 16-SOIC -55 to 125 2兆位闪存的CMOS
|
http:// CATALYST[Catalyst Semiconductor] HIROSE ELECTRIC Co., Ltd. TE Connectivity, Ltd.
|
A29L160TG-120 A29L160UM-90 A29L160UV-90 A29L160UM- |
122 x 32 pixel format, LED Backlight available 2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory LOGIC PROBE 50MHZ Bench Power Supply; Output Current:3.3A; Calibrated:No; Line Regulation Constant Voltage:50 mV; Load Regulation Constant Voltage:0.5% 200 mV; Ripple Voltage:25mV; Supply Voltage Max:265VAC; Supply Voltage Min:100VAC 128 x 64 pixel format, LED Backlight available Replaced by PT78NR152,PT78ST153 : 5.25Vout 1.5A Wide Input Positive Step-Down ISR 3-SIP MODULE -40 to 85 240 x 128 pixel format, CFL Backlight with power harness
|
AMIC Technology Corporation
|
GS300T48-5E GS300T48-5 |
128 x 128 pixel format, LED or EL Backlight available 300W DC-DC CONVERTER
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
DS1340C-3 DS1340C-18 DS1340U-33 DS1340U-18 DS1340C |
I2C RTC with Trickle Charger 128 x 128 pixel format, LED or EL Backlight available REAL TIME CLOCK, PDSO8
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|
QR1210T30 |
128 x 128 pixel format, LED or EL Backlight available 快速恢复二极管模块00 Amp/1200伏特 Fast Recovery Diode Module (100 Amp/1200 Volts)
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
AT25020A-10TQ-2.7 AT25010A-10PE-2.7 AT25010A-10PQ- |
128 x 64 pixel format, LED Backlight available SPI Serial Extended TEMPERATURE EEPROMS 1K 2K 4K
|
Atmel Corp. ATMEL Corporation
|
BAS70-T1 Q62702A1173 BAS70T1 BAS70 Q62702A674 |
128 x 128 pixel format, LED or EL Backlight available HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
QM30TX-H |
240 x 128 pixel format, LED or EL Backlight MEDIUM POWER SWITCHING USE INSULATED TYPE
|
Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
CT30TM-8 |
128 x 64 pixel format, LED Backlight available 130 A, 400 V, N-CHANNEL IGBT, TO-220F MITSUBISHI INSULATED GATE BIPOLAR TRANSISTOR STROBE FLASHER USE
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors] Mitsubishi Electric Corporation
|
SPX2920U-3.3 SPX2920U3-3.3 SPX2920U3-5.0 SPX2920U5 |
320 x 240 pixel format, CFL backlight available with power harness 240 x 64 pixel format, CFL, LED, or EL Backlight available 400mA Low Drop Out Voltage Regulator with Shutdown, 1%
|
SIPEX[Sipex Corporation]
|
STM1810M STM1810TWX7F STM1811L STM1817R STM1817S S |
240 x 128 pixel format, LED or EL Backlight 低功耗复位电 Low Power Reset Circuit 低功耗复位电 RES 220-OHM 1% 0.10W 200PPM THK-FILM SMD-0805 TR-7-PA
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
CM100TJ-12F |
128 x 64 pixel format, LED or EL Backlight available 100 A, 600 V, N-CHANNEL IGBT Trench Gate Design 100 Amperes/600 Volts
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|