PART |
Description |
Maker |
MJE240 MJE243 MJE252 MJE254 MJE241 MJE242 MJE244 M |
Leaded Power Transistor General Purpose COMPLEMENTARY SILICON POWER TRANSISTORS 4 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-126 (MJE250 - MJE254 / MJE240 - MJE244) COMPLEMENTARY SILICON POWER TRANSISTORS From old datasheet system
|
Central Semiconductor, Corp. CENTRAL[Central Semiconductor Corp] http://
|
MJF6668 ON2050 MJF6388 MJF6688 |
Complementary power darlington From old datasheet system COMPLEMENTARY SILICON POWER DARLINGTONS 10 AMPERES 100 VOLTS 40 WATTS
|
ONSEMI[ON Semiconductor] Motorola, Inc MOTOROLA INC
|
MJL21196 MJL21195 ON2056 |
STARTER KIT, EASY 500; Output type:Relay; Temp, op. max:55(degree C); Temp, op. min:-25(degree C) RoHS Compliant: Yes COMPLEMENTARY SILICON POWER TRANSISTORS 16 AMPERE COMPLEMENTARY SILICON POWER From old datasheet system
|
ONSEMI[ON Semiconductor]
|
2N6488 2N6491 2N6487 2N6490 ON0097 |
15AMPERE COMPLEMENTARY COMPLEMENTARY SILICON POWER TRANSISTORS From old datasheet system
|
ONSEMI[ON Semiconductor]
|
BDX53B BD53C BDX54C ON0205 BDX53C BDX54B |
From old datasheet system 8 AMPERE POWER TRANSISTORS Plastic Medium-Power Complementary Silicon Transistors DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80-100 VOLTS 65 WATTS
|
Motorola Inc MOTOROLA[Motorola Inc] Motorola, Inc ON Semiconductor
|
MJ15015 MJ15016 MJ2955A ON0037 2N3055 2N3055A |
15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 120 VOLTS 115, 180 WATTS 15 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-204AA 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 / 120 VOLTS 115 / 180 WATTS From old datasheet system 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 120 VOLTS 115 180 WATTS Complementary Slllcon
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] ONSEMI[ON Semiconductor]
|
MJH11018 MJH11019 MJH11020 MJH11021 MJH11022 MJH11 |
From old datasheet system 15 AMPERE DARLINGTON COMPLEMENTARY SILICON DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
|
ONSEMI[ON Semiconductor]
|
BD778 BD776 BD777 |
Plastic Darlington Complementary Silicon Power Transistors DARLINGTON 4-AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 45/ 60/ 80 VOLTS 15 WATTS
|
Motorola Inc MOTOROLA[Motorola, Inc] ON Semiconductor
|
MJF3055 MJF2955 ON2047 |
COMPLEMENTARY SILICON POWER TRANSISTORS From old datasheet system COMPLEMENTARY SILICON POWER TRANSISTORS 10 AMPERES 90 VOLTS 30 WATTS
|
MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
MJE2955T03 MJE34003 MJE52103 MJE585203 MJE80203 MR |
COMPLEMENTARY SILICON POWER TRANSISTORS COMPLEMETARY SILICON POWER TRANSISTORS SILICON NPN TRANSISTOR HIGH VOLTAGE PNP POWER TRANSISTOR SILICON NPN POWER DARLINGTON TRANSISTOR RF Power Field Effect Transistors 880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs RF LDMOS Wideband Integrated Power Amplifiers GENERAL PURPOSE L TO X-BAND GaAs MESFET 10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
FREESCALE NEC STMICROELECTRONICS[STMicroelectronics]
|
NTHD3100C NTHD3100CT1 NTHD3100CT1G NTHD3100CT3 NTH |
Power MOSFET Complementary, 20 V, 3.9 A/-4.4 A ChipFET™ Power MOSFET Complementary, 20 V, 3.9 A/-4.4 A ChipFET™; Package: ChipFET™; No of Pins: 8; Container: Tape and Reel; Qty per Container: 3000 2.9 A, 20 V, 0.08 ohm, 2 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET Power MOSFET 20V, 3.9A/4.4A, Complementary ChipFET(20V, 3.9A/4.4A功率MOSFET) Power MOSFET 20 V, 3.9 A /−4.4 A, Complementary ChipFET
|
ON Semiconductor
|
2N4901 2N4903 2N4902 |
COMPLEMENTARY SILICON POWER TRANSITORS Leaded Power Transistor General Purpose
|
Central Semiconductor C...
|