PART |
Description |
Maker |
SCN2661 SCN2661AC1A28 SCN2661AC1N28 SCN2661BA1F28 |
(SCN2661 / SCN68661) Enhanced programmable communications interface EPCI Enhanced programmable communications interface EPCI 1 CHANNEL(S), 1M bps, SERIAL COMM CONTROLLER, PQCC28 Enhanced programmable communications interface EPCI 1 CHANNEL(S), 1M bps, SERIAL COMM CONTROLLER, PDIP28 SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 5 A, Pin Plunger Actuator, Solder Termination 1 CHANNEL(S), 1M bps, SERIAL COMM CONTROLLER, CDIP28
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
RC5057 RC5057M RC5057MT |
ProHigh Performance Programmable Synchro0us DC-DC Controller for Low Voltage Microprocessors From old datasheet system High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
|
FAIRCHILD[Fairchild Semiconductor]
|
IRU3013 IRU3013CQ IRU3013CW |
VRM 8.5 COMPATIBLE 5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH TRIPLE LDO CONTROLLER
|
IRF[International Rectifier]
|
EM6125WP15E EM6125 EM6125WP15 EM6125WS27 |
Controller Miscellaneous - Datasheet Reference
Digitally programmable 65 and 81 multiplex rate LCD Controller and Driver
|
EM Microelectronic - MARIN SA
|
RC5051 RC5051M |
Current-Mode SMPS Controller Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors From old datasheet system
|
Fairchild Semiconductor Corporation
|
ADP3154 ADP3154JRU ADP3154JRU-REEL |
VRM 8.2/3/4 Buck Controller With One Linear Controllers 5-Bit Programmable Dual Power Supply Controller for Pentium III Processors
|
AD[Analog Devices]
|
IS82C37A CS82C37A CS82C37A-12 CS82C37A-5 5962-9054 |
CMOS High Performance Programmable DMA Controller RECTIFIER BRIDGE 10A 100V BR-6 高性能的CMOS可编程DMA控制 CMOS High Performance Programmable DMA Controller 4 CHANNEL(S), 12.5 MHz, DMA CONTROLLER, CDIP40 CMOS High Performance Programmable DMA Controller 4 CHANNEL(S), 12.5 MHz, DMA CONTROLLER, UUC40 DIODE SCHOTTKY DUAL-DUAL COMMON-CATHODE 25V 200mW 0.32V-vf 200mA-IFM 1mA-IF 2uA-IR SOT-363 3K/REEL 4 CHANNEL(S), 12.5 MHz, DMA CONTROLLER, PDIP40 CMOS High Performance Programmable DMA Controller 高性能的CMOS可编程DMA控制 DIODE SCHOTTKY DUAL ISOLATED 25V 200mW 0.32V-vf 200mA-IFM 1mA-IF 2uA-IR SOT-363 3K/REEL DIODE SCHOTTKY DUAL SERIES 25V 150mW 0.32V-vf 200mA-IFM 1mA-IF 2uA-IR SOT-523 3K/REEL Triple 3-input positive-NAND gates 14-PDIP 0 to 70 RECTIFIER BRIDGE 10A 800V BR-6 RECTIFIER BRIDGE 10A 1000V BR-6 From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
IS82C237 IS82C237-12 ID82C237 5962-9054304MXA 5962 |
CMOS High Performance Programmable DMA Controller 4 CHANNEL(S), 12.5 MHz, DMA CONTROLLER, PQCC44 From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ADP3191AJRUZ-RL ADP3191JRQZ-RL ADP3191 ADP3191AJRQ |
6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller SWITCHING CONTROLLER, 2000 kHz SWITCHING FREQ-MAX, PDSO28
|
ANALOG DEVICES INC ON SEMICONDUCTOR Analog Devices, Inc.
|
SI9130 SI9130CG SI9130CG-T1 SI9130LG SI9130LG-T1 |
Pin-Programmable Dual Controller?Portable PCs Pin-Programmable Dual Controller-Portable PCs Pin-Programmable Dual ControllerPortable PCs
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc.
|
ID8259A N8259A 8259A-2 8259A |
PROGRAMMABLE INTERRUPT CONTROLLER
|
INTEL[Intel Corporation]
|