PART |
Description |
Maker |
150K60A 150KS30 150KR30A 150KS30PBF |
150 A, 600 V, SILICON, RECTIFIER DIODE, DO-205AA DIODE 150 A, 300 V, SILICON, RECTIFIER DIODE, B-42, 1 PIN, Rectifier Diode 150 A, 300 V, SILICON, RECTIFIER DIODE, DO-205AA
|
Vishay Semiconductors
|
SD125SA60B |
SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 ∑C TJ Operation) 15 A, SILICON, RECTIFIER DIODE
|
Sensitron Semiconductor
|
1N7066 1N7066S 1N7066SMS 1N7066SMSS 1N7066SMSTX 1N |
10 A, 50 V, SILICON, RECTIFIER DIODE 10 AMP 50 -150 VOLTS 30 ns HYPERFAST RECOVERY RECTIFIER
|
SOLID STATE DEVICES INC Solid States Devices, Inc
|
TDM15002 TDM15004 TDM15008 TDM15012 TDM15014 TDM15 |
150 A, 200 V, SILICON, RECTIFIER DIODE Standard Rectifier (trr more than 500ns)
|
MICROSEMI CORP-COLORADO
|
MBRP30045CT |
Schottky Barrier Power Rectifier(300A,45V肖特基势垒功率整流器) 150 A, 45 V, SILICON, RECTIFIER DIODE
|
ON Semiconductor
|
SCSFF05 SCSFF10 SCSFF10R SCSFF15 |
SUPERFAST RECOVERY HIGH CURRENT RECTIFIER ASSEMBLY 150 A, 100 V, SILICON, RECTIFIER DIODE
|
Semtech Corporation
|
SHD125211 SHD125211D SHD125211N SHD125211P |
HERMETIC POWER SCHOTTKY RECTIFIER 150∑C Maximum Operation Temperature 15 A, SILICON, RECTIFIER DIODE, TO-254AA
|
Sensitron Semiconductor
|
BD390S BD360S BD345S BD340S BD3100S BD380S BD3150S |
THROUGH HOLE SCHOTTKY BARRIER RECTIFIERS 3 A, 100 V, SILICON, RECTIFIER DIODE, TO-252 3 A, 150 V, SILICON, RECTIFIER DIODE, TO-252 3 A, 40 V, SILICON, RECTIFIER DIODE, TO-252
|
Pan Jit International Inc.
|
SBR30150CTB |
RECTIFIER SBR DUAL 30A 150V 200A-ifsm 920mV-vf 0.1mA-ir D2PAK 50/TUBE 30 A, 150 V, SILICON, RECTIFIER DIODE, TO-263AB
|
Diodes, Inc.
|
BYY53-1400 BYY53-1200 BYY53-1100 BYY54-100 BYY53-1 |
25A Silicon Power Rectifier Diode 25 A, 150 V, SILICON, RECTIFIER DIODE HERMETICALLY SEALED, 2 PIN 25 A, 1300 V, SILICON, RECTIFIER DIODE HERMETICALLY SEALED, 2 PIN 25 A, 100 V, SILICON, RECTIFIER DIODE HERMETICALLY SEALED, 2 PIN 25 A, 1100 V, SILICON, RECTIFIER DIODE HERMETICALLY SEALED, 2 PIN 25 A, 1200 V, SILICON, RECTIFIER DIODE HERMETICALLY SEALED, 2 PIN 25 A, 1400 V, SILICON, RECTIFIER DIODE HERMETICALLY SEALED, 2 PIN
|
Diodes, Inc.
|
1N1301 1N2283 1N4526 1N1196A 1N1196 1N2021 1N1192A |
Standard Rectifier (trr more than 500ns) (1N2xxx) SILICON POWER RECTIFIER SILICON POWER RECTIFIER 40 A, 200 V, SILICON, RECTIFIER DIODE, DO-203AB (1N4525 - 1N4529) SILICON POWER RECTIFIER SILICON POWER RECTIFIER 40 A, 100 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 50 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 350 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 300 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER 40 A, 400 V, SILICON, RECTIFIER DIODE, DO-203AB SILICON POWER RECTIFIER
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
|