PART |
Description |
Maker |
S3P72K8 |
singl-chip CMOS microcontroller
|
http://
|
MB90F927PF-GE1 MB90F927PFV-GE1 MB90F927SPFV-GE1 MB |
16-bit Microcontrolle
|
Fujitsu Component Limited.
|
M38503E4SS M38503MXH M37516RSS M38504E6FP M38504E6 |
RAM size:768 bytes; single-chip 8-bit CMOS microcomputer RAM size:896 bytes; single-chip 8-bit CMOS microcomputer RAM size:192 bytes; single-chip 8-bit CMOS microcomputer RAM size:256 bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-Bit CMOS Microcomputer 3850 Series Microcontrollers: General Purpose with A/D Converter RAM size:1536 bytes; single-chip 8-bit CMOS microcomputer RAM size:640 bytes; single-chip 8-bit CMOS microcomputer RAM size:384 bytes; single-chip 8-bit CMOS microcomputer RAM size:512 bytes; single-chip 8-bit CMOS microcomputer RAM size:1024 bytes; single-chip 8-bit CMOS microcomputer RAM size:2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
M38223M4M-145HP M38223M4-182FP M38223M4-183FP M382 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 3822 Series Microcontrollers: On-Chip Segment LCD Drivers with A-D Converters RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
LPC2420 |
(LPC2420 / LPC2460) Flashless 16-bit/32-bit microcontrolle
|
NXP Semiconductors
|
ML620Q504H |
Ultra Low Power 16-bit Microcontrolle
|
LAPIS Semiconductor Co....
|
AS6UA25616-TI AS6UA25616 AS6UA25616-BC AS6UA25616- |
2.3V to 3.6V 256K×16 Intelliwatt low-power CMOS SRAM with one chip enable(2.3V 3.6V 256K×16 Intelliwatt 低功CMOS 静态RAM(带单片使能 2.3V to 3.6V 256K16 Intelliwattlow-power CMOS SRAM with one chip enable 2.3V to 3.6V 256K6 Intelliwattlow-power CMOS SRAM with one chip enable 2.3V to 3.6V 256K x 16 Intelliwatt low-power CMOS SRAM with one chip enable 2.3V to 3.6V 256K16 Intelliwatt low-power CMOS SRAM with one chip enable 2.3V to 3.6V 256K】16 Intelliwatt⑩ low-power CMOS SRAM with one chip enable 2.3V to 3.6V 256K×16 Intelliwatt?/a> low-power CMOS SRAM with one chip enable
|
Alliance Semiconductor Corporation Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
M37708S1LGP M37702S1LHP M37708S1LHP M37702M2L-249H |
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 单片16位CMOS微机 Single Chip 16 Bits CMOS Microcomputer(16位单片机) 单片微机16位的CMOS6位单片机
|
Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
M38B79MFH-A055 M38B79MFH-A055FP M38B79MFH-A154FP M |
38B7 Series Microcontrollers: On-Chip SegmentFLD Drivers with A-D Converters SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
|
http:// Mitsubishi Electric Corporation
|
M38K01MA-32FP M38K03MA-32FP M38K00MA-32FP M38K02MA |
38C8 Series Microcontrollers: On-Chip Segment LCDDrivers with A-D Converter SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
|
Mitsubishi Electric Corporation
|
80C32-L16 80C32-20 80C52-30 80C52-25 P80C32 80C32- |
CMOS 0 to 44 MHz Single Chip 8-bit Microntroller CMOS 0 to 44 MHz Single Chip 8?bit Microntroller CMOS 0 to 44 MHz Single Chip 8bit Microntroller 04岁的CMOS单芯兆赫?位Microntroller
|
Integrated Device Technology, Inc. Sharp, Corp. Welwyn Components, Ltd. Grayhill, Inc. TEMIC Semiconductors
|