PART |
Description |
Maker |
2SA965 2SA965O 2SA965Y |
TRANSISTOR SILICON PNP TRIPLE DIFFUSED TYPE. DRIVER STAGE AND POWER AMPLIFIER APPLICATIONS TOSHIBA TRANSISTOR SILICON PNP EPITAXIAL TYPE (PCT PROCESS) TRANSISTOR | BJT | PNP | 120V V(BR)CEO | 800MA I(C) | TO-92VAR 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
|
TOSHIBA[Toshiba Semiconductor]
|
RN49A1 |
Transistor Silicon PNP NPN Epitaxial Type (PCT process) (Bias Resistor built-in Transistor) Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications. TOSHIBA Transistor Silicon PNP ・ NPN Epitaxial Type
|
Toshiba Semiconductor
|
RN47A5 |
Transistor Silicon NPN PNP Epitaxial Type (PCT process) (Bias Resistor built-in Transistor) Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications. TOSHIBA Transistor Silicon NPN PNP Epitaxial Type
|
TOSHIBA[Toshiba Semiconductor]
|
RN4606 |
Transistor PNP Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process) Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
|
TOSHIBA[Toshiba Semiconductor]
|
RN2967 RN2969 |
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) 100 mA, 50 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Toshiba Semiconductor
|
RN2966FE RN2961FE RN2962FE RN2963FE RN2964FE RN296 |
100 mA, 50 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR Silicon PNP Epitaxial Type (PCT Process) (Bias Resistor Built-in Transistor)
|
TOSHIBA[Toshiba Semiconductor]
|
2SA1648 2SA1648-Z 2SA1648-Z-T2 2SA1648-Z-T1 2SA164 |
PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING PNP epitaxial type silicon transistor
|
NEC Corp.
|
2SB1016AY 2SB1016AO 2SB1016A |
TRANSISTOR SILICON PNP EPITAXIAL TYPE POWER AMPLIFIER APPLICATIONS 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 100V V(BR)CEO | 5A I(C) | TO-220AB
|
TOSHIBA
|
2SA2164 |
Silicon PNP epitaxial planar type For high-frequency amplification 30 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Panasonic, Corp. Panasonic Semiconductor
|
2SA1998 |
600mW Lead frame PNP transistor, maximum rating: -20V Vceo, -2A Ic, 150 to 500 hFE. FOR LOW FREQUENCY POWER AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE MICRO(FRAME TYPE)
|
Isahaya Electronics Corporation
|
2SA1645-Z 2SA1645 2SA1645-Z-E1 2SA1645-ZK 2SA1645- |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 7 A, 100 V, PNP, Si, POWER TRANSISTOR 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING PNP epitaxial type silicon transistor
|
NEC, Corp. NEC Corp. NEC[NEC]
|
RN2907FE RN2909FE RN2908FE |
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process) (Bias Resistor built-in Transistor)
|
TOSHIBA[Toshiba Semiconductor]
|