PART |
Description |
Maker |
AD7011ARS AD7011 AD7011-15 |
CMOS, ADC 4 DQPSK Baseband Transmit Port CMOS/ ADC p/4 DQPSK Baseband Transmit Port MB 4C 4#12 PIN RECP SPECIALTY TELECOM CIRCUIT, PDSO24 CMOS, ADC pi/4 DQPSK Baseband Transmit Port
|
Analog Devices, Inc.
|
AD6622 AD6622S_PCB AD6622AS AD6622PCB AD6622S |
65 MSPS, Quad Transmit Signal Processor Four-Channel, 75 MSPS Digital Transmit Signal Processor TSP
|
AD[Analog Devices]
|
AT76C504A |
AT76C504A single-chip MAC and Baseband with low power ARM7TDMI?RISC processor (supports Antenna Diversity Algorithm, Automatic Receive Gain Control, Transmit Gain Control, Transmit Filter for Japanese Regulatory and Differential or Single 802.11b Baseband and Media Access Controller (MAC) for PCMCIA Bus
|
ATMEL[ATMEL Corporation]
|
AT76C506A |
that allows Host access to any memory location of the device. 802.11B MEDIA ACCESS CONTROLLER (MAC) AND BASEBAND WITH PCI INTERFACE AT76C506A single-chip MAC and Baseband with low power ARM7TDMI?RISC processor (supports Antenna Diversity Algorithm, Automatic Receive Gain Control, Transmit Gain Control, Transmit Filter for Japanese Regulatory and Differential or Single
|
ATMEL[ATMEL Corporation]
|
TQM6M4028E |
3V Quad-Band GSM900 DCS Transmit Module 3V Dual-Band GSM900/DCS Transmit Module
|
TriQuint Semiconductor
|
XR88C92 XR88C92CJ XR88C92CP XR88C92CV XR88C92IJ XR |
Dual UART with 16 Bytes Transmit and Receive FIFO DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER Dual UART with 8 Bytes Transmit and Receive FIFO
|
EXAR[Exar Corporation]
|
D67129310 22627 |
XFMR TRANSMIT, T1
|
SCHOTT CORPORATION
|
FB2022H |
TRANSMIT / RECEIVER FILTER
|
Bothhand USA, LP.
|
24121 |
TRANSFORMER GS6152 TRANSMIT
|
SCHOTT CORPORATION
|
CMX654 |
V23 Transmit Modulator
|
CML Microcircuits
|
RFFM6907SB |
2.8V to 4.0V, 915MHz Transmit/Receive Module
|
RF Micro Devices
|
AS3801 |
CDMA/FM TRANSMIT AGC AMPLIFIER AS3801
|
ams AG Austriamicrosystems AG
|