PART |
Description |
Maker |
ULN2005 ULN2003 ULN2003L ULN2005A ULN2005L ULN2003 |
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS 高电压,大电流达林顿阵列 Flash Memory IC; Memory Size:64Mbit; Access Time, Tacc:90ns; Package/Case:48-TSOP; Supply Voltage Max:3V; Leaded Process Compatible:Yes; Peak Reflow High Voltage / High Current Darlington Transistor Arrays HIGH-VOLTAGE/ HIGH-CURRENT DARLINGTON ARRAYS (ULN2001A - ULN2005A) High Voltage / High Current Darlington Arrays 500 mA, 50 V, 7 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
List of Unclassifed Man... Electronic Theatre Controls, Inc. Sprague Electric ETC[ETC] List of Unclassifed Manufacturers VISHAY SPRAGUE
|
BSS81 BSS81B |
High DC current gain: 0.1mA to 500 mA. Low collector-emitter saturation voltage.
|
TY Semiconductor Co., Ltd
|
S1KW96KA-6 S1KW64KA-4 |
High Voltage,High Current,High Density,Standard Recovery Rectifier Assembly(反向电压64000V,高压,大电流,高密度,标准恢复整流器部 高电压,大电流,高密度,标准恢复整流大会(反向电4000V,高压,大电流,高密度,标准恢复整流器部件) STANDARD RECOVERY HIGH VOLTAGE, HIGH CURRENT RECTIFIER
|
Semtech, Corp. Semtech Corporation
|
29160B910JO0 29160B331JO0 29120B243JO0 29110B823JO |
Silver Mica Capacitor; Capacitance:10000pF; Capacitance Tolerance: 5%; Series:291; Voltage Rating:4000VDC; Capacitor Dielectric Material:Mica; Termination:Screw; Working Voltage, DC:4000V CAPACITOR, MICA, 0.01 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.0075 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.00075 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.075 uF, CHASSIS MOUNT CAPACITOR, MICA, 0.000075 uF, CHASSIS MOUNT High-Voltage Mica Capacitors Cylindrical Case, High-Current and High-Voltage Circuits High-Voltage Mica Capacitors Cylindrical Case, High-Current and High-Voltage Circuits
|
Cornell Dubilier Electronics, Inc. http:// Cornell Dubilier Electr...
|
2SC3646 |
High-Voltage Switching Applications Adoption of FBET, MBIT Processes High Breakdown Voltage and Large Current Capacity
|
TY Semicondutor TY Semiconductor Co., Ltd
|
BC369 C62702-C748 |
From old datasheet system PNP Silicon AF Transistor (High current gain High collector current Low collector-emitter saturation voltage)
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
MSK5275-1.8H MSK5275-1.9 MSK5275-1.7E MSK5275-1.9H |
JO75LOW DROPOUT MICROPOWER VOLTAGE REGULATOR 1300 mA, Low Dropout Voltage Regulator with On/Off Control 175 175 1VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 1 Commercial Wire; FLT01VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 1VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 1VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 1 VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, CBCC3 VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 3.3 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, CBCC3 VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 1.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, CBCC3
|
M.S. Kennedy, Corp. MS KENNEDY CORP
|
2PB709AW 2PB709AQW 2PB709ASW 2PB709ARW |
High collector current (max. 100 mA). Low collector-emitter saturation voltage (max. 500 mV).
|
TY Semiconductor Co., Ltd
|
2SC3970 2SC3970A |
Silicon NPN triple diffusion planar type(For high breakdown voltage high-speed switching) 1.5 A, 500 V, NPN, Si, POWER TRANSISTOR, TO-220F
|
Panasonic, Corp. Panasonic Corporation Panasonic Semiconductor
|
2SC2712 |
High voltage and high current: VCEO = 50 V, IC = 150 mA (max) High hFE: hFE = 70 700
|
TY Semiconductor Co., Ltd
|