PART |
Description |
Maker |
HN27C256G HN27C256G-17 HN27C256G-25 HN27C256G-20 |
256K (32K x 8-bit) UV EPROM, 200ns 256K (32K x 8-bit) UV EPROM, 250ns 32768-WORD x 8-BIT CMOS UV ERASABLE AND PROGRAMMABLE ROM 256K (32K x 8-bit) UV EPROM, 170ns
|
Hitachi Semiconductor
|
MX26C2000BQI-15 MX26C2000BTC-10 MX26C2000BTI-10 MX |
DIODE SCHOTTKY 15V 2X35A TO247AD SWITCH PB SPST-NO .4VA SOLDERLUG CONNECTOR ACCESSORY 2M-BIT [256K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 256K X 8 FLASH 12V PROM, 90 ns, PDIP32 IC HALF BRIDGE DRVR HS 2A 16-DIP 256K X 8 FLASH 12V PROM, 90 ns, PQCC32 2M-BIT [256K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 256K X 8 FLASH 12V PROM, 90 ns, PDSO32
|
Macronix International Co., Ltd. MACRONIX INTERNATIONAL CO LTD
|
AM27C4096 AM27C4096-100DC AM27C4096-100DCB AM27C40 |
6-bit buffers and line drivers 16-SO 0 to 70 Hex Bus Drivers With 3-State Outputs 16-SOIC 0 to 70 4 Megabit (256 K x 16-Bit) CMOS EPROM 256K X 16 OTPROM, 200 ns, PQCC44 4 Megabit (256 K x 16-Bit) CMOS EPROM 256K X 16 UVPROM, 200 ns, CDIP40 4 Megabit (256 K x 16-Bit) CMOS EPROM 256K X 16 OTPROM, 200 ns, PDIP40 TV 37C 37#22D SKT PLUG 256K X 16 OTPROM, 100 ns, PDIP40 4 Megabit (256 K x 16-Bit) CMOS EPROM 4兆位56亩16位)的CMOS存储 4 Megabit (256 K x 16-Bit) CMOS EPROM 256K X 16 UVPROM, 90 ns, CDIP40 TV 10C 10#20 PIN PLUG 6-bit buffers and line drivers 16-PDIP 0 to 70 TV 37C 37#22D PIN PLUG TV 18C 18#20 SKT WALL RECP TV 19C 19#20 PIN WALL RECP TV 10C 10#20 SKT PLUG 6-bit buffers and line drivers 16-SOIC 0 to 70 Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVS06; Number of Contacts:10; Connector Shell Size:13; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
27C4096-12 27C4096-10 |
4M-BIT [512K x 8/256K x 16] CMOS EPROM 4分位[12k × 8/256K × 16]的CMOS存储
|
Macronix International Co., Ltd.
|
27C4100 27C4096 MX27C4100PC-15 27C4096-10 27C4096- |
4M-BIT [512K x 8/256K x 16] CMOS EPROM
|
MCNIX[Macronix International]
|
MX27C2000 27C2000 |
2M-BIT [256K x 8] CMOS EPROM From old datasheet system
|
Macronix 旺宏
|
NMC27C64 NMC27C64N200 NMC27C64Q150 NMC27C64NE200 |
65 /536-Bit (8192 x 8) CMOS EPROM IC-64K CMOS PROM 8K X 8 EEPROM 5V, 200 ns, PDIP28 65,536-Bit (8192 x 8) CMOS EPROM 64KBit (8192 x 8) CMOS EPROM [Life-time buy]
|
Fairchild Semiconductor, Corp.
|
AM27X020 AM27X020-120JC AM27X020-120JI AM27X020-12 |
2 megabit (256K x 8-bit ) CMOS EPROM device 2 Megabit (256 K x 8-Bit) CMOS ExpressROM Device CMOS Dual 2-Wide 2-Input AND-OR-INVERT Gate 14-TSSOP -55 to 125 CMOS Dual 2-Wide 2-Input AND-OR-INVERT Gate 14-CDIP -55 to 125 CMOS Expandable 4-Wide 2-Input AND-OR-INVERT Gate 14-PDIP -55 to 125 CMOS Expandable 4-Wide 2-Input AND-OR-INVERT Gate 14-SOIC -55 to 125 256K X 8 OTPROM, 90 ns, PQCC32
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. PROM ADVANCED MICRO DEVICES INC
|
A27020-15 |
256K X 8 OTP CMOS EPROM
|
AMIC Technology
|