PART |
Description |
Maker |
MIC4416 MIC4416BM4 MIC4417BM4 MIC4417 |
IttyBitty?Low-Side MOSFET Driver IttyBitty⑩ Low-Side MOSFET Driver IttyBitty Low-Side MOSFET Driver(IttyBitty技术低边MOS场效应管驱动 IttyBittyLow-Side MOSFET Driver IttyBitty⑩低边MOSFET驱动 IttyBittyLow-Side MOSFET Driver 1.2 A BUF OR INV BASED MOSFET DRIVER, PDSO4
|
MICREL[Micrel Semiconductor] Micrel Semiconductor,Inc. Micrel Semiconductor, Inc.
|
TC429EOA TC429EOA713 TC429EPA TC429CPA TC429MJA |
The TC429 is a high-speed,single CMOS-level translator and driver.Designed specifically to drive highly capacitive power MOSFET gates,the ... The TC429 is a high-speed,single CMOS-level translator and driver.Designed specifically to drive highly capacitive power MOSFET gates,the TC429 features 2.5 Ω output impedance and 6A peak output current drive. A 2500pF capacitive loa
|
Microchip
|
ISL6207 ISL6207CB ISL6207CB-T ISL6207CBZ ISL6207CB |
Octal D-Type Edge-Triggered Flip-Flops With 3-State Outputs 20-SOIC -40 to 85 4 A HALF BRDG BASED MOSFET DRIVER, PQCC8 PT 14C 14#20 PIN/SKT RECP 4 A HALF BRDG BASED MOSFET DRIVER, PDSO8 PT 10C 10#20 PIN/SKT RECP 4 A HALF BRDG BASED MOSFET DRIVER, PDSO8 High Voltage Synchronous Rectified Buck MOSFET Driver 4 A HALF BRDG BASED MOSFET DRIVER, PQCC8
|
Intersil, Corp. Intersil Corporation
|
ISL6613BIB-T ISL6612BIRZ-T ISL6612BIBZ |
TVS UNIDIRECT 1500W 33V SMC 3 A HALF BRDG BASED MOSFET DRIVER, PDSO8 Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP 3 A HALF BRDG BASED MOSFET DRIVER, PDSO10 7-Bit Bus Interfaces With 3-State Outputs 20-TSSOP 0 to 70 3 A HALF BRDG BASED MOSFET DRIVER, PDSO8
|
Intersil, Corp.
|
RUM002N02 RUM002N02T2L |
1.2V Drive Nch MOSFET 200 mA, 20 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Rohm
|
RZE002P02 RZE002P02TL |
1.2V Drive Pch MOSFET 200 mA, 20 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Rohm
|
RTF015N0309 RTF015N03TL |
2.5V Drive Nch MOSFET 1500 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Rohm
|
ICL7667 ICL7667CTV ICL7667MTV ICL7667MJA ICL7667CJ |
Dual Power MOSFET Driver 2 CHANNEL, BUF OR INV BASED MOSFET DRIVER, CDIP8 From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
EL7104CSZ-T13 EL7104CSZ-T7 EL7104CSZ EL7104CS-T7 E |
High Speed, Single Channel, Power MOSFET Driver 4 A BUF OR INV BASED MOSFET DRIVER, PDSO8
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
TT8U2 TT8U2TCR |
1.5V Drive Pch SBD MOSFET 2400 mA, 20 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET TSST8, 8 PIN
|
Rohm Central Semiconductor, Corp.
|
VO3120-X001 |
2.5 A BUF OR INV BASED MOSFET DRIVER, PDIP8 2.5 A Output Current IGBT and MOSFET Driver
|
VISHAY SEMICONDUCTORS Vishay Siliconix
|
NCV7517BFTG NCV7517BFTR2G |
BUF OR INV BASED MOSFET DRIVER, PQFP MOSFET Pre-Driver
|
ON SEMICONDUCTOR
|