PART |
Description |
Maker |
DC590A-1 DC742A DC609A-B DC590A DC682A DC746A DC75 |
QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 590 USB SERIAL CONTROLLER FOR LINEAR TECHNOLOGY QUICKEVAL-TM DEMO BOARDS LTC2449 Evaluation Sales LTC4259A Evaluation Kit USB Controller for QuickEval Evaulation Kits LTC1859 Evaluation Kit LTC2412 Evaluation Kit LTC4150 Evaluation Kit LTC2601 Evaluation Kit LTC2433-1 Evaluation Kit
|
Linear Integrated Syste... LINEAR[Linear Integrated Systems] Linear Technology
|
MAX1575 MAX1575EVKIT MAX1575ETE |
White LED 1x/1.5x Charge Pump for Main and Sub-Displays MAX1575 Evaluation Kit Evaluation Kit for the MAX1575
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
263371 263372 263373 263374 263375 263378 263379 2 |
Ultrasound Variable-Gain Amplifier Evaluation Kit for the MAX2039 High-Linearity, 1700MHz to 3000MHz Upconversion/Downconversion Mixer with LO Buffer/Switch Quad-Channel, Ultra-Low-Noise Amplifier with Digitally Programmable Input Impedance High-Linearity, 1700MHz to 2200MHz Upconversion/Downconversion Mixer with LO Buffer/Switch 0.1GHz to 3GHz, 75dB Logarithmic Detector/Controller Evaluation Kit for the MAX2016 5V, RS-232 Transceivers with 0.1µF External Capacitors Evaluation Kit for the MAX2015 8-/4-Channel, ±VREF Multirange Inputs, Serial 14-Bit ADCs High-Dynamic-Range, Direct Up-/Downconversion, 750MHz to 1200MHz Quadrature Modulator/Demodulator High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2300MHz Quadrature Mod/Demod High-Dynamic-Range, Direct Upconversion 1500MHz to 2500MHz Quadrature Modulator High-Linearity, 815MHz to 1000MHz Upconversion/Downconversion Mixer with LO Buffer/Switch 2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs Evaluation Kit for the MAX2043 Evaluation Kit for the MAX2027 Evaluation Kit for the MAX1036 MAX2023 Evaluation Kit PHOTOLUM.WARNING STRIPS PHOTOLUM.WARNING带钢 WARNING TAPES STD.LUMINOUS
|
Panduit, Corp.
|
MAX4210EEVKIT MAX4210A |
MAX4210E Evaluation Kit From old datasheet system Evaluation Kit for the MAX4210E, MAX4210A/B/C/D/F
|
Maxim Integrated Products
|
MAX5723 MAX5724 MAX5725A MAX5725AEVKIT |
MAX5725A Evaluation Kit Evaluation Kit for the MAX5723, MAX5724, MAX5725A, and MAX5725B
|
Maxim Integrated Products Maxim Integrated Products, Inc.
|
243PC15M 242PC60G 242PC100GS 242PC250G 242PC150GS |
Burst-Mode PON Controller With Integrated Monitoring 工业控制IC Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors 工业控制IC Evaluation Kit for the DS1854, DS1857, DS1858, DS1859 Fiber Optic Monitor and Control Evaluation Kit 工业控制IC Industrial Control IC 工业控制IC
|
Honeywell International, Inc.
|
MAX9760EVSYS/EVKIT |
Evaluation System/Evaluation Kit for the MAX9760/MAX9761/MAX9762/MAX9763
|
Maxim Integrated Products, Inc.
|
MAX1954A MAX1954AEVKIT |
MAX1954A Evaluation Kit Evaluation Kit for the MAX1954A From old datasheet system
|
Maxim Integrated Products
|
MAX5954LEVCMAXQUSB |
Evaluation Kit/Evaluation System for the MAX5954L/MAX5954A
|
MAXIM - Dallas Semiconductor
|