PART |
Description |
Maker |
M24C02WDW6T M2404WBN3TG/S M2404WBN3TP/S M2404WBN6T |
16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
|
STMicroelectronics
|
M95040 M95020 |
4Kbit / 2Kbit and 1Kbit Serial SPI Bus EEPROM With High Speed Clock
|
ST Microelectronics
|
BR93L46-W BR93L46FJ-WE2 BR93L46FV-WE2 BR93L86-W BR |
Microwire BUS 1Kbit(64x16bit) EEPROM Microwire BUS 16Kbit(1024x16bit) EEPROM Microwire BUS 8Kbit(512x16bit) EEPROM Microwire BUS 4Kbit(256x16bit) EEPROM Microwire BUS 2Kbit(128x16bit) EEPROM
|
ROHM
|
BR93A76RFJ-WME2 BR93A46FJ-WME2 BR93A76RFVM-WM BR93 |
Automotive Microwire BUS 8Kbit(512x16bit) EEPROM Automotive Microwire BUS 1Kbit(64x16bit) EEPROM Automotive Microwire BUS 2Kbit(128x16bit) EEPROM Automotive Microwire BUS 4Kbit(256x16bit) EEPROM
|
ROHM
|
MB84VP24491HK-70PBS MB84VP24491HK |
128M (X16) FLASH MEMORY 32M (X16) Mobile FCRAMTM 128M的(x16)的快闪记忆2M的(x16)的移动FCRAMTM
|
Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|
EP6700-1 EP6700-10 EP6700-11 EP6700-12 EP6700-14 E |
14 Pin Single-in-Line Package Passive Delay Lines CPU Supervisor with 4kbit EEPROM; Temperature Range: -40°C to 85°C; Package: 8-MSOP CPU Supervisor with 4kbit EEPROM; Temperature Range: -40°C to 85°C; Package: 8-PDIP CPU Supervisor with 4kbit EEPROM; Temperature Range: -40°C to 85°C; Package: 8-SOIC CPU Supervisor with 4kbit EEPROM; Temperature Range: 0°C to 70°C; Package: 8-PDIP CPU Supervisor with 4kbit EEPROM; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R CPU Supervisor with 4kbit EEPROM; Temperature Range: 0°C to 70°C; Package: 8-MSOP CPU Supervisor with NOVRAM and Output Ports; Temperature Range: -40°C to 85°C; Package: 20-TSSOP RTC Module With CPU Supervisor
|
PCA ELECTRONICS INC.
|
MB84VD22193EC MB84VD22193EC-90 MB84VD22193EC-90-PB |
32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM 32M的(x 8/x16)闪 32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM SPECIALTY MEMORY CIRCUIT, PBGA73 Trimmer; Series:3262; Track Resistance:5kohm; Resistance Tolerance: 10%; Power Rating:0.25W; Operating Temperature Range:-65 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm; Adjustment Type:Top RoHS Compliant: Yes CONN, M HEADER ST 1X2 .230 32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
|
FUJITSU LTD Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|
ASMB-784G4-00A1E |
LGA 1150 Intel? Xeon? E3 V3 ATX Server Board with 2 PCIe x16 slots (x8 link) or 1 PCIe x16 slot (x16 link), 3 PCI,USB 3.0, PCIe Gen III, Quad/Dual LANs
|
Advantech Co., Ltd.
|
HY62SF16403ALLM-10 HY62SF16403ALLM-10I HY62SF16403 |
x16 SRAM x16|1.8V|85/100|Super Low Power Slow SRAM - 4M x16 | 1.8 | 85/100 |超级低功耗SRAM的速度 4
|
Alpha Industries, Inc.
|
MB84VD23280EA MB84VD23280EA-90 MB84VD23280EA-90-PB |
64M (x8/x16) FLASH MEMORY & 8M (x8/x16) STATIC RAM 64M号(x8/x16)闪 64M (x8/x16) FLASH MEMORY & 8M (x8/x16) STATIC RAM
|
Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|
SST39LF016 SST39LF016-90-4I-EI SST39VF016-90-4I-EI |
(SST39VF080 / SST39VF016 / SST39LF080 / SST39LF016) 8 Mbit / 16 Mbit (x8) Multi-Purpose Flash 7.6 mm(0.3 inch) Micro Bright Seven Segment Displays CONNECTOR ACCESSORY LED Light Bars D52 - BACKSHELL ENVIRON EMI-RFI STRT MIL 2M X 8 FLASH 2.7V PROM, 70 ns, PBGA48 64 Mbit (x16) Multi-Purpose Flash Plus 2M X 8 FLASH 3V PROM, 55 ns, PDSO40 64 Mbit (x16) Multi-Purpose Flash Plus 2M X 8 FLASH 3V PROM, 55 ns, PBGA48 64 Mbit (x16) Multi-Purpose Flash Plus 2M X 8 FLASH 2.7V PROM, 90 ns, PDSO40 64 Mbit (x16) Multi-Purpose Flash Plus 64兆位(x16)的多功能闪存加 64 Mbit (x16) Multi-Purpose Flash Plus 2M X 8 FLASH 2.7V PROM, 70 ns, PDSO40
|
Silicon Storage Technology, Inc. SILICON STORAGE TECHNOLOGY INC
|
MB84VP23481FK-70 MB84VP23481FK-70PBS |
64M (X16) Page FLASH MEMORY & 32M (X16) Mobile FCRAMTM
|
Spansion Inc.
|