PART |
Description |
Maker |
M3488 |
256 X 256 DIFGITAL SWITCHING MATRIX
|
ST Microelectronics
|
IDT728980 IDT728980J IDT728980J8 |
256 x 256 TSI, 8 I/O at 2Mbps, Variable Delay, 5.0V TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
|
IDT[Integrated Device Technology]
|
IDT72V8985 IDT72V8985DB IDT72V8985J IDT72V8985PV I |
From old datasheet system 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256 256 x 256 TSI, 8 I/O at 2Mbps, Variable/Constant Delay, 3.3V
|
Integrated Device Technology IDT
|
24C44 CAT24C44 CAT24C44SITE13 CAT24C44PITE13 CAT24 |
256-Bit Serial Nonvolatile CMOS Static RAM 256-BitSerialNonvolatileCMOSStaticRAM
|
CATALYST[Catalyst Semiconductor] CatalystSemiconductor
|
MT89L80 |
256 x 256 Channels (8 TDM Streams at 2.048 Mbps) 3.3 V Non-blocking Digital Switch (DX)
|
Zarlink Semiconductor
|
HYB314175BJ-50- HYB314175BJL-50 HYB314175BJ-60 HYB |
High-Speed Fully-Differential Amplifiers 8-MSOP-PowerPAD -40 to 85 3.3V56亩16位江户的DRAM 3.3V56亩16位江户与DRAM的低功率版本自刷 3.3V 256 K x 16-Bit EDO-DRAM 3.3V 256 K x 16-Bit EDO-DRAM Low power version with Self Refresh 3.3V 256 K x 16-Bit EDO-DRAM(3.3V 256K×16外延式数据输出(EDO)动态RAM)
|
http:// SIEMENS AG
|
M48T39YPM M48T39Y M48T39Y-100PM1 M48T39Y-150PM1 |
256 Kb 32K x8 TIMEKEEPER SRAM DIODE ZENER SINGLE 500mW 3.9Vz 20mA-Izt 0.05 10uA-Ir 1 SOD-123 3K/REEL 256 KB2K的x8 SRAM的计时器
|
http:// STMICROELECTRONICS[STMicroelectronics] ST Microelectronics STMicroelectronics N.V.
|
AD5245BRJ10-R2 AD5245BRJ10-RL7 AD5245BRJ5 |
5K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO8 256 Position I<SUP>2</SUP>C Compatible Digital Potentiometer 256 Position I2C Compatible Digital Potentiometer
|
ANALOG DEVICES INC
|
AM24LC02 AM24LC02IN8 AM24LC02IN8A AM24LC02IS8 AM24 |
2-Wire Serial 2K-bits (256 x 8) CMOS Electrically Erasable PROM 2线串行的2K位(256 × 8)的CMOS电可擦除可编程ROM RES POWER 10 OHM 1W 10% SMD 2线串行的2K位(256 × 8)的CMOS电可擦除可编程ROM ECONOLINE: REC3-S_DR/H1 - 3W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection- Internal SMD design- 100% Burned In- Efficiency to 75%
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
P4C422-25DC P4C422-25DMB P4C422-12FC P4C422-15FC P |
HIGH SPEED 256 x 4 STATIC CMOS RAM 256 X 4 STANDARD SRAM, 12 ns, CDFP24 HIGH SPEED 256 x 4 STATIC CMOS RAM 256 X 4 STANDARD SRAM, 15 ns, CDFP24 HIGH SPEED 256 x 4 STATIC CMOS RAM 256 X 4 STANDARD SRAM, 35 ns, PDSO24 HIGH SPEED 256 x 4 STATIC CMOS RAM 256 X 4 STANDARD SRAM, 25 ns, PDIP22 HIGH SPEED 256 x 4 STATIC CMOS RAM 256 X 4 STANDARD SRAM, 25 ns, CDIP22 HIGH SPEED 256 x 4 STATIC CMOS RAM 256 X 4 STANDARD SRAM, 20 ns, PDSO24 HIGH SPEED 256 x 4 STATIC CMOS RAM 256 X 4 STANDARD SRAM, 20 ns, CDFP24 HIGH SPEED 256 x 4 STATIC CMOS RAM 256 X 4 STANDARD SRAM, 20 ns, CDIP22 HIGH SPEED 256 x 4 STATIC CMOS RAM 高速静56 × 4 CMOS存储
|
Pyramid Semiconductor Corporation Pyramid Semiconductor, Corp.
|
AD5160 AD5160BRJ10-R2 AD5160BRJ10-RL7 AD5160BRJ100 |
From old datasheet system 256 Position SPI Compatible Digital Potentiometer 256-Position SPI Compatible Digital Potentiometer 50K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO8
|
http:// AD[Analog Devices] Analog Devices, Inc.
|
AD5172BRM10-RL7 AD5173BRM50-RL7 AD5172BRM50-RL7 AD |
256-Position One-Time Programmable Dual-Channel I2C Digital Potentiometers Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers 双路56抽头、非易失、I2C接口、数字电位器 Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers DUAL 2.5K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO10 Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers DUAL 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO10
|
Analog Devices, Inc.
|