PART |
Description |
Maker |
LTC3728LEGNPBF LINEARTECHNOLOGYCORP-LTC3728LXCUHTR |
Dual, 550kHz, 2-Phase Synchronous Step-Down Switching Regulator; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C 3 A DUAL SWITCHING CONTROLLER, 590 kHz SWITCHING FREQ-MAX, PDSO28 Dual, 550kHz, 2-Phase Synchronous Step-Down Switching Regulator; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C Dual, 550kHz, 2-Phase Synchronous Step-Down Switching Regulator; Package: QFN; No of Pins: 32; Temperature Range: 0°C to 70°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTC3802 |
Dual 550kHz Synchronous 2-Phase DC/DC Controller
|
Linear Technology
|
LTC1702IGN LTC1702 LTC1702CGN |
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
|
http:// Linear Technology Corporation
|
LTC1703IGPBF LTC1703IG |
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C 5 A DUAL SWITCHING CONTROLLER, 750 kHz SWITCHING FREQ-MAX, PDSO28
|
Linear Technology, Corp.
|
LTC1702A LTC1702ACGNTR LTC1702ACGNTRPBF LTC1702ACG |
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller; Package: SSOP; No of Pins: 24; Temperature Range: 0°C to 70°C 5 A SWITCHING CONTROLLER, 750 kHz SWITCHING FREQ-MAX, PDSO24
|
Linear Technology, Corp.
|
LTC1705 LTC1705EGN |
Dual 550kHz Synchronous Switching Regulator Controller with 5-Bit VID and 150mA LDO
|
Linear Technology Corporation
|
NCP6153MNTWG |
Dual Output 3/4 Phase 1/0 Phase Controller with Single SVID Interface for Desktop and Notebook CPU Applications
|
ON Semiconductor
|
LTC3703 LT3845 LT3844 LTC1778 LTC3703-5 LTC3850 LT |
Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start Dual, 2-Phase Step-Down Switching Controller; Package: QFN; No of Pins: 24; Temperature Range: -40°C to 125°C 0.5 A DUAL SWITCHING CONTROLLER, 560 kHz SWITCHING FREQ-MAX, PQCC24
|
Linear Technology, Corp.
|
105 306 106 102 108 308 302 303 103 104 304 109 30 |
MOTOR B56 FRAME 1 PHASE 0.37KW Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset MOTOR B56 FRAME 1 PHASE 0.25KW SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits MOTOR B56 FRAME 3 PHASE 0.25KW MOTOR B56 FRAME 1 PHASE 0.55KW MOTOR B56 FRAME 1 PHASE 0.75KW MOTOR B56 FRAME 3 PHASE 0.75KW MOTOR B56 FRAME 3 PHASE 0.55KW MOTOR B56 FRAME 1 PHASE 0.18KW Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 电机6相功.37KW
|
Bud Industries, Inc.
|
ZL8800ALAFTK ZL8800ALBFTK |
Dual Channel/Dual Phase PMBus ChargeMode Control DC/DC Digital Controller
|
Renesas Electronics Corporation
|
ISL6611A ISL6611ACRZ ISL6611AIRZ ISL6611AIRZ-T |
Phase Doubler with Integrated Drivers and Phase Shedding Function; Temperature Range: -40°C to 85°C; Package: 16-QFN T&R DUAL SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PQCC16 Phase Doubler with Integrated Drivers Phase Doubler with Integrated Drivers
|
Intersil, Corp. Intersil Corporation
|