PART |
Description |
Maker |
LTC3411 LTC3411EMS LTC3411EDD |
1.25A, 4MHz, Synchronous Step-Down DC/DC Converter 2 A SWITCHING REGULATOR, 4000 kHz SWITCHING FREQ-MAX, PDSO10 1.25A/ 4MHz/ Synchronous Step-Down DC/DC Converter 4MHz, 1.25A Synchronous Step-Down DC/DC Converter 1.25A 4MHz Synchronous Step-Down DC/DC Converter
|
Linear Technology, Corp. LINER[Linear Technology]
|
AAT1171 AAT1171IWP-1-T1 |
600mA Voltage-Scaling Step-Down Converter for RF Power Amplifiers with Bypass Switch
|
Advanced Analog Technology,lnc.
|
RT8008-25PJ5 |
1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter 1.5MHz的,600mA,高效率的PWM降压型DC / DC转换
|
Richtek Technology, Corp.
|
RT8009-15GB RT8009-12PB RT8009-18GB RT8009-18GJ5 R |
1.25MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter 1.25MHz的,600mA,高效率的PWM降压型DC / DC转换
|
Richtek Technology, Corp.
|
LT1618 |
Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter(恒定电流/恒定电压.4MHz,步升DC/DC变换
|
Linear Technology Corporation
|
MAX15021ATI MAX15021ATI/V |
Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Tracking/Sequencing Capability
|
Maxim Integrated Produc...
|
G5723B |
1.4MHz 1A Synchronous Buck Converter with 600mA LDO Regulator
|
Global Mixed-mode Techn...
|
LT1611 LT1611CS5 LT1611-15 |
Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter Inverting 1.4MHz Switching Regulator in SOT-23
|
LINER[Linear Technology]
|
LTC3417AIFE-2-PBF LTC3417AIFE-2-TRPBF LTC3417AEDHC |
Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 125°C Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 125°C Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 85°C DUAL SWITCHING CONTROLLER, 4000 kHz SWITCHING FREQ-MAX, PDSO16 Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 85°C DUAL SWITCHING CONTROLLER, 4000 kHz SWITCHING FREQ-MAX, PDSO20 Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
MP2562DQ |
1A, 4MHz, 50V Step-Down Converter
|
Monolithic Power System...
|
MP2351DQ EV2351DQ-00A MP2351 MP2351DK |
1.5A, 23V, 1.4MHz Step-Down Converter
|
MPS[Monolithic Power Systems]
|
AUR9716 |
1.0MHz to 1.4MHz, 2A, STEP DOWN DC-DC CONVERTER
|
Diodes
|