PART |
Description |
Maker |
IDT74FCT540CTSO IDT74FCT540CTSOG IDT74FCT540ATSO I |
FAST CMOS OCTAL BUFFER/LINE DRIVER
|
Integrated Device Technology
|
IDT74FCT2541AT IDT74FCT2541CT |
FAST CMOS OCTAL BUFFER/LINE DRIVER
|
IDT
|
PI74FCT2240T |
(PI74FCTxxxT) Fast CMOS Octal Buffer/Line Drivers
|
Pericom Semiconductor Corporation
|
MC74HC540A-D MC74HC540ADTR2 MC74HC540ADWR2 MC74HC5 |
Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Performance Silicon-Gate CMOS Octal 3-State Inverter Buffer/Line Driver/Line Receiver
|
ON Semiconductor
|
IDT74FC2240AT IDT74FC2240CT IDT74FC2240T IDT74FC24 |
Standalone IrDA Encoder & Decoder 8-TSSOP -40 to 85 4-Pin DIP Phototransistor Output Optocoupler; Package: DIP-B; No of Pins: 4; Container: Box Dual Low-Power General-Purpose Operational Amplifier 8-SOIC 0 to 70 快速CMOS八路缓冲线路驱动 Adjustable Precision Shunt Regulator 8-SOIC 0 to 70 快速CMOS八路缓冲线路驱动 High-Performance Impact<TM> Programmable Array Logic Circuits 24-CDIP -55 to 125 快速CMOS八路缓冲线路驱动 FAST CMOS OCTAL BUFFER/LINE DRIVERS 快速CMOS八路缓冲线路驱动 Single 2A High-Speed, Low-Side Gate Driver; Package: MLP; No of Pins: 6; Container: Tape & Reel 快速CMOS八路缓冲线路驱动 128 x 64 pixel format, LED Backlight available 快速CMOS八路缓冲线路驱动 Replaced by SN74ABT2244A : Octal Buffers And Line/MOS Drivers With 3-State Outputs 20-TSSOP -40 to 85 快速CMOS八路缓冲线路驱动 Single Output LDO, 620mA, Fixed(2.85V), SCSI Active Termination, Thermal Overload Protection 20-TSSOP 0 to 125 快速CMOS八路缓冲线路驱动 0.5A Adjustable Low Dropout Linear Regulator; Package: SOT-223; No of Pins: 4; Container: Tape & Reel Fast smos octal buffer/line driver FAST CMOS OCTAL BUFFER/LINE DRIVERS
|
Integrated Device Technolog... IDT[Integrated Device Technology] Integrated Device Technology, Inc. Integrated Device Techn...
|
74ABT2240CMSA 74ABT2240CMTC 74ABT2240CSC 74ABT2240 |
Dual 4-Bit Inverting Buffer/Driver ABT SERIES, DUAL 4-BIT DRIVER, INVERTED OUTPUT, PDSO20 Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers From old datasheet system Octal Buffer/Line Driver with 25 Series Resistors in the Outputs Octal Buffer/Line Driver with 25з Series Resistors in the Outputs Octal Buffer/Line Driver with 25-Ohm Series Resistors in the Outputs Octal Buffer/Line Driver with 25 Ohm Series Resistors in the Outputs
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
BXA3 BXA3-24S3V3 BXA3-12S15 BXA3-12S3V3 BXA3-24D05 |
Octal D-type flip flop non-inverting (3-state) with 5V tolerant inputs and outputs Octal D-type latch non-inverting (3-state) with 5V tolerant inputs and outputs DC至DC转换 Low voltage CMOS octal bus transceiver (3-state) with 5V tolerant inputs and outputs Low voltage CMOS quad bus buffer (3-state) with 5 V tolerant inputs and outputs Low voltage CMOS octal bus buffer (3-state) with 5 V tolerant inputs and outputs Low voltage CMOS octal bus buffer (3-state) with 5V tolerant inputs and outputs Low voltage CMOS dual 2 to 4 decoder / demultiplexer OCTAL BUS BUFFER (3-STATE NON INV.) WITH 5V TOLERANT INPUTS AND OUTPUTS Low voltage CMOS 3 to 8 line decoder (inverter) with 5 V tolerant inputs 3W Wide Input DC/DC Converters
|
Electronic Theatre Controls, Inc. ARTESYN[Artesyn Technologies]
|
IN74AC241N IN74AC241DW |
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
|
IK Semicon Co., Ltd
|
IN74AC244 IN74AC244DW IN74AC244N |
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
|
IK Semicon Co., Ltd
|
KK74ACT240 KK74ACT240DW KK74ACT240N |
Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
|
KODENSHI KOREA CORP.
|
KK74HCT241ADW KK74HCT241AN |
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Performance Silicon-Gate CMOS
|
KODENSHI KOREA CORP.
|