PART |
Description |
Maker |
IDT29FCT52A IDT29FCT52AD IDT29FCT52ADB IDT29FCT52A |
RECTIFIER FAST-RECOVERY SINGLE 1.5A 1000V 50A-ifsm 1.7V-vf 75ns 5uA-ir DO-15 5K/REEL-13 快速CMOS八进制注册收发器 RECTIFIER FAST-RECOVERY SINGLE 3A 200V 150A-ifsm 1.2V-vf 150ns 5uA-ir DO-201AD 500/BULK FCT SERIES, 8-BIT REGISTERED TRANSCEIVER, INVERTED OUTPUT, CDFP24 FAST CMOS OCTAL REGISTERED TRANSCEIVERS FCT SERIES, 8-BIT REGISTERED TRANSCEIVER, INVERTED OUTPUT, CQCC28
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
PI74LPT16646 |
Fast CMOS 3.3V 16-Bit Registered Transceivers
|
Pericom Semiconductor Corporation
|
PI74LCX652 PI74LCX646 |
Fast CMOS 3.3V 8-Bit Registered Transceiver
|
Pericom Semiconductor Corporation
|
IDT74FCT162511CT IDT74FCT162511AT IDT54FCT162511CT |
FAST CMOS 16-BIT REGISTERED/LATCHED TRANSCEIVER WITH PARITY
|
IDT
|
BS62LV8005 BS62LV8005BC BS62LV8005BI BS62LV8005EC |
DDR-II, 25-Bit 1:1 or 14-Bit 1:2 Configurable Registered Buffer Very Low Power/Voltage CMOS SRAM 1M X 8 bit
|
BRILLIANCE SEMICONDUCTOR, INC. BSI[Brilliance Semiconductor]
|
IDT74ALVC162268 |
3.3V CMOS 12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
|
IDT
|
IDT74LVCR16952APA IDT74LVCR16952A IDT74LVCR16952AP |
3.3V CMOS 16-Bit Registered Transceiver with 3-State Outputs, 5.0V Tolerant I/O 3.3V CMOS 16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
|
IDT[Integrated Device Technology]
|
IDT74ALVCHR162269A |
3.3V CMOS 12-BIT TO 24-BIT REGISTERED BUS EXCHANGER
|
IDT
|
74F524 74F524SC 74F524PC 74F524SCX 74F524CW |
8-Bit Registered Comparator F/FAST SERIES, 8-BIT MAGNITUDE COMPARATOR, TRUE OUTPUT, PDSO20 From old datasheet system
|
HIROSE ELECTRIC Co., Ltd. FAIRCHILD[Fairchild Semiconductor] Philips Semiconductors
|
TC850CPL TC850IJL |
15-Bit/ Fast Integrating CMOS A/D Converter 15-Bit, Fast Integrating CMOS A/D Converter CAP 0.33UF 25V 20% Z5U SMD-1206 TR-7 PLATED-NI/SN
|
Microchip Technology Inc.
|
IDT74ALVCH16270 74ALVCH16270_DS_14073 IDT74ALVCH16 |
3.3V CMOS 12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS AND BUS-HOLD From old datasheet system
|
IDT Integrated Device Technology
|