PART |
Description |
Maker |
5429FCT520CTD 5429FCT520CTDB 5429FCT520CTE 5429FCT |
CONNECTOR ACCESSORY 连接器附 MULTILEVEL PIPELINE REGISTERS 多级管道登记 MULTILEVEL PIPELINE REGISTERS
|
Integrated Device Techn... Integrated Device Technology, Inc. IDT[Integrated Device Technology] http://
|
TMC2011A TMC2011AB2C TMC2011AB2C1 TMC2011AN2C TMC2 |
Variable-Length Shift Register 8-BIT, DSP-PIPELINE REGISTER, PQCC28 From old datasheet system
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
AM29C818A AM29C818AJC AM29C818APC AM29C818ASC |
CMOS PIPELINE REGISTER WITH SSR DIAGNOSTICS
|
Advanced Micro Devices
|
HSP9501 HSP9501JC-25 HSP9501JC-2596 HSP9501JC-32 F |
Programmable Data Buffer 10-BIT, DSP-PIPELINE REGISTER, PQCC44 From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
BT136M-500D BT136M-600D BT136S-500D BT136S-600D BT |
8-Bit Multi-Level Pipeline Register 24-SOIC -40 to 85 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Triacs logic level
|
NXP Semiconductors N.V. Philips Semiconductors
|
AS7C33128PFD36A-166TQI AS7C33128PFD32A AS7C33128PF |
3.3V 128K x 36 pipeline synchronous SRAM, clock speed - 150MHz 3.3V 128K x 36 pipeline synchronous SRAM, clock speed - 133MHz 3.3V 128K x 36 pipeline synchronous SRAM, clock speed - 100MHz 3.3V 128K x 32 pipeline synchronous SRAM, clock speed - 166MHz 3.3V 128K x 32 pipeline synchronous SRAM, clock speed - 150MHz 3.3V 128K x 32 pipeline synchronous SRAM, clock speed - 133MHz 3.3V 128K x 32 pipeline synchronous SRAM, clock speed - 100MHz 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 10 ns, PQFP100
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor Corp...
|
AS7C3364PFS36A-166TQI AS7C3364PFS32A AS7C3364PFS32 |
3.3V 64K X 32/36 pipeline burst synchronous SRAM 64K X 36 STANDARD SRAM, 9 ns, PQFP100 3.3V 64K X 32/36 pipeline burst synchronous SRAM 64K X 36 STANDARD SRAM, 10 ns, PQFP100 3.3V 64K X 32/36 pipeline burst synchronous SRAM 64K X 32 STANDARD SRAM, 10 ns, PQFP100 DIODE ZENER SINGLE 1000mW 16Vz 15.5mA-Izt 0.05 5uA-Ir 12.2Vr DO41-GLASS 5K/REEL 64K X 36 STANDARD SRAM, 12 ns, PQFP100 3.3V 64K X 32/36 pipeline burst synchronous SRAM 64K X 32 STANDARD SRAM, 12 ns, PQFP100
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
IS61NP25632 IS61NP25636 IS61NP51218 IS61NP25632-5T |
256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 512K X 18 ZBT SRAM, 4.2 ns, PBGA119 256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 512K X 18 ZBT SRAM, 5 ns, PBGA119 256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 256K X 32 ZBT SRAM, 4.2 ns, PBGA119 256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 256K X 32 ZBT SRAM, 5 ns, PBGA119 256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 256K X 32 ZBT SRAM, 5 ns, PQFP100 256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 256K X 36 ZBT SRAM, 4.2 ns, PQFP100 Quadruple 2-Input Positive-OR Gates 14-SOIC -40 to 85 256K X 36 ZBT SRAM, 5 ns, PQFP100 Quadruple 2-Input Positive-OR Gates 14-SOIC -40 to 85 256K X 36 ZBT SRAM, 5 ns, PBGA119 256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 256K X 36 ZBT SRAM, 4.2 ns, PBGA119 256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 512K X 18 ZBT SRAM, 5 ns, PQFP100 256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 256K X 32 ZBT SRAM, 4.2 ns, PQFP100 256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 512K X 18 ZBT SRAM, 4.2 ns, PQFP100 256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 256K × 3256K × 36和管道为512k × 18编号WAIT状态总线的SRAM
|
Integrated Silicon Solution, Inc. INTEGRATED SILICON SOLUTION INC
|
AS7C33256PFS18B AS7C33256PFS18BV.1.7 AS7C33256PFS1 |
3.3V 256K X 18 pipeline burst synchronous SRAM 3.3 256 × 18管道爆裂同步SRAM 3.3V 256K X 18 pipeline burst synchronous SRAM 256K X 18 STANDARD SRAM, 8 ns, PQFP100 Sync SRAM - 3.3V From old datasheet system
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
AS7C33256P AS7C33256PFD18B AS7C33256PFD18BV.1.2 AS |
3.3V 256K x 18 pipeline burst synchronous SRAM 256K X 18 STANDARD SRAM, 3.5 ns, PQFP100 3.3V 256K 】 18 pipeline burst synchronous SRAM Sync SRAM - 3.3V From old datasheet system
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
MC74VHC595DR2 MC74VHC595DTR2 MC74VHC595MEL MC74VHC |
8-Bit Shift Register with Output Storage Register (3-State) AHC/VHC SERIES, 8-BIT RIGHT SERIAL IN PARALLEL OUT SHIFT REGISTER, TRUE OUTPUT, PDSO16
|
ONSEMI[ON Semiconductor]
|