PART |
Description |
Maker |
IS61VF25618A-6.5TQ IS61VF25618A-6.5B3 IS61VF12836A |
128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM 256K X 18 CACHE SRAM, 6.5 ns, PQFP100 128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM 256K X 18 CACHE SRAM, 6.5 ns, PBGA165 128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM 128K X 36 CACHE SRAM, 7.5 ns, PQFP100
|
Integrated Silicon Solution, Inc.
|
IDT71V3559S75BG IDT71V3559S75BGI IDT71V3559S75BQ I |
128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs
|
IDT[Integrated Device Technology]
|
IDT71V2577 IDT71V2579 IDT71V2577S75BG |
128K x 36, 256K x 18 3.3V Synchronous SRAMs 2.5V I/O, Flow-Through Outputs Burst Counter, Single Cycle Deselect
|
Integrated Device Technology, Inc.
|
A63L73321E-12 A63L73321 |
128K X 32 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
|
AMICC[AMIC Technology]
|
IDT71V3557SA IDT71V3557S 71V3557_DS_18858 |
128K x 36, 256K x 18, 3.3V Synchronous ZBT? SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs From old datasheet system
|
IDT
|
IDT71V2577 71V2577_DS_93663 |
128K x 36, 256K x 18 3.3V Synchronous SRAMs 2.5V I/O, Flow-Through Outputs Burst Counter, Single Cycle Deselect From old datasheet system
|
IDT
|
IDT71V3579SA IDT71V3577SA IDT71V3579YSA85PFGI IDT7 |
128K X 36, 256K X 18 3.3V Synchronous SRAMs 3.3V I/O, Flow-Through Outputs Burst Counter, Single Cycle Deselect From old datasheet system
|
IDT[Integrated Device Technology]
|
AS7C33128FT18B AS7C33128FT18B-80TQIN AS7C33128FT18 |
3.3V 128K x 18 Flow Through Synchronous SRAM 128K X 18 STANDARD SRAM, 10 ns, PQFP100 3.3V 128K x 18 Flow Through Synchronous SRAM 128K X 18 STANDARD SRAM, 7.5 ns, PQFP100 3.3V 128K x 18 Flow Through Synchronous SRAM 128K X 18 STANDARD SRAM, 6.5 ns, PQFP100 128K X 18 STANDARD SRAM, 8 ns, PQFP100 14 X 20 MM, TQFP-100 128K X 18 STANDARD SRAM, 7.5 ns, PQFP100 14 X 20 MM, LEAD FREE, TQFP-100 128K X 18 STANDARD SRAM, 10 ns, PQFP100 14 X 20 MM, LEAD FREE, TQFP-100 128K X 18 STANDARD SRAM, 10 ns, PQFP100 14 X 20 MM, TQFP-100 128K X 18 STANDARD SRAM, 8 ns, PQFP100 14 X 20 MM, LEAD FREE, TQFP-100 128K X 18 STANDARD SRAM, 7.5 ns, PQFP100 14 X 20 MM, TQFP-100 128K X 18 STANDARD SRAM, 6.5 ns, PQFP100 14 X 20 MM, TQFP-100 128K X 18 STANDARD SRAM, 6.5 ns, PQFP100 14 X 20 MM, LEAD FREE, TQFP-100 Sync SRAM - 3.3V
|
INTEGRATED SILICON SOLUTION INC Alliance Semiconductor, Corp. Integrated Silicon Solution, Inc. ALSC[Alliance Semiconductor Corporation]
|
IDT71V2577S IDT71V2577Y75PF IDT71V2577SA75BQI IDT7 |
128K x 36,256K x 18 3.3V Synchronous SRAMs 2.5V I/O,Flow-Through Outputs Burst Counter,Single Cycle Deselect 128K的x 36256亩18 3.3同步SRAM.5VI / O的流量通过输出脉冲计数器,单周期取
|
Integrated Device Technology, Inc. Integrated Device Techn...
|
IDT71T75902 71T75702_DS_59004 IDT71T75902S80PF IDT |
2.5V 1M x 18 ZBT Synchronous 2.5V I/O Flow-through SRAM From old datasheet system 512K x 36, 1M x 18 2.5V Synchronous ZBT? SRAMs 2.5V I/O, Burst Counter Flow-Through Outputs
|
IDT
|
AS7C33128PFD36A-166TQI AS7C33128PFD32A AS7C33128PF |
3.3V 128K x 36 pipeline synchronous SRAM, clock speed - 150MHz 3.3V 128K x 36 pipeline synchronous SRAM, clock speed - 133MHz 3.3V 128K x 36 pipeline synchronous SRAM, clock speed - 100MHz 3.3V 128K x 32 pipeline synchronous SRAM, clock speed - 166MHz 3.3V 128K x 32 pipeline synchronous SRAM, clock speed - 150MHz 3.3V 128K x 32 pipeline synchronous SRAM, clock speed - 133MHz 3.3V 128K x 32 pipeline synchronous SRAM, clock speed - 100MHz 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 10 ns, PQFP100
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor Corp...
|
|