PART |
Description |
Maker |
CY7C1041BNV33L-15VXC CY7C1041BNV33-15VXC CY7C1041B |
256K x 16 Static RAM 256K X 16 STANDARD SRAM, 12 ns, PDSO44 256K x 16 Static RAM 256K × 16静态RAM
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
CY7C197BN-25PC CY7C197BN-15VC |
256-Kb (256 K x 1) Static RAM Fast access time: 15 ns 256 Kb (256K x 1) Static RAM 256K X 1 STANDARD SRAM, 15 ns, PDSO24 256 Kb (256K x 1) Static RAM 256K X 1 STANDARD SRAM, 25 ns, PDIP24
|
Cypress Semiconductor, Corp.
|
CY62147DV30L-55BVXE CY62147DV30LL-45BVXI CY62147DV |
4-Mbit (256K x 16) Static RAM 256K X 16 STANDARD SRAM, 45 ns, PDSO44 4-Mbit (256K x 16) Static RAM 256K X 16 STANDARD SRAM, 55 ns, PDSO44 4-Mbit (256K x 16) Static RAM 256K X 16 STANDARD SRAM, 55 ns, PBGA48 4-Mbit (256K x 16) Static RAM 4兆位56K × 16)静态RAM 4-Mbit (256K x 16) Static RAM 256K X 16 STANDARD SRAM, 70 ns, PBGA48
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
MCM63P818 MCM63P736 MCM63P736TQ100 MCM63P736ZP133R |
Circular Connector; Body Material:Aluminum; Series:PT07; No. of Contacts:2; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Jam Nut Receptacle; Circular Contact Gender:Pin; Insert Arrangement:8-2 128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM 256K X 18 CACHE SRAM, 5 ns, PQFP100 128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM 128K X 36 CACHE SRAM, 4 ns, PBGA119 128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM 128K X 36 CACHE SRAM, 5 ns, PQFP100 Replaced by PTH12000W :
|
MOTOROLA INC NEC, Corp. Motorola Mobility Holdings, Inc. Motorola, Inc.
|
IS62LV2568LL IS62LV2568L 25_62LV2568L-LL IS62LV256 |
256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM From old datasheet system ASYNCHRONOUS STATIC RAM
|
ICSI[Integrated Circuit Solution Inc]
|
CY62146EV30LL-45BVXI CY62146EV30LL-45ZSXI |
4-Mbit (256K x 16) Static RAM 256K X 16 STANDARD SRAM, 45 ns, PDSO44
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
IS61LF51218A-7.5B3 IS61LF51218A-7.5B2 IS61LF51218A |
256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM 256K X 36 CACHE SRAM, 7.5 ns, PQFP100
|
Integrated Silicon Solution, Inc. INTEGRATED SILICON SOLUTION INC
|
P4C1041-10JC P4C1041-10JI P4C1041-10TC P4C1041-10T |
HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM 256K X 16 STANDARD SRAM, 10 ns, PDSO44
|
Pyramid Semiconductor C... Pyramid Semiconductor, Corp. Pyramid Semiconductor Corporation
|
CY62138VNLL-70BAI |
256K x 8 Static RAM 256K X 8 STANDARD SRAM, 70 ns, PBGA36
|
Cypress Semiconductor, Corp.
|