PART |
Description |
Maker |
AM79C970 |
PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
|
Advanced Micro Devices
|
AM79C961 AM79C961KC AM79C961KC_W |
PCnetTM-ISA Jumperless Single-Chip Ethernet Controller for ISA
|
Advanced Micro Devices
|
LSI53C895A |
SCSI BUS CONTROLLER, PQFP208 LSI53C895A PCI to Ultra2 SCSI Controller technical manual v2.2 4/01
|
LSI CORP
|
DS2118MB/TAMPR DS2118MBTAMPR |
Ultra3 LVD/SE SCSI Terminator 9-LINE 110 ohm SCSI BUS TERMINATOR, PDSO36
|
Maxim Integrated Products, Inc.
|
LX5212 LX5212CDP LX5212CN LX5212CPWP |
SCSI - Single Ended 9-LINE LOW CAPACITANCE/ POWER SCSI TERMINATOR 9-LINE LOW CAPACITANCE, POWER SCSI TERMINATOR 9-LINE LOW CAPACITANCE, レPOWER SCSI TERMINATOR 9-LINE LOW CAPACITANCE, μPOWER SCSI TERMINATOR
|
MICROSEMI[Microsemi Corporation]
|
ACT-SF512K16N-26F18T ACT-SF512K16N-37F18T ACT-SF51 |
Synchronous 4-Bit Up/Down Binary Counters 16-SOIC 0 to 70 行为SF512K16高12Kx16的SRAM /闪存多芯片模 ACT-SF512K16 High Speed 512Kx16 SRAM/FLASH Multichip Module 行为SF512K16高12Kx16的SRAM /闪存多芯片模 90DGR MD50 MALE TO VHDCI68 MALE - 6FT 行为SF512K16高12Kx16的SRAM /闪存多芯片模 SCSI-5 MALE HPDB50 MALE CABLE KPT SCSI-1 M/M CABLE 2 FT Synchronous 4-Bit Up/Down Binary Counters 16-SO 0 to 70 VHDCI TO CENTRONICS SCSI CABLE 6FT Synchronous 4-Bit Up/Down Binary Counters 16-PDIP 0 to 70 Serial-out shift registers 16-SO 0 to 70 ULTRA2 LVD SCSI CABLE 6FTMD68
|
http:// Aeroflex, Inc. Aeroflex Inc.
|
Q62705-K182 Q62705-K171 Q62705-K174 Q62705-K176 Q6 |
Advanced PWM/PFC Combination Controller with TEM/TEM Modulation 20-SOIC -40 to 105 相对硅压阻压力传感器 Advanced PWM/PFC Combination Controller with TEM/TEM Modulation 20-SOIC -40 to 85 Advanced PFC/PWM Combination Controllers 20-PDIP -40 to 105 Silicon Piezoresistive Relative Pressure Sensor
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
IL-AG5-S-D3C IL-AG5-P-S3L |
14 CONTACT(S), FEMALE, COMBINATION LINE CONNECTOR, SOCKET 5 CONTACT(S), MALE, COMBINATION LINE CONNECTOR, SOLDER
|
JAPAN AVIATION ELECTRONICS INDUSTRY LTD
|
24AA128-I/P 24FC128-I/P 24AA128-I/MF 24LC128-E/SM |
Ultra3 LVD SCSI Terminator I2C Serial EEPROM Ethernet Mapper with Integrated T1/E1/J1 Transceiver Ultra3 LVD/SE SCSI 14-Line Terminator Ultra3 LVD/SE 15-Line SCSI Terminator 32.768kHz Temperature-Compensated Crystal Oscillator Single/Dual/Quad/Octal TDM-Over-Packet Transport Devices Quad Ethernet Mapper Secure Supervisor with 64B Nonimprinting, Battery-Backed Encryption Key SRAM 3.3V DS21352 and 5V DS21552 T1 Single Chip Transceivers 3.3V T1/J1 Line Interface Unit Ethernet Over SONET/SDH Mapper I2C串行EEPROM
|
Microchip Technology, Inc.
|
LC895127 LC895127K |
40× CD-ROM Decoder with SCSI Interface(带SCSI接口0倍CD-ROM译码 40 ×CD - ROM SCSI接口(带的SCSI接口0倍速的CD - ROM译码器解码器 40 x CD-ROM Decoder with SCSI Interface CMOS IC
|
Sanyo Electric Co., Ltd. SANYO[Sanyo Semicon Device]
|
MK1443-01S MK1443-02S MK1443-03S MK1442 MK1442-01S |
SCSI and Ethernet Clock Source OSC 5V SMT PLAS 14X9 CMOS ; External Width:45mm; Frequency Max:60Hz RoHS Compliant: Yes CONTACTORS DIL00A(B)M-01-DC SCSI and Ethernet Clock Source SCSI和以太网时钟 100 MHz, PROC SPECIFIC CLOCK GENERATOR, PDSO16
|
Integrated Circuit Syst... ICST[Integrated Circuit Systems] Lite-On Technology, Corp.
|
NX8341UH-AZ NX8341UN-AZ |
PLIERS, COMBINATION REDLINE 200MMPLIERS, COMBINATION REDLINE 200MM; Jaw type:Combination; Length:200mm; Handle type:High grip; Capacity, cutting hard wire:2.0mm; Capacity, jaw max:2mm; Joint Construction:lap; Length, jaw:44mm; Width, NECs 1310 nm AlGalnAs MQW-DFB TOSA FOR 10 Gb/s APPLICATION Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:1000V; On State RMS Current, IT(rms):8A; Gate Trigger Current (QI), Igt:50mA; Current, It av:8A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes
|
California Eastern Laboratories
|