PART |
Description |
Maker |
HD74AC00FPEL HD74AC00 HD74AC00TELL HD74AC00P HD74A |
Standard IC>General-Purpose Logics>HD74AC Series Quad 2-Input NAND Gate Quad. 2-input NAND Gates
|
Renesas Electronics Corporation Renesas Technology / Hitachi Semiconductor
|
MC14093BCL MC14093B ON0871 MC14093BCP MC14XXXBCL M |
QUAD 2 INPUT NAND SCHMITT TRIGGER From old datasheet system ORDERING INFORMATION IEEE 802.3af PoE Powered Device Controllers 8-TSSOP -40 to 85 Quad 2-Input NAND Schmitt Trigger 4000/14000/40000 SERIES, QUAD 2-INPUT NAND GATE, CDIP14 Quad 2-Input NAND Schmitt Trigger 4000/14000/40000 SERIES, QUAD 2-INPUT NAND GATE, PDSO14
|
ON Semi Motorola, Inc. Motorola Mobility Holdings, Inc.
|
KS74AHCT01 |
Quad 2-Input NAND Gates
|
Samsung
|
HD74LV00A |
Quad. 2-input NAND Gates
|
HITACHI[Hitachi Semiconductor]
|
DM7403 |
Quad 2-Input NAND Gates with Open-Collector Outputs
|
Fairchild
|
DM7426 DM7426N |
QUAD 2-INPUT NAND GATES WITH HIGH VOLTAGE OPEN-COLLECTOR OUTPUTS
|
Fairchild Semiconductor
|
74LS173SC 74LS133SC 74LS14PC 74LS04PC 74LS15PC 74L |
Single 13-input NAND Gate CERAMIC CHIP/MIL-PRF-55681 Triple 3-input AND Gate Synchronous Up/Down Counter 同步减计数器 Quad 2-input NOR Gate 输入或非 Hex D-Type Flip-Flop 六角D型触发器 Quad D-Type Flip-Flop 四D型触发器 2-To-4-Line Demultiplexer 2线复用器 Triple 3-input NAND Gate 输入与非 Quad 2-input NAND Gate 输入与非 4-Bit Buffer/Driver
|
Rochester Electronics, LLC NXP Semiconductors N.V.
|
AS7C1024B AS7C1024BV1.2 AS7C1024B-20TJIN AS7C1024B |
From old datasheet system SRAM - 5V Fast Asynchronous High Speed CMOS Logic Hex Inverters 14-SOIC -55 to 125 High Speed CMOS Logic Quad 2-Input NAND Gates with Open Drain 14-PDIP -55 to 125 High Speed CMOS Logic Quad 2-Input NOR Gates 14-SOIC -55 to 125 128K X 8 STANDARD SRAM, 15 ns, PDSO32 5V 128K X 8 CMOS SRAM 128K X 8 STANDARD SRAM, 20 ns, PDSO32 5V 128K X 8 CMOS SRAM 128K X 8 STANDARD SRAM, 10 ns, PDSO32 High Speed CMOS Logic Quad 2-Input NAND Gates with Open Drain 14-SOIC -55 to 125 128K X 8 STANDARD SRAM, 20 ns, PDSO32 High Speed CMOS Logic Quad 2-Input NOR Gates 14-SOIC -55 to 125 128K X 8 STANDARD SRAM, 12 ns, PDSO32 High Speed CMOS Logic Quad 2-Input NOR Gates 14-PDIP -55 to 125
|
ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
HM62256B HM62256BLP-7 HM62256BLSP-7SL HM62256BLP-7 |
Triple 3-Input Positive-NAND Gates 20-LCCC -55 to 125 256k SRAM (32-kword x 8-bit) Triple 3-Input Positive-AND Gates 14-CDIP -55 to 125 Triple 3-Input Positive-NAND Gates 14-CDIP -55 to 125 Triple 3-Input Positive-AND Gates 14-CFP -55 to 125 Triple 3-Input Positive-AND Gates 20-LCCC -55 to 125 STANDARD SRAM, PDSO32 STANDARD SRAM, PDSO28
|
Hitachi,Ltd.
|
U3525-S16-T U3525-S16-R U3525-D16-T U74AHC1G00L-AF |
SINGLE SCHMITT-TRIGGER BUFFER SINGLE SCHMITT-TRIGGER INVERTER QUADRUPLE 2-INPUT POSITIVE-OR GATES 2-INPUT OR GATE 2-INPUT NOR GATE HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER QUADRUPLE 2-INPUT POSITIVE-NAND GATES 2-INPUT EXCLUSIVE-OR GATE SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT BILATERAL SWITCH 2-INPUT AND GATE 2-INPUT NAND GATE REGULATING PWM IC
|
友顺科技股份有限公司 UTC[Unisonic Technologies]
|
ATF16LV8C ATF16LV8C-10JC ATF16LV8C-10JI ATF16LV8C- |
High Speed CMOS Logic Quad Buffers with 3-State Outputs 14-SOIC -55 to 125 FLASH PLD, 10 ns, PDSO20 High Speed CMOS Logic Quad Schmitt-Triggered 2-Input NAND Gates 14-PDIP -55 to 125 FLASH PLD, 15 ns, PDSO20 High- Performance EE PLD FLASH PLD, 10 ns, PQCC20 High Speed CMOS Logic Quad Schmitt-Triggered 2-Input NAND Gates 14-SOIC -55 to 125
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
74F38 N74F38N I74F38D I74F38N N74F38D I74F38N602 |
Quad 2-input NAND buffer (open collector) - Description: 2-Input NAND Buffer (Open Collector) ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: 64 mA ; Propagation delay: 10 ns; Voltage: 4.5-5.5 V; Package: Always Pb-free Quad 2-input NAND buffer open collector
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|