PART |
Description |
Maker |
2SC4401 |
NPN Epitaxial Planar Silicon Transistor VHF/UHF Mixer, Local Oscillator, Low-Voltage Amplifier Applications NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SC4504 |
NPN Epitaxial Planar Silicon Transistor High-Definition CRT Display Video Output Driver Applications NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SC3773 C3773 |
2SC3773 NPN Epitaxial Planar Silicon Transistors NPN Epitaxial Planar Silicon Transistor UHF Oscillator, Mixer, Low-Noise Amplifier, Wide-Band Amplifier Applications
|
Sanyo Semicon Device
|
2SC3779 0379 |
NPN Epitaxial Planar Silicon Transistor UHF Low-Noise Amp, Wide-Band Amp Applications NPN Epitaxial Planar Silicon Transistors From old datasheet system
|
SANYO[Sanyo Semicon Device]
|
2SC2344 2SA1011 |
NPN Epitaxial Planar Silicon Transistors High-Voltage Switching, AF Power Amp, 100W Output Predriver Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SC2911 2SA1209 2SA120902 |
NPN Epitaxial Planar Silicon Transistors 160V/140mA High-Voltage Switching and AF 100W Predriver Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo Semicon Device
|
2SC3255 2SA1291 0045 |
NPN Epitaxial Planar Silicon Transistors 60V/10A High-Speed Switching Applications From old datasheet system PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA2044 2SC5710 2SA2044FA 2SC5710TP-FA |
Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 9A I(C) | TO-252VAR DC / DC Converter Applications PNP/NPN Epitaxial Planar Silicon Transistors PNP / NPN Epitaxial Planar Silicon Transistors PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications
|
SANYO[Sanyo Semicon Device] Matsshita / Panasonic
|
2SA1973 2SC5310 2SA1973-5 |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset PNP/NPN Epitaxial Planar Silicon Transistors PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications NPN Epitaxial Planar Silicon Transistors DC/DC Converter Applications
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
2SC5539A |
NPN Epitaxial Planar Silicon Transistor NPN Epitaxial Planar Silicon Transistor VHF to UHF Low-Noise Amplifier and OSC Applications
|
Sanyo Semicon Device
|
2SD2202 2SB1454 0792 |
NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications From old datasheet system PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SD1620 |
NPN Epitaxial Planar Silicon Transistor 1.5V, 3V Strobe Applications NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|