PART |
Description |
Maker |
UPG2012TK UPG2012TK-E2 |
NECs ? W SINGLE CONTROL L, S-BAND SPDT SWITCH NECs W SINGLE CONTROL L/ S-BAND SPDT SWITCH
|
NEC
|
PS2913-1 PS2913-1-F4 PS2913-1-F3 |
NECs SINGLE TR. OUTPUT, HIGH COLLECTOR-EMITTER VOLTAGE, 4-PIN ULTRA SMALL FLAT LEAD OPTOCOUPLER 邻舍单文。输出,高集电极发射极电压,4针超小型扁平引线光 From old datasheet system
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
NR8500 NR8500FR-BB-AZ NR8500FR-CB-AZ NR8500CP-BC-A |
CAP 1.0PF 25V .10 PF NP0(C0G) SMD-0603 TR-7 PLATED-NI/SN NECs 050 um InGaAs APD IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS 邻舍050微米铟镓APD的同轴包55字节/秒和622 Mb / s的应 NECs 050 um InGaAs APD IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS 邻舍050微米铟镓砷APD的同轴包55字节/秒和622 Mb / s的应 NECs φ50 μm InGaAs APD IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
|
California Eastern Laboratories, Inc. California Eastern Labs
|
UPG2214TB-E4-A |
50 MHz - 3000 MHz RF/MICROWAVE SGL POLE DOUBLE THROW SWITCH, 0.65 dB INSERTION LOSS 2-WIRE FACTORY PROGRAMMED W/TIN PLATING NECs W LOW VOLTAGE L/ S-BAND SPDT SWITCH NECs ?W LOW VOLTAGE L, S-BAND SPDT SWITCH
|
NEC Corp.
|
93R1A-R22-A12L 91A2D-A28-A15 |
Model 91, 92, 93, 94 & 95 - 5/8 ?Square Single-Turn Panel Control Model 91, 92, 93, 94 & 95 - 5/8 ?Square Single-Turn Panel Control Metal or plastic shaft options
|
Bourns Electronic Solutions Bourns Electronic Solut...
|
AF002N2-32 |
GaAs IC 15 dB Voltage Variable Attenuator Single Control DC? GHz GaAs IC 15 dB Voltage Variable Attenuator Single Control DC-2 GHz LJT 41C 41#16 PIN WALL RECP
|
http:// Alpha Industries Inc ALPHA[Alpha Industries] Alpha Industries, Inc.
|
LT6558IDHC LT6558CDHC LT6558CGN LT6558IDHCTRPBF |
550MHz, 2200V/楼矛s Gain of 1, Single Supply Triple Video Amplifi er with Input Bias Control 550MHz, 2200V/μs Gain of 1, Single Supply Triple Video Amplifi er with Input Bias Control 550MHz, 2200V/µs Gain of 1, Single Supply Triple Video Amplifier with Input Bias Control; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 85°C 3 CHANNEL, VIDEO AMPLIFIER, PDSO16
|
Linear Technology, Corp.
|
NE851M33-T3-A NE851M33 NE851M33-A |
NECs NPN SILICON TRANSISTOR
|
California Eastern Labs
|