PART |
Description |
Maker |
2SK3003 FM100 FM20 |
External dimensions 1
|
List of Unclassifed Manufacturers Sanken electric ETC
|
2SK3004 |
External dimensions 1 ...... FM20
|
List of Unclassifed Manufacturers ETC[ETC] Unknow
|
AA16208 |
EXTERNAL DIMENSIONS AND DISPLAY PATTERNS
|
List of Unclassifed Manufacturers ETC[ETC]
|
EVQ-PE104K EVQPNF04M EVQPNF05M EVQ-PNF04M EVQ5PN04 |
6.0 mm3.5 mm SMD Light Touch Switch es External dimensions 6.0 mm3.5 mm, Height 4.3 mm, 5.0 mm 6.0 mm3.5 mm SMD Light Touch Switch es External dimensions 6.0 mm3.5 mm, Height 4.3 mm, 5.0 mm
|
Panasonic Semiconductor
|
MC74LVQ573SD MC74LVQ573 MC74LVQ573DT MC74LVQ573DW |
COVER KIT, NLP40; Length / Height, external:127mm; Width, external:72.87mm; Depth, external:37.29mm RoHS Compliant: Yes LVQ SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20 LOW-VOLTAGE CMOS OCTAL TRANSPARENT LATCH
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc]
|
1SV225 |
FILTER, INLET, IEC, 6A, SPST; Voltage rating, AC:250V; Current rating:6A; Phases, No. of:1; Length / Height, external:24mm; Width, external:48.5mm; Depth, external:65.7mm; Approval Bodies:VDE, CSA, UL; Capacitance, X type RoHS Compliant: Yes VARIABLE CAPACITANCE DIODE (ELECTRONIC TUNING APPLICATIONS OF FM RECEIVERS)
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
MC12148D MC12148SD MC12148 |
LOW POWER VOLTAGE CONTROLLED OSCILLATOR Switch Mode Power Supply; Series:MFA; Output Voltage:12VDC; Output Power Max:350W; Output Current:29A; Number of Outputs:1; Efficiency:86%; External Depth:3.20"; External Height:1.50"; External Width:6.80" PSU, 350W 24V SINGLE O/P ; Voltage, output:24V; Current, output:14.5A; Power rating:350W; Voltage, supply min:90V; Voltage, supply max:264V; Length / Height, external:38.1mm; Width, external:81.3mm; Depth, external:172mm; Current,
|
Motorola, Inc MOTOROLA INC
|
2A06 2A01 2A05 2A02 2A07 2A03 2A04 |
2.0A RECTIFIER MC24E3 Std. Unit FAN, 127X127X38MM, 24VDC; Series:Galaxy; Flow rate, imperial:195cu.ft/min; Length / Height, external:127mm; Width, external:127mm; Depth, external:38mm; Power consumption:31.2W; Noise:59.8dB; Voltage, supply DC:24V dc; Approval RoHS Compliant: Yes
|
DIODES[Diodes Incorporated] Diodes Inc.
|
YGV606 |
STARTER KIT, CYCLONE III, FPGA; Depth, external:50mm; Height:160mm; Weight:0.4kg; Width, external:130mm RoHS Compliant: Yes VGA视频控制
|
Jameco Electronics
|
DS1258Y DS1258Y-70-IND DS1258AB-100 DS1258AB-100-I |
128k x 16 Nonvolatile SRAM 128K的16非易失SRAM Safety Sign; Legend:Notice Authorized Personnel Only; External Height:7"; External Width:10"; Body Material:Polyester; Color:Blue/Black RoHS Compliant: NA 128K的16非易失SRAM
|
Maxim Integrated Products, Inc. Dallas Semiconducotr DALLAS[Dallas Semiconductor] MAXIM - Dallas Semiconductor
|