PART |
Description |
Maker |
BTA225 BTA225-500B BTA225-600B BTA225-800B BTA225B |
600 V, 25 A, SNUBBERLESS TRIAC, TO-263AB Three quadrant triacs high commutation 500 V, 25 A, SNUBBERLESS TRIAC, TO-263 Transient Voltage Suppressor Diodes
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BTB06-600B BTB06-600BRG BTB06-600BW BTB06-600BWRG |
800 V, 6 A, SNUBBERLESS TRIAC, TO-220AB SNUBBERLESS?? LOGIC LEVEL & STANDARD SNUBBERLESS LOGIC LEVEL & STANDARD 缓冲器⑩,逻辑电平 (65.93 k) 5.93十一 INDICATOR BODY, ROUND; Lamp fitting type:Midget Groove; Approval Bodies:BEAB, CSA, VDE, UL; Current, contact max:6A; Depth, external:42mm; Diameter, bezel:18mm; IP rating:IP65; Operations, mechanical No. of:1000000; Temp, op. RoHS Compliant: Yes 240 x 128 pixel format, LED or EL Backlight SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute SNUBBERLESS LOGIC LEVEL & STANDARD SNUBBERLESS/ LOGIC LEVEL & STANDARD Transient Voltage Suppressor Diodes SNUBBERLESS⑩, LOGIC LEVEL & STANDARD From old datasheet system SNUBBERLESS, LOGIC LEVEL & STANDARD 6A TRIACS SNUBBERLESS? LOGIC LEVEL & STANDARD
|
STMicroelectronics N.V. International Rectifier, Corp. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
T630W T620W |
6A SNUBBERLESTM TRIAC SNUBBERLESS TRIAC
|
STMicroelectronics ST Microelectronics
|
BTB16-700CW/F2 BTB16-700BW/F2 |
700 V, 16 A, SNUBBERLESS TRIAC
|
STMICROELECTRONICS
|
T1630-600W T1620W04 T1620-800W T1630-800W T1620-60 |
16A SNUBBERLESS TRIAC
|
STMicroelectronics
|
T820W |
(T820W / T830W) SNUBBERLESS TRIAC
|
ST Microelectronics
|
T1235H-600T-TR T1235H-600GRG T1235H06 T1235H600T T |
600 V, 12 A, SNUBBERLESS TRIAC 12A TRIACS
|
STMICROELECTRONICS[STMicroelectronics]
|
T1235H-6T T1235H07 T1250H-6G-TR T1235H-6G-TR T1235 |
600 V, 12 A, SNUBBERLESS TRIAC, TO-220AB High temperature 12 A Triacs
|
STMicroelectronics
|
BTA16-600BW BTA16-400CW BTB16-400CW |
Transient Voltage Suppressor Diodes TRIAC|400V V(DRM)|16A I(T)RMS|TO-220 Snubberless Triacs
|
ST Microelectronics
|
CQ218-45B CQ218-45D CQ218-45M CQ218-45N |
Leaded Thyristor TRIAC 45 AMP TRIAC 800 V, 45 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-218
|
Central Semiconductor, Corp. Central Semiconductor Corp.
|
CQ92BT CQ92NT CQ92DT CQ92MT |
Leaded Thyristor TRIAC Triac 12 Amp, 600 Volt Triac Chip TRIAC
|
Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp] Central Semiconductor C...
|