PART |
Description |
Maker |
ST1200 5002 |
Memory Card IC 256 bit OTP EPROM with Lock-Out From old datasheet system
|
STMicro
|
24AA1603 24LC16B 24AA16-I/MS 24AA16-I/MSG 24AA16-I |
16K I2C垄芒 Serial EEPROM 16K I2C?/a> Serial EEPROM The 24LC16B is a 16K bit Electrically Erasable PROM memory organized as eight blocks of 256 x 8-bit memory with an I2C compatible 2-wire serial interface bus. The 24LC16B features hardware write protect, Schmitt trigger in The 24LC16B is a 16K bit Electrically Erasable PROM memory organized as eight blocks of 256 x 8-bit memory with an I2C ... The 24LC16B is a 16K bit Electrically Erasable PROM memory organized as eight blocks of 256 x 8-bit memory with an I<SUP>2</SUP>C ... 16K I2C Serial EEPROM
|
Microchip Technology Inc.
|
24LC02BTI_SNG 24LC02BI_SNG 24LC02BI_OTG 24LC02BI_P |
The 24AA02 is a 1K bit Electrically Erasable PROM memory organized as a single block of 256 x 8-bit memory with an I2C ... The 24AA02 is a 1K bit Electrically Erasable PROM memory organized as a single block of 256 x 8-bit memory with an I2C compatible 2-wire serial interface bus. The 24AA02 features hardware write protect, Schmitt trigger inp 2K I2C Serial EEPROM
|
MICROCHIP[Microchip Technology]
|
S87C652-5A44 S87C654-5A44 S87C654-4N40 S87C654-5B4 |
80C51 8-bit microcontroller 8K/16K/ 256 OTP/ I2C 80C51 8-bit microcontroller 8K/16K, 256 OTP, I2C 8-BIT, OTPROM, 16 MHz, MICROCONTROLLER, PQCC44
|
Philips Semiconductors NXP Semiconductors N.V.
|
AM29LV002 AM29LV002B-90RECB AM29LV002B-120FCB AM29 |
2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only/ Boot Sector Flash Memory Half Bridge Driver, LO Out of Phase with RT, Programmable Oscillating Frequency, 1.2us Deadtime in a 8-pin DIP package 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 2兆位56亩8位).0伏的CMOS只,引导扇区闪存 Connector 连接 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 3V PROM, 100 ns, PDSO40 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 3V PROM, 120 ns, PDSO40 MB 18C 18#20 PIN RECP 256K X 8 FLASH 3V PROM, 120 ns, PDSO40 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 2兆位256亩8位).0伏的CMOS只,引导扇区闪存 256K X 8 FLASH 3V PROM, 90 ns, PDSO40
|
AMD Advanced Micro Devices, Inc. SPANSION LLC ADVANCED MICRO DEVICES INC
|
24C02SC 24C01SC/WF 24C02SC/W08 |
串行EEPROM的| 256X8 |CMOS |晶圆 SERIAL EEPROM|128X8|CMOS|WAFER The 24C02SC is a 2K bit Electrically Erasable PROM with bondpad positions optimized for smart card specific applications. The 24C02SC is organized as a single block of 256 x 8-bit memory with an I2C compatible 2-wire seria
|
Microchip
|
AM29F200AT-55EC AM29F200AT-55EE AM29F200AT-55EI AM |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 128K X 16 FLASH 5V PROM, 120 ns, PDSO44 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 5V PROM, 90 ns, PDSO44 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 128K X 16 FLASH 5V PROM, 70 ns, PDSO44 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 128K X 16 FLASH 5V PROM, 150 ns, PDSO44 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 128K X 16 FLASH 5V PROM, 55 ns, PDSO48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 2兆位56亩x 8-Bit/128亩x 16位).0伏的CMOS只,引导扇区闪存 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 128K X 16 FLASH 5V PROM, 150 ns, PDSO48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 5V PROM, 120 ns, PDSO48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 2兆位256亩x 8-Bit/128亩x 16位).0伏的CMOS只,引导扇区闪存 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 128K X 16 FLASH 5V PROM, 90 ns, PDSO48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 5V PROM, 90 ns, PDSO48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 128K X 16 FLASH 5V PROM, 70 ns, PDSO48
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
87C552 S87C552-5A68 S87C552-4A68 S87C552-4BA |
80C51 8-bit microcontroller 8K/256 OTP, 8 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O
|
PHILIPS[Philips Semiconductors]
|
AM42DL1614DT45IT AM42DL1614DB45IT AM42DL1614DB35IT |
Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM Am29DL16xD 16兆位2米8 1个M x 16位).0伏的CMOS只,同时作业闪存兆位256亩16位),静态存储器 Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM Am29DL16xD 16兆位米8 1个M x 16位).0伏的CMOS只,同时作业闪存兆位56亩16位),静态存储器 Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM SPECIALTY MEMORY CIRCUIT, PBGA69
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
P87C576EBBB |
80C51 8-bit microcontroller family 8K/256 OTP/ROM 6 channel 10-bit A/D 4 comparators failure detect circuitry watchdog timer
|
Philips
|
EN29GL256H EN29GL256H-90ZIP EN29GL256L-90BAIP EN29 |
256 Megabit (32768K x 8-bit / 16384K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
|
Eon Silicon Solution Inc.
|
P83C576EBAA P83C576EBBB P83C576EBPN P83C576EFAA P8 |
80C51 8-bit microcontroller family 8K/256 OTP/ROM 6 channel 10-bit A/D 4 comparators failure detect circuitry watchdog timer 80C51 8-bit microcontroller family 8K/256 OTP/ROM, 6 channel 10-bit A/D, 4 comparators, failure detect circuitry, watchdog timer
|
PHILIPS[Philips Semiconductors]
|