PART |
Description |
Maker |
AM27C512-255PC AM27C512-55PC5 AM27C512-200LIB AM27 |
512 Kilobit ( 64 K x 8-Bit ) CMOS EPROM Speed options as fast as 55 ns 512 Kilobit ( 64 K x 8-Bit ) CMOS EPROM Speed options as fast as 55 ns
|
Rochester Electronics
|
SST29EE512-70-4I-EHE SST29EE512-70-4C-EHE SST29EE5 |
512 Kbit (64K x8) Page-Write EEPROM 64K X 8 FLASH 5V PROM, 70 ns, PQCC32 512 Kbit (64K x8) Page-Write EEPROM 64K X 8 FLASH 5V PROM, 70 ns, PDSO32
|
http:// Silicon Storage Technology, Inc.
|
IDT72V70200 72V70200_DS_72847 IDT72V70200PQF IDT72 |
512 x 512 TSI, 16 I/O at 2Mbps, 3.3V 512 x 512 Time Slot Interchange Digital Switch, 3.3V TSI-TDM Switches From old datasheet system 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
|
IDT[Integrated Device Technology]
|
NAND01G-A NAND128-A NAND256-A NAND01GR3A0AN1 NAND0 |
128 Mbit / 256 Mbit / 512 Mbit / 1 Gbit (x8/x16) 528 Byte/264 Word Page / 1.8V/3V / NAND Flash Memories 128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
|
STMicroelectronics ST Microelectronics
|
NAND01G-N NAND01GR4N5 NAND01GR3N6 |
1 Gbit (x8/x16) 2112 Byte Page NAND Flash Memory and 512 Mbit (x16) LPSDRAM, 1.8V, Multi-Chip Package
|
STMICROELECTRONICS[STMicroelectronics]
|
AM41PDS3228DT10IS AM41PDS3228DB10IT AM41PDS3228DT1 |
32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Page Mode Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices]
|
LH28F800SGH-L LH28F800SG-L |
Chip-on-Glass (COG) Technology, 16 Characters x 2 Lines 8 M位(512 KB的16)SmartVoltage闪存 8 M-bit (512 kB x 16) SmartVoltage Flash Memories 8 M位(512 KB的16)SmartVoltage闪存
|
Sharp Corporation Sharp, Corp.
|
M24512-WBN6 M24512-WBN6T M24512-WMW6T MM24512-WBN6 |
512 Kbit Serial I??Bus EEPROM 512 Kbit Serial IBus EEPROM 512千位串行I眷总线的EEPROM CAP 3300UF 50V ELECT SMG RAD 512 Kbit Serial I? Bus EEPROM 512 Kbit Serial IC Bus EEPROM 512 Kbit Serial I裁 Bus EEPROM 512 KBIT SERIAL I²C BUS EEPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
SST27VF256 27XF256 |
256 Kilobit (32K x 8) SuperFlash MTP From old datasheet system
|
SST
|
CD97-00-1-444 |
IMAGE SENSOR-CCD, 512(H) X 512(V) PIXEL, RECTANGULAR, THROUGH HOLE MOUNT
|
E2V TECHNOLOGIES PLC
|