PART |
Description |
Maker |
ILC7280AR2530X ILC7280AR2828X ILC7280AR2830X ILC72 |
Dual 0.15A Low Dropout Voltage Regulator Micropower Dual 150mA CMOS RF LDO Regulators Micropower Dual 150mA CMOS RF LDO-TM Regulators
|
FAIRCHILD[Fairchild Semiconductor]
|
NCP585LSN18T1G NCP585 NCP585DSAN09T1G NCP585DSAN12 |
Tri-Mode 300 mA CMOS LDO Regulator with Enable 1.8 V FIXED POSITIVE LDO REGULATOR, 0.48 V DROPOUT, PDSO5 Tri-Mode 300 mA CMOS LDO Regulator with Enable 1.8 V FIXED POSITIVE LDO REGULATOR, 0.48 V DROPOUT, PDSO6 Tri-Mode 300 mA CMOS LDO Regulator with Enable 0.9 V FIXED POSITIVE LDO REGULATOR, 0.8 V DROPOUT, PDSO5 Tri-Mode 300 mA CMOS LDO Regulator with Enable 0.9 V FIXED POSITIVE LDO REGULATOR, 0.8 V DROPOUT, PDSO6
|
ONSEMI[ON Semiconductor]
|
NCV4279B NCV4279BD1 NCV4279BD1R2 NCV4279BD2 NCV427 |
5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO14 ANA 5.0V MICROPOWER
|
ONSEMI[ON Semiconductor]
|
MIC5252 MIC5252-1.8BM5 MIC5252-2.5BM5 MIC5252-2.85 |
150MA HIGH PSRR LOW NOISE UCAP CMOS LDO 2.85 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 150MA HIGH PSRR LOW NOISE UCAP CMOS LDO 2.85 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, DSO6 Dual 3A Non-Synchronous Buck Converter with Integrated High Side MOSFET, 300 kHz 14-HTSSOP -40 to 125
|
Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
SP78LC30EM5_TR SP78LC30EM5 SP78LC00 |
Micropower, 100mA CMOS LDO Regulator
|
SIPEX[Sipex Corporation]
|
NCP603SN250T1G |
300 mA High Performance CMOS LDO Regulator
|
ON Semiconductor
|
CM3016-48 |
Micropower 4.75V/500mA Low Noise CMOS LDO Regulator
|
California Micro Devices
|
CM3016-48SO CM3016-48ST CM3016-48 |
Micropower, 4.75V/500mA Low Noise LDO CMOS Regulator Micropower, 4.75V/500mA Low Noise CMOS LDO Regulator
|
California Micro Device... California Micro Devices Corporation
|
NCP603SNADJT1G NCP603SN150T1G NCP603SN130T1G NCP60 |
300 mA High Performance CMOS LDO Regulator with Enable and Enhanced ESD Protection
|
ON Semiconductor
|
AAT3216 AAT3216IGV-1.2-T1 AAT3216IGV-1.5-T1 AAT321 |
150mA MicroPower??LDO with PowerOK 150mA MicroPower LDO with PowerOK 150mA MicroPower⑩ LDO with PowerOK Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:18; No. Strands x Strand Size:42 x 34; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:105 C; Voltage Nom.:300V RoHS Compliant: Yes 150mA MicroPowerLDO with PowerOK ⑩微功50mA的LDO稳压器与PowerOK
|
ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. Advanced Analogic Technologies, Inc.
|