PART |
Description |
Maker |
UDN2980A UDN2982LW A2981 A2982 A2982SLW UDN2981A U |
8-CHANNEL SOURCE DRIVERS
|
ALLEGRO[Allegro MicroSystems]
|
5818-F 5818FQ |
BiMOS II 32-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS FOR -40 °C TO 85 °C OPERATION From old datasheet system
|
Allegro
|
A6812EA A6812EEP A6812KEP A6812ELW A6812SEP A6812S |
DABiC-IV 20-Bit Serial-Input Latched Source Drivers with Active Pull-Downs
|
Allegro MicroSystems
|
A6818SA A6818EA A6818EEP A6818SEP |
DABiC-IV 32-Bit Serial-Input Latched Source Drivers with Active Pull-Downs
|
Allegro MicroSystems
|
UCQ5810 |
BiMOS II 10-Bit Serial-Input, Latched Source Drivers with Active-DMOS Pull-Downs
|
Allegro MicroSystems
|
UCN5841 UCN5841A UCN5841LW UCN5842 UCN5842A UCQ584 |
(UCN5842) BiMOS II 8-BIT SERIAL-INPUT / LATCHED DRIVERS BiMOS II 8-Bit Serial-Input, Latched Driver to be Used in a Wide Variety of Peripheral Power Driver Applications(广泛用于各种外围功率器件的BiMOS II 8位串行输入锁存驱动器) BiMOS II 8-BIT SERIAL-INPUT/ LATCHED DRIVERS BiMOS II 8-BIT SERIAL-INPUT. LATCHED DRIVERS BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS BiMOS II 8-BIT SERIAL INPUT/ LATCHED SOURCE DRIVERS
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
UCQ5818 UCQ5818AF UCQ5818EPF 5818-F |
BiMOS II 32-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS FOR -40 C TO 85 C OPERATION BiMOS II 32位串行输入,锁存40℃驱动程序要运行85
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
IS1-2981RH-8 IS1-2981RH-Q |
8 Channel Source Driver; Temperature Range: -; Package: 18-SBDIP 8 CHANNEL, BUF OR INV BASED PRPHL DRVR, CDIP18
|
Intersil, Corp.
|
KTA1552T |
DC-DC CONVERTERS RELAY DRIVERS/ LAMP DRIVERS/ MOTOR DRIVERS/ STROBES APPLICATION.
|
KEC(Korea Electronics)
|
KTC3552T |
DC-DC CONVERTERS RELAY DRIVERS/ LAMP DRIVERS/ MOTOR DRIVERS/ STROBES APPLICATION
|
KEC(Korea Electronics)
|