PART |
Description |
Maker |
TMP86PH06U TMP86PH06N |
CMOS 8 BIT MICROCONTROLLER 的CMOS 8位微控制 8-Bit Microcontroller TLCS-870 Family CMOS 8-Bit Microcontroller
|
Toshiba, Corp.
|
SAB80C517A-N18-T3 SAB-80C517A-N18 SAB83C517A-N18-T |
8-Bit CMOS Single-Chip Microcontroller 8-BIT, 18 MHz, MICROCONTROLLER, PQCC84 High Speed CMOS Logic 8-Bit Universal Shift Register with 3-State Outputs 20-SOIC -55 to 125 高速CMOS逻辑8态输出通用变换缓存SOIC-20封装 工作温度55℃_125
|
SIEMENS AG
|
78012F 78P0914 780001 780018Y 780024 780024Y 78003 |
Common to 78K/0 Series 8-bit CMOS single-chip microcontroller 52-pin 8-bit single-chip microcontroller(78K0/KD1) 78K/0 series 8-bit microcomputer with incorporated UART 78K/0 series multi-master IIC built-in 8-bit microcomputer 20-pin 8-bit single-chip microcontroller 8-bit controller with built-in IE/DCAN bus controller 78K/0 Series 8-bit single-chip microcontroller 44-pin 8-bit single-chip microcontroller(78K0/KC1) 8-bit DTS controller with OSD controller 8-bit DTS controller with onboard OSD controller 8-bit CMOS single-chip microcomputer 8-bit microcontroller with controller driver for automobile motors 8-bit single-chip microcontroller 78K/0 series 30-pin 8-bit single-chip microcontroller(78K0/KB1) 64-pin 8-bit single-chip microcontroller(78K0/KE1) 80-pin 8-bit single-chip microcontroller(78K0/KF1) VFD driver built-in 8-bit single-chip microcomputer 8-bit single-chip microcomputer with built-in VFD driver 8-bit micro-controller with built-in J1850(Class 2) controller 8-bit microcontroller with built-in control driver for automotive meter drive 8-bit SC microcomputer with integrated CAN controller
|
NEC[NEC]
|
PIC16F87X01 P16F877 PIC16LF873 PIC16F876-20I/SOD85 |
8-BIT, FLASH, 4 MHz, RISC MICROCONTROLLER, PDIP28 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDSO28 0.300 INCH, PLASTIC, MS-013, SO-28 (PIC16LF87x) 8-Bit CMOS Flash Microcontrollers DMOS MICROSTEPPING DRVR W/TRANSLATOR 28/40-Pin 8-Bit CMOS FLASH Microcontrollers 8-BIT, FLASH, 4 MHz, RISC MICROCONTROLLER, PQFP44
|
HIROSE ELECTRIC Co., Ltd. Microchip Technology Inc. http://
|
MB90346ASPFV MB90347APF MB90347APFV MB90349CAPFV M |
16-bit Proprietary Microcontroller CMOS 16-BIT, MROM, 24 MHz, MICROCONTROLLER, PQFP100 16-BIT, FLASH, 24 MHz, MICROCONTROLLER, PQFP100 PLASTIC, QFP-100 16-bit Proprietary Microcontroller CMOS
|
FUJITSU LTD Fujitsu, Ltd. Fujitsu Component Limited. Fujitsu Component Limit...
|
HD6435348F6 HD6475368CP10 HD6475368F8 HD6475368F6 |
IC,MICROCONTROLLER,16-BIT,H8/500 CPU,CMOS,LDCC,84PIN,PLASTIC IC,MICROCONTROLLER,16-BIT,H8/500 CPU,CMOS,QFP,80PIN,PLASTIC IC,MICROCONTROLLER,16-BIT,H8/500 CPU,CMOS,LLCC,84PIN,CERAMIC From old datasheet system
|
Hitachi America
|
PIC16LC717I/SS PIC16C717E/SS PIC16C771TE/SO PIC16C |
MICROCONTROLLER|8-BIT|PIC CPU|CMOS|SOP|20PIN|PLASTIC Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifiers; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C MICROCONTROLLER|8-BIT|PIC CPU|CMOS|SSOP|20PIN|PLASTIC 单片机| 8位|知情同意的CPU |的CMOS | SSOP封装| 20针|塑料 Microcontroller 微控制器
|
Microchip Technology, Inc.
|
SAB-C540U-EN SAB-C540U-EP SAB-C541U-1EP Q67126-C20 |
8-Bit CMOS Microcontroller 8-BIT, OTPROM, 12 MHz, MICROCONTROLLER, PQCC44 8-Bit CMOS Microcontroller 8-BIT, OTPROM, 12 MHz, MICROCONTROLLER, PDIP52
|
SIEMENS AG
|
MB9038508 MB90387PMT MB90F387PMT MB90F387SPMT MB90 |
16-bit Proprietary Microcontrollers CMOS 16-bit Proprietary Microcontroller CMOS 16-BIT, FLASH, 16 MHz, MICROCONTROLLER, PQFP48
|
Fujitsu Component Limited. Fujitsu, Ltd.
|
UPD78012FYCW-XXX UPD78011FY UPD78018FYGC-XXX-AB8 U |
MICROCONTROLLER|8-BIT|UPD78K0 CPU|CMOS|SDIP|64PIN|PLASTIC (UPD7801xFY) 8-Bit Single-Chip Microcontroller MICROCONTROLLER|8-BIT|UPD78K0 CPU|CMOS|QFP|64PIN|PLASTIC
|
NEC Electronics
|
MB89537A MB89538A MB89535A MB89537ACPF MB89537AP M |
8-bit Original Microcontroller CMOS, F-2MC-8L MB89530A Series 8-BIT, MROM, 12.5 MHz, MICROCONTROLLER, PDSO64
|
Fujitsu Limited Fujitsu, Ltd. FUJITSU LTD
|
|