PART |
Description |
Maker |
5962-8757902XC 5962-8757901YX 5962-8757901XX 5962- |
Evaluation Kit for the MAX9713 500mW, Low EMI, Filterless, Class D Audio Amplifier Evaluation Kit for the MAX9710 Evaluation Kit for the MAX9716 Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers Evaluation Kit for the MAX9715 Evaluation Kit for the MAX9704, MAX9714 Evaluation Kit/Evaluation System for the MAX9851 Transceiver 收发 Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers 收发
|
Air Cost Control Vishay Intertechnology, Inc.
|
MAX6901EVSYS MAX6902EVKIT MAX6901EVKIT |
Evaluation System/Evaluation Kit for the MAX6901 Evaluation System/Evaluation Kit for the MAX6902
|
MAXIM - Dallas Semiconductor
|
25AA640T-I/SN 25AA640-I/ST 25AA640-I/P 25LC640X-E/ |
Evaluation Kit for the MAX1715 Evaluation Kit for the MAX1879 Evaluation Kit for the MAX1864 3µs, 12-Bit ADC Evaluation Kit for the MAX1717 Notebook CPU Step-Down Controller for Intel Mobile Voltage Positioning (IMVP-II) SPI串行EEPROM
|
Luxo, Corp.
|
25C040-P 25AA040-P 25LC040-P 25C040X-ST 25C040IN 2 |
Evaluation Kit for the MAX1748, MAX1779 Evaluation Kit for the MAX16803 Evaluation Kit for the MAX1760 High-Voltage, Step-Down DC-DC Controller in µMAX 500mA Low-Dropout Linear Regulator in UCSP Industry-Standard, 12-Bit ADC with Reference Evaluation Kit for the MAX1757, MAX1758 60mA, SOT23 Inverting Charge Pump with Shutdown Evaluation Kit for the MAX1700, MAX1701 125mA, Frequency-Selectable, Switched-Capacitor Voltage Converters Evaluation Kit for the MAX1684, MAX1685 Evaluation Kit for the MAX1698 Evaluation Kit for the MAX1692 Evaluation Kit for the MAX1703 Evaluation Kit for the MAX1820, MAX1821 Complete, 100ksps, 8-Channel, 12-Bit Data Acquisition Systems SPI串行EEPROM High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver SPI串行EEPROM Evaluation Kit for the MAX1744, MAX1745 SPI串行EEPROM SPI Serial EEPROM SPI串行EEPROM
|
Microchip Technology, Inc.
|
ADISEVAL ADIS16003PCBZ ADIS16006PCBZ ADIS16080 ADI |
iSensor?/a> PC Evaluation System iSensor PC Evaluation System iSensor垄芒 PC Evaluation System iSensor⑩ PC Evaluation System
|
Analog Devices
|
28F016SC 28F008SC |
12V PWM Controller with Hot-Swap Evaluation Kit/Evaluation System for the MAX5954L/MAX5954A 28F016SC -字节宽SmartVoltage FlashFile Memory系列48。及16兆比
|
Intel, Corp.
|
MAX4358EVKIT MAX4455EVKIT MAX4455EVSYS |
MAX4455 Evaluation Kit/Evaluation System
|
Maxim Integrated Products
|
MAX6660EVSYS MAX6660EVKIT |
Evaluation System/Evaluation Kit for the MAX6660
|
MAXIM - Dallas Semiconductor
|
MAX186EVKIT |
Evaluation Kit Evaluation System for the MAX186
|
MAXIM - Dallas Semiconductor
|
MAX6681EVKIT |
Evaluation System/Evaluation Kit for the MAX6681
|
MAXIM - Dallas Semiconductor
|
MAX6620EVCMAXQU |
Evaluation Kit/Evaluation System for the MAX6620
|
MAXIM - Dallas Semiconductor
|
MAX6902EVSYS |
Evaluation System/Evaluation Kit for the MAX6902
|
Maxim Integrated Products, Inc.
|