PART |
Description |
Maker |
MAX2402 |
MAX2402 Evaluation Kit
|
Maixm
|
MAX2402EVKIT MAX2402_1 MAX2402 MAX2402EVKIT-SO |
Evaluation Kit for the MAX2402
|
MAXIM[Maxim Integrated Products]
|
5962-8757104VXA 5962-8757104VYA 5962-8757102YA 596 |
Ultra-Low-Power, Single-Supply Op Amp Comparator Reference Evaluation Kit for the MAX9508 Evaluation Kit for the MAX9501 RGBHV Driver with EMI Suppression Temperature Transducer/Sensor 温度变送器/传感
|
Everlight Electronic Co., Ltd.
|
MAX6901EVSYS MAX6902EVKIT MAX6901EVKIT |
Evaluation System/Evaluation Kit for the MAX6901 Evaluation System/Evaluation Kit for the MAX6902
|
MAXIM - Dallas Semiconductor
|
MAX2363EVKIT MAX2361EVKIT |
Evaluation Kit for the MAX2363 Evaluation Kit for the MAX2361
|
Maxim
|
263371 263372 263373 263374 263375 263378 263379 2 |
Ultrasound Variable-Gain Amplifier Evaluation Kit for the MAX2039 High-Linearity, 1700MHz to 3000MHz Upconversion/Downconversion Mixer with LO Buffer/Switch Quad-Channel, Ultra-Low-Noise Amplifier with Digitally Programmable Input Impedance High-Linearity, 1700MHz to 2200MHz Upconversion/Downconversion Mixer with LO Buffer/Switch 0.1GHz to 3GHz, 75dB Logarithmic Detector/Controller Evaluation Kit for the MAX2016 5V, RS-232 Transceivers with 0.1µF External Capacitors Evaluation Kit for the MAX2015 8-/4-Channel, ±VREF Multirange Inputs, Serial 14-Bit ADCs High-Dynamic-Range, Direct Up-/Downconversion, 750MHz to 1200MHz Quadrature Modulator/Demodulator High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2300MHz Quadrature Mod/Demod High-Dynamic-Range, Direct Upconversion 1500MHz to 2500MHz Quadrature Modulator High-Linearity, 815MHz to 1000MHz Upconversion/Downconversion Mixer with LO Buffer/Switch 2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs Evaluation Kit for the MAX2043 Evaluation Kit for the MAX2027 Evaluation Kit for the MAX1036 MAX2023 Evaluation Kit PHOTOLUM.WARNING STRIPS PHOTOLUM.WARNING带钢 WARNING TAPES STD.LUMINOUS
|
Panduit, Corp.
|
MAX5723 MAX5724 MAX5725A MAX5725AEVKIT |
MAX5725A Evaluation Kit Evaluation Kit for the MAX5723, MAX5724, MAX5725A, and MAX5725B
|
Maxim Integrated Products Maxim Integrated Products, Inc.
|
MAX132EVKIT |
Evaluation Kit for the MAX132 MAX132 EVALUATION KIT From old datasheet system
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
MAX5417LEVKIT |
Evaluation Kit/Evaluation System for the MAX5417_, MAX5418_, and MAX5419_
|
MAXIM - Dallas Semiconductor
|
MAX2361EVKIT MAX2363WEVKIT MAX2361 MAX2363W |
Evaluation Kit for the MAX2361/MAX2363/MAX2365 Evaluation Kits
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|