PART |
Description |
Maker |
DC590A-1 DC742A DC609A-B DC590A DC682A DC746A DC75 |
QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 590 USB SERIAL CONTROLLER FOR LINEAR TECHNOLOGY QUICKEVAL-TM DEMO BOARDS LTC2449 Evaluation Sales LTC4259A Evaluation Kit USB Controller for QuickEval Evaulation Kits LTC1859 Evaluation Kit LTC2412 Evaluation Kit LTC4150 Evaluation Kit LTC2601 Evaluation Kit LTC2433-1 Evaluation Kit
|
Linear Integrated Syste... LINEAR[Linear Integrated Systems] Linear Technology
|
MAX1583XETB MAX1583YETB MAX1583ZETB MAX1583EVKIT M |
White LED Camera-Flash MAX1583 Evaluation Kit 1 A, 24 V, evaluation kit 500 mA, 24 V, evaluation kit 250 mA, 24 V, evaluation kit
|
MAXIM - Dallas Semiconductor
|
28C16A-20E/K 28C16A-20E/J 28C16A-20E/L 28C16A-15E/ |
Evaluation Kit for the MAX5092B, MAX5092A, MAX5093B, MAX5093A Evaluation Kit for the MAX5090 Evaluation Kit for the MAX5080, MAX5081, MAX5082, MAX5083 128Kx8 EEPROM 128Kx8 EEPROM
|
Microchip Technology, Inc.
|
5962-8757104VXA 5962-8757104VYA 5962-8757102YA 596 |
Ultra-Low-Power, Single-Supply Op Amp Comparator Reference Evaluation Kit for the MAX9508 Evaluation Kit for the MAX9501 RGBHV Driver with EMI Suppression Temperature Transducer/Sensor 温度变送器/传感
|
Everlight Electronic Co., Ltd.
|
2650D15 2650D05 2650D12 2650MD15 2650S05.2 2650MT1 |
ISDB-T 1- and 3-Segment Low-IF Tuners 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高RS - 232收发器与0.1uF电容 Evaluation Kit for the MAX2116, MAX2118 模拟IC Direct-Conversion to Low-IF Tuners for Digital Audio Broadcast 模拟IC Evaluation Kit for the MAX2160 模拟IC Complete DBS Direct-Conversion Tuner ICs with Monolithic VCOs 模拟IC Evaluation Kit for the MAX2130
|
Littelfuse, Inc. Advanced Interconnections, Corp. Maxim Integrated Products, Inc. Micro Commercial Components, Corp. STMicroelectronics N.V.
|
MAX2363EVKIT MAX2361EVKIT |
Evaluation Kit for the MAX2363 Evaluation Kit for the MAX2361
|
Maxim
|
263371 263372 263373 263374 263375 263378 263379 2 |
Ultrasound Variable-Gain Amplifier Evaluation Kit for the MAX2039 High-Linearity, 1700MHz to 3000MHz Upconversion/Downconversion Mixer with LO Buffer/Switch Quad-Channel, Ultra-Low-Noise Amplifier with Digitally Programmable Input Impedance High-Linearity, 1700MHz to 2200MHz Upconversion/Downconversion Mixer with LO Buffer/Switch 0.1GHz to 3GHz, 75dB Logarithmic Detector/Controller Evaluation Kit for the MAX2016 5V, RS-232 Transceivers with 0.1µF External Capacitors Evaluation Kit for the MAX2015 8-/4-Channel, ±VREF Multirange Inputs, Serial 14-Bit ADCs High-Dynamic-Range, Direct Up-/Downconversion, 750MHz to 1200MHz Quadrature Modulator/Demodulator High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2300MHz Quadrature Mod/Demod High-Dynamic-Range, Direct Upconversion 1500MHz to 2500MHz Quadrature Modulator High-Linearity, 815MHz to 1000MHz Upconversion/Downconversion Mixer with LO Buffer/Switch 2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs Evaluation Kit for the MAX2043 Evaluation Kit for the MAX2027 Evaluation Kit for the MAX1036 MAX2023 Evaluation Kit PHOTOLUM.WARNING STRIPS PHOTOLUM.WARNING带钢 WARNING TAPES STD.LUMINOUS
|
Panduit, Corp.
|
MAX4210EEVKIT MAX4210A |
MAX4210E Evaluation Kit From old datasheet system Evaluation Kit for the MAX4210E, MAX4210A/B/C/D/F
|
Maxim Integrated Products
|
B1006 B1001 B1002 B1007 B1004 PE-69301 PE-69300 PE |
HDSL Transformers for Brooktree and Level One Chipsets - (11/97) Match:BT8960 LT3468ES5/LT3468ES5-1 Evaluation Kit LT3435IFE Evaluation Kit LTC4259A Evaluation Kit HDSL Transformers for Brooktree and Level One Chipsets - (11/97) Match:BT8921/BT8970 HDSL变压器Brooktree和第一级芯片组- 1/97)匹配:BT8921/BT8970
|
Electronic Theatre Controls, Inc.
|
MAX9760EVSYS/EVKIT |
Evaluation System/Evaluation Kit for the MAX9760/MAX9761/MAX9762/MAX9763
|
Maxim Integrated Products, Inc.
|
MAX1954A MAX1954AEVKIT |
MAX1954A Evaluation Kit Evaluation Kit for the MAX1954A From old datasheet system
|
Maxim Integrated Products
|