PART |
Description |
Maker |
MAX1294 MAX1294ACEI MAX1294AEEI MAX1294BCEI MAX129 |
420ksps / 5V / 6-/2-Channel / 12-Bit ADCs with 2.5V Reference and Parallel Interface 420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
HI4-0508A-8 |
16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection; Temperature Range: -55°C to 125°C; Package: 20-LCC 8-CHANNEL, SGL ENDED MULTIPLEXER, CQCC20
|
Intersil, Corp.
|
FDS8958B |
30V Dual N & P-Channel PowerTrenchMOSFET Dual N & P-Channel PowerTrench? MOSFET Q1-N-Channel: 30 V, 6.4 A, 26 mΩ Q2-P-Channel: -30 V, -4.5 A, 51 mΩ Dual N & P-Channel PowerTrench垄莽 MOSFET Q1-N-Channel: 30 V, 6.4 A, 26 m楼? Q2-P-Channel: -30 V, -4.5 A, 51 m楼?
|
Fairchild Semiconductor
|
HI-506A HI1-0506A-2 HI1-0506A-5 HI1-0506A-8 HI1-05 |
16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection 16-CHANNEL, SGL ENDED MULTIPLEXER, CDIP28 16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection 8-CHANNEL, SGL ENDED MULTIPLEXER, CDIP16 16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection 4-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDIP16 16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection 4-CHANNEL, DIFFERENTIAL MULTIPLEXER, CDIP16 16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection 8-CHANNEL, DIFFERENTIAL MULTIPLEXER, CDIP28 16-Channel/ 8-Channel/ Differential 8-Channel and Differential 4-Channel/ CMOS Analog MUXs with Active Overvoltage Protection 64 MACROCELL 3.3 VOLT ISP CPLD - NOT RECOMMENDED for NEW DESIGN From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
HI1-0518-5 HI1-0518-8 HI3-0518-5 HI-518 FN3147 |
8-Channel/Differential 4-Channel,CMOS high speed andlog multiplexer 4-CHANNEL, DIFFERENTIAL MULTIPLEXER, CDIP18 RESISTOR POWER 125 OHM 8W 5% 4-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDIP18 8-Channel/Differential 4-Channel/ CMOS High Speed Analog Multiplexer 64 MACROCELL 3.3 VOLT ISP CPLD - NOT RECOMMENDED for NEW DESIGN 8-Channel/Differential 4-Channel, CMOS High Speed Analog Multiplexer 8-Channel/Differential 4-Channel CMOS High Speed Analog Multiplexer From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
HI-506A07 HI3-0508A-5Z |
16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection
|
Intersil Corporation
|
ADG506A ADG506ABQ ADG506AKN ADG506AKP ADG506AKR AD |
CMOS ± 15 V 8 Channel Analog Multiplexer CMOS 15 V 8 Channel Analog Multiplexer CMOS 8-/16-Channel Analog Multiplexers 16-CHANNEL, SGL ENDED MULTIPLEXER, PQCC28 Portable Work Lamp, 3.5 in x 5 in [76,2 mm x 127,0 mm], Spot Beam Pattern, 12 Vdc/50 W/4 A 8-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDIP28 16-Channel Multiplexer (Superior DG506A Replacement); Package: PLCC; No of Pins: 28; Temperature Range: Commercial 16-CHANNEL, SGL ENDED MULTIPLEXER, PQCC28
|
http:// AD[Analog Devices] Analog Devices, Inc.
|
FDS8926A |
Dual N-Channel Enhancement Mode Field Effect Transistor 5.5 A, 30 V, 0.03 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
UT6898G-S08-R UT6898G-S08-T UT6898L-S08-R UT6898L- |
N-CHANNEL ENHANCEMENT 9.4 A, 20 V, 0.014 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET LEAD FREE, SOP-8
|
Unisonic Technologies Co., Ltd.
|
FDG6313N FDG6313NNL |
25V Dual N-Channel, Digital FET 500 mA, 25 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET From old datasheet system
|
Fairchild Semiconductor, Corp.
|
CMLDM5757 |
SURFACE MOUNT DUAL P-CHANNEL ENHANCEMENT-MODE SILICON MOSFETS 430 mA, 20 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Central Semiconductor Corp
|
|