PART |
Description |
Maker |
ACF21U30C ACF21U30D ACF21U30A ACF21U12B ACF21U12C |
21.4MHz and 45MHz MONOLITHIC CRYSTAL FILTERS 1 FUNCTIONS, 21.4 MHz, 15 kHz BW(delta f), MONOLITHIC CRYSTAL FILTER 21.4MHz and 45MHz MONOLITHIC CRYSTAL FILTERS 1 FUNCTIONS, 21.4 MHz, 6 kHz BW(delta f), MONOLITHIC CRYSTAL FILTER 21.4MHz and 45MHz MONOLITHIC CRYSTAL FILTERS 1 FUNCTIONS, 45 MHz, 15 kHz BW(delta f), MONOLITHIC CRYSTAL FILTER
|
Abracon, Corp.
|
LTC3412AIUF-PBF LTC3412AIUF-TR LTC3412AIUF-TRPBF L |
3A, 4MHz, Monolithic Synchronous Step-Down Regulator
|
Linear Technology
|
LTC3418 LTC3418EUHF LT1616 LT1676 LT1765 LTC1879 L |
8A, 4MHz, Monolithic Synchronous Step-Down Regulator
|
LINER[Linear Technology]
|
21MS7.5A 21MS15B 21MS15A |
Surface Mounted Monolithic Crystal Filters 21.4MHz & 45MHz
|
AEL Crystals Ltd
|
ASCF45U8 ASCF21U ASCF21U15 ASCF21U20 ASCF21U30 ASC |
CERAMIC SURFACE-MOUNT 21.4MHz and 45MHz FUNDAMENTAL MONOLITHIC CRYSTAL FILTERS
|
ABRACON[Abracon Corporation]
|
LTC3612EFETRPBF |
3A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter; Package: 20-TSSOP; Temperature Range: –40°C to 125°C 6.8 A SWITCHING REGULATOR, 2700 kHz SWITCHING FREQ-MAX, PDSO20
|
Linear Technology, Corp.
|
MAX15021ATI MAX15021ATI/V |
Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Tracking/Sequencing Capability
|
Maxim Integrated Produc...
|
MAX1973 MAX1974 MAX1974EUB MAX1973EUB |
SMPSController
"Smallest 1A, 1.4MHz Step- Down Regulators" Smallest 1A, 1.4MHz Step-Down Regulators
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
LT1616 LT1616ES6 LT1616ES6TR LT1616ES6TRPBF LT1616 |
600mA, 1.4MHz Step-Down Switching Regulator in SOT-23 0.85 A SWITCHING REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO6 600mA, 1.4MHz Step-Down Switching Regulator in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C 0.85 A SWITCHING REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO6 1.4MHz, 600mA Step-Down Switching Regulator in SOT-23
|
Linear Technology, Corp.
|
LT1913 LT1913IDDTRPBF LT1913IDDPBF LT1913EDDPBF LT |
25V, 3.5A, 2.4MHz Step-Down Switching Regulator 25V, 3.5A, 2.4MHz Step-Down Switching Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 25V, 3.5A, 2.4MHz Step-Down Switching Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 85°C 6 A SWITCHING REGULATOR, 2700 kHz SWITCHING FREQ-MAX, PDSO10
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp. http://
|
LTCYM LT3680 LT3680IMSE-TRPBF LT3680IMSE-PBF LT368 |
36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75楼矛A Quiescent Current 36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75μA Quiescent Current
|
Linear Technology
|
AAT1112IWP-0.6-T1 AAT1112ITP-0.6-T1 AAT1112 |
1.5A, 1.4MHz Step-Down Converter
|
Advanced Analog Technology, Inc. Advanced Analogic Technologies
|