PART |
Description |
Maker |
ISL28413FVZ-T13 ISL28213FBZ-T13 ISL28213FHZ-T7 ISL |
Quad General Purpose Micropower, RRIO Operational Amplifier; Temperature Range: Full-Range Industrial; Package: 14 Ld TSSOP T R QUAD OP-AMP, 6000 uV OFFSET-MAX, 2 MHz BAND WIDTH, PDSO14 Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
|
Intersil, Corp. Intersil Corporation
|
MAX9021 MAX9021AUK-T MAX9021AXK-T MAX9022AKA-T MAX |
Micropower Ultra-Small Single/Dual/Quad Single-Supply Comparators "Micropower, Ultra-Small, Quad, Single- Supply Comparator" Micropower, Ultra-Small, Single/Dual/Quad, Single-Supply Comparators Micropower / Ultra-Small / Single/Dual/Quad / Single-Supply Comparators
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
LTC2055 LTC2055HVIMS8 LTC2054HVHS5 LTC2054HS5 LTC2 |
Single/Dual Micropower Zero-Drift Operational Amplifiers
|
Linear Technology
|
ALD2502DB ALD1502SA ALD1502PA ALD2502 ALD2502PB AL |
SINGLE/DUAL PRECISION HIGH SPEED MICROPOWER TIMER
|
ALD[Advanced Linear Devices]
|
RH1078M12 |
RH1078M Micropower, Dual, Single-Supply Precision Op Amp
|
Linear Technology
|
MAX679111 MAX6793 MAX6794 MAX6792 MAX6795 |
High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions
|
Maxim Integrated Products Maxim Integrated Produc...
|
ISL28413TSSOPEVAL1Z ISL28213MSOPEVAL2Z ISL2811310 |
Single, Dual, Quad General Purpose Micropower,RRIO Operational Amplifier
|
http:// Intersil Corporation
|
ISL28114FHZ-T7 ISL28114 ISL28114FEZ-T7 ISL28114FEZ |
Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
|
http:// Intersil Corporation
|
ISL2813010 ISL28230CUZ-T7 ISL28230CUZ-T7A ISL28230 |
Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
|
http:// Intersil Corporation
|
AM27C1024-300DIB AM27C1024-350/BUA AM27C1024-205DC |
Constant Frequency Current Mode Step-Up DC/DC Controller in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C High Efficiency Monolithic Synchronous Step-Down Regulator; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 150mA, Micropower, Low Noise, VLDO Linear Regulator; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C High Efficiency Thermoelectric Cooler Controller; Package: QFN; No of Pins: 32; Temperature Range: -40°C to 125°C High Efficiency Thermoelectric Cooler Controller; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C 8-Channel, 12-Bit, 1.25Msps Sampling ADCs; Package: SSOP; No of Pins: 48; Temperature Range: 0°C to 70°C x16 EPROM x16存储 Single and Dual Micropower High Side Switch Controllers in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C
|
OlympicControls, Corp.
|
ISL281660808 ISL28266FUZ-T7 |
39渭A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps 39楼矛A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
|
Intersil Corporation
|
MAX6791TP MAX679106 MAX6793TPYD4T MAX6793TPYD0T MA |
High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions 2-CHANNEL POWER SUPPLY MANAGEMENT CKT, QCC20
|
Maxim Integrated Products, Inc. Maxim Integrated Produc...
|