PART |
Description |
Maker |
LTC3539-2-15 LTC3407-4-15 |
2A, 1MHz/2MHz Synchronous Step-Up DC/DC Converters Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology
|
UCP-3.3/15-D48S UCP-3.3/15-D24N UCP-3.3/15-D48N UC |
5V STEP-DOWN CURRENT MODE PWM DC-DC CONVERTERS 3 A, 900 kHz, monolithic synchronous step-down regulator 2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification Synchronous rectification with enable, 0.7 A, 1.7 MHz fixed or adjustable step-down switching regulator in TSOT23-5L 型DC - DC电压转换 Synchronous rectification with inhibit, 1.5 A, 1.5 MHz fixed or adjustable, step-down switching regulator 型DC - DC电压转换
|
TE Connectivity, Ltd.
|
SC2441A09 |
1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
|
Semtech Corporation
|
LTC3834-1 LTC3834EGN-1-PBF LTC3834EGN-1-TRPBF LTC3 |
30μA IQ Synchronous Step-Down Controller 30楼矛A IQ Synchronous Step-Down Controller
|
Linear Technology
|
LTC3523 LTC3523-2 |
Synchronous 600mA Step-Up And 400mA Step-Down DC/DC Converters
|
Linear Technology Corporation
|
LTC3548-1 LTC3548EDD-1-PBF LTC3548EDD-1-TRPBF LTC3 |
Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology, Corp.
|
LTC3826IUH LTC3826IUH-PBF LTC3826IUH-TR LTC3826IUH |
30楼矛A IQ, Dual, 2-Phase Synchronous Step-Down Controller 30μA IQ, Dual, 2-Phase Synchronous Step-Down Controller
|
Linear Technology
|
LTC1879 LTC1879EGN |
1.2A Synchronous Step-Down Regulator with 15mA Quiescent Current 1.2A Synchronous Step-Down Regulator with 15uA Quiescent Current
|
Linear Technology
|
LTC3834 LTC3834EFE-PBF LTC3834EFE-TRPBF LTC3834EUF |
30µA IQ Synchronous Step-Down Controller; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 85°C 3 A SWITCHING CONTROLLER, 580 kHz SWITCHING FREQ-MAX, PDSO20 30µA IQ Synchronous Step-Down Controller; Package: QFN; No of Pins: 20; Temperature Range: -40°C to 125°C 3 A SWITCHING CONTROLLER, 580 kHz SWITCHING FREQ-MAX, PQCC20 30µA IQ Synchronous Step-Down Controller; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 125°C 3 A SWITCHING CONTROLLER, 580 kHz SWITCHING FREQ-MAX, PDSO20 30μA IQ Synchronous Step-Down Controller 30楼矛A IQ Synchronous Step-Down Controller
|
Linear Technology, Corp.
|
LTC1876EGTR |
High Efficiency, 2-Phase, Dual Synchronous Step-Down Switching Controller and Step-Up Regulator; Package: SSOP; No of Pins: 36; Temperature Range: -40°C to 125°C
|
LINEAR TECHNOLOGY CORP
|
LTC1876EGTRPBF |
High Efficiency, 2-Phase, Dual Synchronous Step-Down Switching Controller and Step-Up Regulator; Package: SSOP; No of Pins: 36; Temperature Range: -40°C to 125°C
|
LINEAR TECHNOLOGY CORP
|