PART |
Description |
Maker |
LT1964EDDPBF LT1964IDDPBF LT1964ES5-SDPBF LT1964IS |
200mA, Low Noise, Low Dropout Negative Micropower Regulator; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 125°C 1.22 V-20 V ADJUSTABLE NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO8 200mA, Low Noise, Low Dropout Negative Micropower Regulator 1.22 V-20 V ADJUSTABLE NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO5 200mA, Low Noise, Low Dropout Negative Micropower Regulator 5 V FIXED NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO5 200mA, Low Noise, Low Dropout Negative Micropower Regulator; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 5 V FIXED NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO5 1.22 V-20 V ADJUSTABLE NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO5 LEAD FREE, PLASTIC, MO-193, TSOT-23, 5 PIN 1.22 V-20 V ADJUSTABLE NEGATIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO5 PLASTIC, MO-193, TSOT-23, 5 PIN 200mA, Low Noise,Low Dropout Negative Micropower Regulator
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
CM3015-30MA CM3015-30ST CM3015-18MA CM3015-18ST CM |
Micropower, 300mA Low Dropout CMOS Regulator 微功耗,300mA低压差稳压器的CMOS TWO COLOR TWISTED PR 1000 微功耗,300mA低压差稳压器的CMOS Micropower, 300mA Low Dropout CMOS Regulator 微功耗,300mA低压差稳压器CMOS Micropower, 300mA Low Noise LDO CMOS Regulator
|
Electronic Theatre Controls, Inc. California Micro Devices Corp
|
REF191 REF191ES REF191FS REF191GBC REF191GP REF191 |
From old datasheet system Precision Micropower Low Dropout Voltage References Precision Micropower, Low Dropout, Voltage References
|
AD[Analog Devices]
|
MAX6063AEUR-T MAX6063BEUR-T MAX6062 MAX6064 MAX606 |
Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.048 V, PDSO3 Precision Micropower Low-Dropout High-Output-Current SOT23 Voltage References " Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References" Precision / Micropower / Low-Dropout / High-Output-Current / SOT23 Voltage References
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
NCV8184PDG NCV8184DTRKG NCV8184DG NCV8184DR2G NCV8 |
Micropower 70 mA Low Dropout Tracking Regulator/Line Driver ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8 Micropower 70 mA Low Dropout Tracking Regulator/Line Driver ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO4
|
ON Semiconductor
|
CS8182 CS8182YDF8 CS8182YDFR8 CS8182YDPS5 CS8182YD |
Micropower 200mA Low Dropout Tracking Regulator/Line Driver Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
|
ON Semiconductor ONSEMI
|
MC33275DT-3.0 MC33275DT-2.5G MC33275ST-3.0T3G MC33 |
300 mA, Low Dropout Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO3 300 mA, Low Dropout Voltage Regulator 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO3 LOW DROPOUT MICROPOWER VOLTAGE REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO3 300 mA, Low Dropout Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8 DualCool? N-Channel NexFET? Power MOSFET 8-SON -55 to 150
|
ON Semiconductor
|
LT1129 LT1129-3.3 LT1129-5 LT1129CQ LT1129CQ-3.3 L |
Octal Buffers/Line Drivers with 3-State Outputs 20-SOIC 0 to 70 3.3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO3 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO5 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO5 DSUB 13W3 F PCR/A BRAC B/L G Micropower Low Dropout Regulators with Shutdown From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
LT1121CZ-5PBF LT1121CZ-5TRPBF LT1121IZ-5PBF LT1121 |
Micropower Low Dropout Regulators with Shutdown; Package: TO-92; No of Pins: 3; Temperature Range: 0°C to 70°C 5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PBCY3 Micropower Low Dropout Regulators with Shutdown; Package: TO-92; No of Pins: 3; Temperature Range: 0°C to 70°C 3.8 V-30 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PBCY3 Micropower Low Dropout Regulators with Shutdown; Package: TO-92; No of Pins: 3; Temperature Range: -40°C to 85°C 5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PBCY3 Micropower Low Dropout Regulators with Shutdown; Package: TO-92; No of Pins: 3; Temperature Range: -40°C to 85°C 3.8 V-30 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PBCY3 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.8 V-30 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PDSO8 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PDSO4 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.8 V-30 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PDIP8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
|