PART |
Description |
Maker |
M38037M6-122FP M38037M6-133FP M38037M6-154FP M3803 |
RAM size: 2048bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes single chip 8-bit CMOS microcomputer RAM size: 768bytes single chip 8-bit CMOS microcomputer SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 3803/04 Group: General Purpose, with Flash RAM size: 256bytes single chip 8-bit CMOS microcomputer RAM size: 640bytes single chip 8-bit CMOS microcomputer RAM size: 896bytes single chip 8-bit CMOS microcomputer RAM size: 512bytes single chip 8-bit CMOS microcomputer RAM size: 384bytes single chip 8-bit CMOS microcomputer RAM size: 1024bytes single chip 8-bit CMOS microcomputer RAM size: 3804bytes single chip 8-bit CMOS microcomputer RAM size: 192bytes single chip 8-bit CMOS microcomputer
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
HY62256A HY62256AJ HY62256AJ-I HY62256ALJ HY62256A |
32Kx8bit CMOS SRAM, standby current=25uA, 70ns 32Kx8bit CMOS SRAM, standby current=25uA, 55ns 32Kx8bit CMOS SRAM, standby current=25uA, 85ns 32Kx8bit CMOS SRAM, standby current=100uA, 70ns 32Kx8bit CMOS SRAM, standby current=100uA, 85ns 32Kx8bit CMOS SRAM, standby current=1mA, 70ns 32Kx8bit CMOS SRAM, standby current=1mA, 85ns 32Kx8bit CMOS SRAM, standby current=1mA, 55ns 32Kx8bit CMOS SRAM 32Kx8bit CMOS SRAM Circular Connector; No. of Contacts:22; Series:MS27497; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:12; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No 32Kx8bit CMOS SRAM JT 22C 22#22D SKT RECP 32Kx8bit CMOS SRAM
|
Hynix Semiconductor, Inc. Hynix Semiconductor Inc. ETC HYNIX[Hynix Semiconductor] http://
|
MAX4605 MAX4606 MAX4605CSE MAX4605CPE MAX4605ESE M |
5<img src=http://dbserv.maxim-ic.com/images/ohm.gif width=12 height=9.Quad.SPST.CMOS Analog Switches 5Ω、四路、SPST、CMOS模拟开 5з, Quad, SPST, CMOS Analog Switches 5ohm, Quad, SPST, CMOS Analog Switches 5?, Quad, SPST, CMOS Analog Switches 5, Quad, SPST, CMOS Analog Switches 5 / Quad / SPST / CMOS Analog Switches
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
SM1120BDE SM1120BDS SM1120BDV SM1120BDW SM1120BDX |
CMOS with Enable/ Disable, 3rd Overtone Crystal Used CMOS with Enable/ Disable or Optional Stand By Mode (3.3 V) 2.5 V CMOS Clock Oscillators
|
Pletronics, Inc.
|
HY628100A HY628100AG HY628100ALG HY628100ALLG HY62 |
128Kx8bit CMOS SRAM, standby current 1 mA, 70ns 128Kx8bit CMOS SRAM, standby current 1 mA, 55ns 128Kx8bit CMOS SRAM 128Kx8bit CMOS SRAM Circular Connector; No. of Contacts:3; Series:MS27497; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:12; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No 128Kx8bit CMOS SRAM
|
HYNIX[Hynix Semiconductor] Hynix Semiconductor Inc. Hynix Semiconductor, Inc.
|
E0C6S46 |
Advanced Single-Chip CMOS、Super Low Voltage 4-Bit Microcomputer Consisting of the E0C6200 4-Bit CMOS Core CPU,Dot Matrix LCD Driver,Programmable SVD Circuit/Sound Generator(4位高级的、CMOS、单片微型计算机(含4位E0C62000中央处理器核点阵LCD驱动器,可编程SVD电路/声音发生器))
|
爱普生(中国)有限公
|
VCXO-701-EAW-SE VCXO-701-EAW-SF VCXO-701-EAW-SK VC |
Voltage Controlled Crystal Oscillator VCXO, CLOCK, 24.704 MHz, CMOS OUTPUT ROHS COMPLIANT, HERMETIC SEALED PACKAGE-6 VCXO, CLOCK, 14.318 MHz, CMOS OUTPUT ROHS COMPLIANT, HERMETIC SEALED PACKAGE-6 VCXO, CLOCK, 50 MHz, CMOS OUTPUT ROHS COMPLIANT, HERMETIC SEALED PACKAGE-6 VCXO, CLOCK, 50.688 MHz, CMOS OUTPUT ROHS COMPLIANT, HERMETIC SEALED PACKAGE-6 VCXO, CLOCK, 34.368 MHz, CMOS OUTPUT ROHS COMPLIANT, HERMETIC SEALED PACKAGE-6 VCXO, CLOCK, 25 MHz, CMOS OUTPUT ROHS COMPLIANT, HERMETIC SEALED PACKAGE-6 VCXO, CLOCK, 35.328 MHz, CMOS OUTPUT ROHS COMPLIANT, HERMETIC SEALED PACKAGE-6 VCXO, CLOCK, 20 MHz, CMOS OUTPUT VCXO, CLOCK, 16.384 MHz, CMOS OUTPUT VCXO, CLOCK, 6.176 MHz, CMOS OUTPUT VCXO, CLOCK, 32 MHz, CMOS OUTPUT VCXO, CLOCK, 30 MHz, CMOS OUTPUT VCXO, CLOCK, 32.768 MHz, CMOS OUTPUT VCXO, CLOCK, 24.576 MHz, CMOS OUTPUT VCXO, CLOCK, 54 MHz, CMOS OUTPUT VCXO, CLOCK, 51.84 MHz, CMOS OUTPUT VCXO, CLOCK, 1.544 MHz - 77.76 MHz, CMOS OUTPUT VCXO, CLOCK, 1.544 MHz, CMOS OUTPUT
|
Vectron International, Inc.
|
IDT7203L20J IDT7203L20JB IDT7204L20J IDT7204L20JB |
CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 CMOS ASYNCHRONOUS FIFO 2048 x 9 4096 x 9 8192 x 9 and 16384 x 9 RES,SMD,100,1%,0.063W,0603 High-speed double diode - Cd max.: 1.5 pF; Configuration: dual c.c. ; IF max: 215 mA; IFSM max: 4 A; IR max: 500@VR=80V nA; IFRM: 500 mA; trr max: 4 ns; VFmax: 1@IF=50mA mV; VR max: 80 V Schottky barrier diode - Cd max.: 100@VR=4V pF; Configuration: single ; IF: 1 A; IFSM max: 25 A; IR max: 1@VR=25V mA; VFmax: 450@IF=1A mV; VR: 25 V CMOS ASYNCHRONOUS FIFO 2048 x 9/ 4096 x 9/ 8192 x 9 and 16384 x 9 Trenchmos (tm) logic level FET - Configuration: Single N-channel ; I<sub>D</sub> DC: 0.34 A; R<sub>DS(on)</sub>: 3900@10V5300@4.5V mOhm; V<sub>DS</sub>max: 60 V 异步FIFO的CMOS 2048 × 9096 × 9192 × 96384 × 9 INSERT, COAX FEMALE STRAIGHTINSERT, COAX FEMALE STRAIGHT; Impedance:50R; Coaxial cable type:RG174AU/RG188AU/RG316AU 16K X 9 OTHER FIFO, 50 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 30 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 异步FIFO的CMOS 2048 × 9096 × 9192 × 96384 × 9 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 16K X 9 OTHER FIFO, 50 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 16K X 9 OTHER FIFO, 50 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 16K X 9 OTHER FIFO, 50 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 20 ns, PQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 8K X 9 OTHER FIFO, 50 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 80 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 80 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 25 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 8K X 9 OTHER FIFO, 20 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 20 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 8K X 9 OTHER FIFO, 50 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 20 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 20 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 65 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 65 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 50 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 50 ns, PQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 25 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 50 ns, PQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 65 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 65 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 65 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 80 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 80 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 80 ns, CDIP28
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc. Air Cost Control INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Techn...
|
CAT28F002 CAT28F002PI-90BT CAT28F002NI-90BT CAT28F |
90ns 2M-bit CMOS boot block flash memory 150ns 2M-bit CMOS boot block flash memory 120ns 2M-bit CMOS boot block flash memory 2 Megabit CMOS Boot Block Flash Memory High Speed CMOS Logic 8-Stage Shift-and-Store Bus Register with 3-Stage Outputs 16-PDIP -55 to 125
|
http:// CATALYST[Catalyst Semiconductor]
|
AS7C256 AS7C256-10 AS7C256-10JC AS7C256-10PC AS7C2 |
ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 35 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 10 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 25 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 12 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 12 ns, PDIP28 High Performance 32Kx8 CMOS SRAM 高性能32Kx8 CMOS SRAM High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 10 ns, PDIP28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 25 ns, PDIP28
|
ETC[ETC] ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp. Alliance Semiconductor ...
|
MCSO1FV_TBE MCSO1FV MCSO1FV_A MCSO1FV/A MCSO1FV/CE |
CRYSTAL OSCILLATOR, CLOCK, 72 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 66.3552 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 40.6 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 50 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 90 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 125 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 60.9 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 98.304 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 78 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 65 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 58.9824 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 65.536 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 50.75 MHz, CMOS OUTPUT 3.3V CMOS Oscillator Low Jitter CRYSTAL OSCILLATOR, CLOCK, 96 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 40.96 MHz, CMOS OUTPUT
|
Golledge Electronics, Ltd. GOLLEDGE[Golledge Electronics Ltd]
|
|