PART |
Description |
Maker |
MCSOF MCSOF_TBE MCSOF_A MCSOF/A MCSOF/TBE MCSOF/AE |
CRYSTAL OSCILLATOR, CLOCK, 72 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 49.152 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 40.6 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 125 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 132.7104 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 100 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 144 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 64 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 160 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 40 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 48 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 44.2368 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 110.592 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 102.4 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 128 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 117.946 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 150 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 104 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 108 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 131.072 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 40.96 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 50.75 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 60.9 MHz, CMOS OUTPUT 5V CMOS Oscillator Low Jitter
|
Golledge Electronics, Ltd. GOLLEDGE[Golledge Electronics Ltd]
|
MCSOH/AE40.6MHZ MCSOH/AE131.072MHZ MCSOH/AE32.768M |
CRYSTAL OSCILLATOR, CLOCK, 40.6 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 131.072 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 32.768 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 132.7104 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 22.1184 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 144 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 40.96 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 100 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 44.2368 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 102.4 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 48 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 150 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 104 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 25 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 40 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 49.152 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 24 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 36.864 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 160 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 60.9 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 32 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 66.3552 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 16 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 10 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 12.288 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 10.15 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 18.432 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 14.7456 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 96 MHz, CMOS/LSTTL OUTPUT CRYSTAL OSCILLATOR, CLOCK, 72 MHz, CMOS/LSTTL OUTPUT
|
Golledge Electronics, Ltd. GOLLEDGE ELECTRONICS LTD
|
KCO-760-4.9152MHZ-OUT21-STBY1 KCO-760-4.9152MHZ-OU |
CRYSTAL OSCILLATOR, CLOCK, 4.9152 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 44.736 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 33.333 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 3.6864 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 80 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 9.8304 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 18.432 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 28.6363 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 2.048 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 14.31818 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 15.36 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 49.152 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 35.716 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 16.384 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 56.448 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 60 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 35.328 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 100 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 32.768 MHz, CMOS OUTPUT CRYSTAL OSCILLATOR, CLOCK, 70 MHz, CMOS OUTPUT
|
Hokuriku Electric Industry Co., Ltd. HOKURIKU ELECTRIC INDUSTRY CO LTD
|
HCMS-2902 HCMS-2903 HCMS-2904 HCMS-2911 HCMS-2912 |
HCMS-2962 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2961 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2964 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2963 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2925 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2924 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2923 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2922 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2921 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2915 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2914 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2913 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2912 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2911 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2905 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2904 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2903 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2902 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2901 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2975-HI000 · High Performance CMOS 5 x 7 Alphanumeric Displays Bipolar Transistor; Collector Emitter Voltage, Vceo:350V; Transistor Polarity:NPN; Power Dissipation:1W; DC Current Gain Min (hfe):40; Collector Current:1A; Package/Case:3-TO-39; DC Current Gain Max (hfe):60; Terminal Type:5 T-PNP-SI-HV AF PWR AMP High Performance CMOS 5 x 7 Alphanumeric Displays 高性能CMOS 5 × 7字母数字显示
|
http:// Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)] Vishay Intertechnology, Inc.
|
MC14504B-D |
Hex Level Shifter for TTL to CMOS or CMOS to CMOS
|
ON Semiconductor
|
SM1145BDE SM1145BDS SM1145BDV SM1145BDW SM1145BDX |
CMOS with Enable/ Disable, 3rd Overtone Crystal Used CMOS with Enable/ Disable or Optional Stand By Mode (3.3 V) 2.5 V CMOS Clock Oscillators
|
Pletronics, Inc.
|
VTD3 VTD3-H12D-13M00 VTD3-J21A-12M80 VTD3-H23C-11M |
Voltage Controlled Temperature Compensated Crystal Oscillator TCVCXO, CLOCK, 13 MHz, CMOS OUTPUT TCVCXO, CLOCK, 12.8 MHz, CMOS OUTPUT TCVCXO, CLOCK, 11 MHz, CMOS OUTPUT TCVCXO, CLOCK, 16.8 MHz, CMOS OUTPUT TCVCXO, CLOCK, 14.31818 MHz, CMOS OUTPUT TCVCXO, CLOCK, 44.736 MHz, CMOS OUTPUT TCVCXO, CLOCK, 19.44 MHz, CMOS OUTPUT TCVCXO, CLOCK, 19.68 MHz, CMOS OUTPUT TCVCXO, CLOCK, 12.5 MHz, CMOS OUTPUT
|
Vectron International, Inc
|
E0C6S46 |
Advanced Single-Chip CMOS、Super Low Voltage 4-Bit Microcomputer Consisting of the E0C6200 4-Bit CMOS Core CPU,Dot Matrix LCD Driver,Programmable SVD Circuit/Sound Generator(4位高级的、CMOS、单片微型计算机(含4位E0C62000中央处理器核点阵LCD驱动器,可编程SVD电路/声音发生器))
|
爱普生(中国)有限公
|
E0C6S27 |
Advanced Single-Chip CMOS 4-Bit Microcomputer Consisting of the E0C6200A 4-Bit CMOS Core CPU,SVD Circuit,High Quality Display LCD Driver,Stepping-Motor Driver(4位高级的、CMOS、单片微型计算机(含4位E0C62000A中央处理器核SVD电路,高质量的LCD驱动器,步进电机驱动器))
|
爱普生(中国)有限公
|
IDT7203L20J IDT7203L20JB IDT7204L20J IDT7204L20JB |
CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 CMOS ASYNCHRONOUS FIFO 2048 x 9 4096 x 9 8192 x 9 and 16384 x 9 RES,SMD,100,1%,0.063W,0603 High-speed double diode - Cd max.: 1.5 pF; Configuration: dual c.c. ; IF max: 215 mA; IFSM max: 4 A; IR max: 500@VR=80V nA; IFRM: 500 mA; trr max: 4 ns; VFmax: 1@IF=50mA mV; VR max: 80 V Schottky barrier diode - Cd max.: 100@VR=4V pF; Configuration: single ; IF: 1 A; IFSM max: 25 A; IR max: 1@VR=25V mA; VFmax: 450@IF=1A mV; VR: 25 V CMOS ASYNCHRONOUS FIFO 2048 x 9/ 4096 x 9/ 8192 x 9 and 16384 x 9 Trenchmos (tm) logic level FET - Configuration: Single N-channel ; I<sub>D</sub> DC: 0.34 A; R<sub>DS(on)</sub>: 3900@10V5300@4.5V mOhm; V<sub>DS</sub>max: 60 V 异步FIFO的CMOS 2048 × 9096 × 9192 × 96384 × 9 INSERT, COAX FEMALE STRAIGHTINSERT, COAX FEMALE STRAIGHT; Impedance:50R; Coaxial cable type:RG174AU/RG188AU/RG316AU 16K X 9 OTHER FIFO, 50 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 30 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 异步FIFO的CMOS 2048 × 9096 × 9192 × 96384 × 9 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 16K X 9 OTHER FIFO, 50 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 16K X 9 OTHER FIFO, 50 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 16K X 9 OTHER FIFO, 50 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 20 ns, PQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 8K X 9 OTHER FIFO, 50 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 80 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 80 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 25 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 8K X 9 OTHER FIFO, 20 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 20 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 8K X 9 OTHER FIFO, 50 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 20 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 20 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 65 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 65 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 50 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 50 ns, PQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 25 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 50 ns, PQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 65 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 65 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 65 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 80 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 80 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 80 ns, CDIP28
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc. Air Cost Control INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Techn...
|
M6MGB_T166S2BWG M6MGB M6MGT166S2BWG E99007_A |
16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY & CMOS 3.3V-ONLY FLASH MEMORY & CMOS SRAM Stacked-CSP From old datasheet system
|
Mitsubishi
|
M38259EFDFP M38258E4-FP M38258E4-FS M38258E4-GP M3 |
3825 Series Microcontrollers: On-Chip Segment LCDDrivers with A-D Converter RAM size: 1536 bytes; single-chip 8-bit CMOS microcomputer RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
|