PART |
Description |
Maker |
E142-SERIES M342-SERIES T242-SERIES X242-SERIES E2 |
Transient Voltage Suppressor Diodes 100V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR3910 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7862PBF with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRL2203NS with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB260N with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF9410 with Standard Packaging 250V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU12N25D with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR4343 with Standard Packaging Peripheral IC 外围芯片
|
Bourns, Inc. Hoffman TOKO, Inc.
|
IRF8010L IRF8010S |
100V Single N-Channel HEXFET Power MOSFET in a D2Pak package 100V的单N沟道HEXFET功率MOSFET采用D2PAK封装 SMPS MOSFET 100V Single N-Channel HEXFET Power MOSFET in a TO-262 package
|
International Rectifier, Corp. http://
|
IRFL4310 IRFL4310TR |
HEXFET? Power MOSFET 1.6 A, 100 V, 0.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261AA Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=1.6A) 100V Single N-Channel HEXFET Power MOSFET in a SOT-223 package
|
IRF[International Rectifier]
|
IRF530NS IRF530L IRF530NL IRF530NSTRL IRF530NSTRR |
100V Single N-Channel HEXFET Power MOSFET in a TO-262 package 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
IRF[International Rectifier]
|
IRF9530NSTRR IRF9530NL IRF9530NSTRL |
-100V Single P-Channel HEXFET Power MOSFET in a D2-Pak package -100V Single P-Channel HEXFET Power MOSFET in a TO-262 package
|
International Rectifier
|
IRL540NSTRR IRL540NL |
100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 100V Single N-Channel HEXFET Power MOSFET in a TO-262 package
|
International Rectifier
|
IRFB4710PBF IRFS4710 |
100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier
|
JANTXV2N7224 JANTX2N7224 2N7224 IRFM150 |
HEXFET Transistor(HEXFET 晶体 的HEXFET晶体管(之HEXFET晶体管) REPETITIVE AVALANCHE RATED AND dv/dt RATED HEXFET? TRANSISTOR 100V Single N-Channel Hi-Rel MOSFET in a TO-254AA package
|
International Rectifier, Corp. IRF[International Rectifier]
|
X2114TTT X2111TTT X2112PTT X2118PFD X2118PET X2111 |
Analog IC 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR3709Z with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7403 with Lead Free Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFZ44EPBF with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU3518 with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-247AC package; A IRFP1405 with Standard Packaging 模拟IC
|
NXP Semiconductors N.V.
|
IRF520L IRF520NSTRR IRF520NSTRL |
Power MOSFET(Vdss=100V/ Rds(on)=0.20ohm/ Id=9.7A) 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier
|
IRF510S IRF510STRL IRF510STRR |
100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=100V, Rds(on)=0.54ohm, Id=5.6A)
|
IRF[International Rectifier]
|